Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24297RGET Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24297RGET
Description  I2C Controlled 3A Single Cell USB Charger With Narrow VDC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24297RGET Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24297RGET Datasheet HTML 5Page - Texas Instruments BQ24297RGET Datasheet HTML 6Page - Texas Instruments BQ24297RGET Datasheet HTML 7Page - Texas Instruments BQ24297RGET Datasheet HTML 8Page - Texas Instruments BQ24297RGET Datasheet HTML 9Page - Texas Instruments BQ24297RGET Datasheet HTML 10Page - Texas Instruments BQ24297RGET Datasheet HTML 11Page - Texas Instruments BQ24297RGET Datasheet HTML 12Page - Texas Instruments BQ24297RGET Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
bq24296
bq24297
www.ti.com
SLUSBP6A – SEPTEMBER 2013 – REVISED OCTOBER 2013
ELECTRICAL CHARACTERISTICS (continued)
VVBUS_UVLOZ < VVBUS < VACOV and VVBUS > VBAT + VSLEEP, TJ = –40°C to 125°C and TJ = 25°C for typical values unless other
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER PATH MANAGEMENT
Isys = 0A, BATFET (Q4) off, VBAT up to 4.2 V,
VSYS_RANGE
Typical system regulation voltage
3.5
4.35
V
REG01[3:1]=101, VSYSMIN = 3.5 V
VSYS_MIN
System voltage output
REG01[3:1]=101, VSYSMIN = 3.5 V
3.5
3.65
V
Top reverse blocking MOSFET on-
RON(RBFET)
28
41
m
Ω
resistance between VBUS and PMIID
TJ = –40°C – 85°C
39
51
Internal top switching MOSFET on-
RON(HSFET)
m
Ω
resistance between PMID and SW
TJ = -40°C – 125°C
39
58
TJ = –40°C – 85°C
61
82
Internal bottom switching MOSFET on-
RON(LSFET)
m
Ω
resistance between SW and PGND
TJ = -40°C – 125°C
61
90
BATFET forward voltage in supplement
VFWD
BAT discharge current 10mA
30
mV
mode
VSYS_BAT
SYS/BAT Comparator
VSYS falling
70
mV
VBATGD
Battery good comparator rising threshold
VBAT rising
3.55
V
VBATGD_HYST
Battery good comparator falling threshold
VBAT falling
100
mV
BATTERY CHARGER
VBAT_REG_ACC
Charge voltage regulation accuracy
VBAT = 4.112V and 4.208V
–0.5
0.5
%
VBAT = 3.8V, ICHG = 1024mA, TJ = 25°C
-4
4
%
IICHG_REG_ACC
Fast charge current regulation accuracy
VBAT = 3.8V, ICHG = 1024mA, TJ = -20°C – 125°C
-7
7
%
VBAT = 3.8V, ICHG = 2112mA, TJ = -20°C – 125°C
–10
10
%
VBAT = 3.1V, ICHG = 104mA, REG02=03 and
ICHG_20pct
Charge current with 20% option on
75
175
mA
REG02[0]=1
VBATLOWV
Battery LOWV falling threshold
Fast charge to precharge, REG04[1] = 1
2.6
2.8
2.9
V
Precharge to fast charge, REG04[1] = 1
VBATLOWV_HYST
Battery LOWV rising threshold
2.8
3.0
3.1
V
(Typical 200mV hysteresis)
IPRECHG_ACC
Precharge current regulation accuracy
VBAT = 2.6V, ICHG = 256mA
–20
20
%
ITYP_TERM_ACC
Typical Termination current
ITERM = 256mA, ICHG = 2048mA
265
mA
ITERM_ACC
Termination current accuracy
ITERM = 256mA, ICHG = 2048mA
–22.5
22.5
%
VSHORT
Battery Short Voltage
VBAT falling
2.0
V
VSHORT_HYST
Battery Short Voltage hysteresis
VBAT rising
200
mV
ISHORT
Battery short current
VBAT<2.2V
100
mA
VRECHG
Recharge threshold below VBAT_REG
VBAT falling, REG04[0] = 0
100
mV
tRECHG
Recharge deglitch time
VBAT falling, REG04[0]=0
20
ms
TJ = 25°C
24
28
RON_BATFET
SYS-BAT MOSFET on-resistance
m
Ω
TJ = –40°C – 125°C
24
35
INPUT VOLTAGE/CURRENT REGULATION
VINDPM_REG_ACC
Input voltage regulation accuracy
-2
2
%
USB100
85
100
mA
USB150
125
150
mA
USB Input current regulation limit, VBUS =
IUSB_DPM
5V, current pulled from SW
USB500
440
500
mA
USB900
750
900
mA
IADPT_DPM
Input current regulation accuracy
IADP=1.5A, REG00[2:0]=101
1.3
1.5
A
IIN_START
Input current limit during system start up
VSYS<2.2V
100
mA
KILIM
IIN = KILIM/RILIM
IINDPM = 1.5A
395
435
475
A x
Ω
D+/D- DETECTION (bq24297)
VD+_SRC
D+ voltage source
0.5
0.7
V
ID+_SRC
D+ connection check current source
7
14
µA
ID–_SINK
D– current sink
50
100
150
µA
D–, switch open
–1
1
µA
ID_LKG
Leakage current into D+/D–
D+, switch open
–1
1
µA
VD+_LOW
D+ Low comparator threshold
0.8
V
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: bq24296 bq24297


Similar Part No. - BQ24297RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24297RGET TI1-BQ24297RGET Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297RGET TI1-BQ24297RGET Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
More results

Similar Description - BQ24297RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24296M TI-BQ24296M_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24296M I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24298 TI-BQ24298_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24298 I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24295RGER TI-BQ24295RGER Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC 4.5-5.5V Adjustable Voltage at 1.5A Synchronous Boost Operation
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com