Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25505 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25505
Description  Ultra Low Power Boost Charger with Battery Management and Autonomous Power
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25505 Datasheet(HTML) 2 Page - Texas Instruments

  BQ25505 Datasheet HTML 1Page - Texas Instruments BQ25505 Datasheet HTML 2Page - Texas Instruments BQ25505 Datasheet HTML 3Page - Texas Instruments BQ25505 Datasheet HTML 4Page - Texas Instruments BQ25505 Datasheet HTML 5Page - Texas Instruments BQ25505 Datasheet HTML 6Page - Texas Instruments BQ25505 Datasheet HTML 7Page - Texas Instruments BQ25505 Datasheet HTML 8Page - Texas Instruments BQ25505 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
bq25505
SLUSBJ3B – AUGUST 2013 – REVISED JANUARY 2014
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (CONTINUED)
Once started, the boost charger can effectively extract power from low voltage output harvesters such as TEGs
or single or dual cell solar panels. The boost charger can be started with VIN as low as 330 mV, and once
started, can continue to harvest energy down to VIN = 100 mV.
The bq25505 implements a programmable maximum power point tracking (MPPT) sampling network to optimize
the transfer of power into the device. Sampling of the VIN_DC open circuit voltage is programmed using external
resistors, and that sample voltage is held with an external capacitor. For example solar cells that operate at
maximum power point (MPP) of 80% of their open circuit voltage, the resistor divider can be set to 80% of the
VIN_DC voltage and the network will control the VIN_DC to operate near that sampled reference voltage.
Alternatively, an external reference voltage can be provide by a MCU to produce a more complex MPPT
algorithm.
The bq25505 was designed with the flexibility to support a variety of energy storage elements. The availability of
the sources from which harvesters extract their energy can often be sporadic or time-varying. Systems will
typically need some type of energy storage element, such as a re-chargeable battery, super capacitor, or
conventional capacitor. The storage element will make certain constant power is available when needed for the
systems. The storage element also allows the system to handle any peak currents that can not directly come
from the input source. To prevent damage to the storage element, both maximum and minimum voltages are
monitored against the internally programmed undervoltage (UV) and user programmable overvoltage (OV) levels.
To further assist users in the strict management of their energy budgets, the bq25505 toggles the battery good
flag to signal an attached microprocessor when the voltage on an energy storage battery or capacitor has
dropped below a pre-set critical level. This should trigger the shedding of load currents to prevent the system
from entering an undervoltage condition. The OV and battery good thresholds are programmed independently.
In addition to the boost charging front end, bq25505 provides the system with an autonomous power multiplexor
gate drive. The gate drivers allow two storage elements to be multiplexed autonomously in order to provide a
single power rail to the system load. This multiplexor is based off the VBAT_OK threshold which is resistor
programmable by the user. This allows the user to set the level when the system is powered by the energy
harvester storage element, e.g. rechargable battery or super capacitor or a primary non-rechargeable battery
(e.g. two AA batteries). This type of hybrid system architecture allows for the run-time of a typical battery
powered systems to be extended based on the amount of energy available from the harvester. If there is not
sufficient energy to run the system due to extended "dark time", the primary battery is autonomously switched to
the main system rail within 8 µsec in order to provide uninterrupted operation.
All the capabilities of bq25505 are packed into a small foot-print 20-lead 3.5 mm x 3.5 mm QFN package.
2
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links :bq25505


Similar Part No. - BQ25505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25505 TI1-BQ25505 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra Low Power Boost Charger with Battery Management and Autonomous Power Multiplexor
BQ25505RGRR TI1-BQ25505RGRR Datasheet
1Mb / 34P
[Old version datasheet]   Ultra Low Power Boost Charger with Battery Management and Autonomous Power Multiplexor
BQ25505RGRT TI1-BQ25505RGRT Datasheet
1Mb / 34P
[Old version datasheet]   Ultra Low Power Boost Charger with Battery Management and Autonomous Power Multiplexor
More results

Similar Description - BQ25505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25505 TI1-BQ25505 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra Low Power Boost Charger with Battery Management and Autonomous Power Multiplexor
BQ25570RGRR TI1-BQ25570RGRR Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger
logo
Analog Devices
ADP5360 AD-ADP5360 Datasheet
1Mb / 60P
   Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
logo
Texas Instruments
BQ25570 TI1-BQ25570 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger, and Nano-Powered Buck Converter
BQ25570 TI1-BQ25570_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra Low Power Harvester Power Management IC with Boost Charger, and Nano-Powered Buck Converter
TPS80032 TI1-TPS80032 Datasheet
2Mb / 127P
[Old version datasheet]   Fully Integrated Power Management With Power Path and Battery Charger
TWL6032 TI1-TWL6032 Datasheet
533Kb / 11P
[Old version datasheet]   Fully Integrated Power Management with Power Path and Battery Charger
BQ25504 TI-BQ25504 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra Low Power Boost Converter with Battery Management for Energy Harvester Applications
logo
Monolithic Power System...
MP2635 MPS-MP2635 Datasheet
1Mb / 33P
   2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2633A MPS-MP2633A Datasheet
1Mb / 33P
   1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com