Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ500212ARGZR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ500212ARGZR
Description  Low System Cost, Wireless Power Controller for WPC TX A5 or A11
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ500212ARGZR Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ500212ARGZR Datasheet HTML 7Page - Texas Instruments BQ500212ARGZR Datasheet HTML 8Page - Texas Instruments BQ500212ARGZR Datasheet HTML 9Page - Texas Instruments BQ500212ARGZR Datasheet HTML 10Page - Texas Instruments BQ500212ARGZR Datasheet HTML 11Page - Texas Instruments BQ500212ARGZR Datasheet HTML 12Page - Texas Instruments BQ500212ARGZR Datasheet HTML 13Page - Texas Instruments BQ500212ARGZR Datasheet HTML 14Page - Texas Instruments BQ500212ARGZR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
bq500212A
www.ti.com
SLUSBD6B – JULY 2013 – REVISED NOVEMBER 2013
Application Information
Coils and Matching Capacitors
The coil and matching capacitor selection for the transmitter has been established by WPC standard. These
values are fixed and cannot be changed on the transmitter side.
An up to date list of available and compatible A5 or A11 transmitter coils can be found here (Texas Instruments
Literature Number SLUA649):
Capacitor selection is critical to proper system operation. A total capacitance value of 400 nF is required in the
resonant tank. A 400-nF capacitor is not a standard value and therefore several must be combined in parallel. It
is recommended to use 4 x 100nF, as these are very commonly available.
NOTE
A total capacitance value of 400 nF/50 V is required in the resonant tank to achieve a 100-
kHz resonance frequency.
To achieve the 400nF total capacitance in the resonant tank, the bq500212A sensitive demodulation circuitry
allows the use of three (3) lower cost 100nF/X7R type capacitors in parallel with one (1) high quality 100nF/C0G
type, thereby reducing system cost from competitive solutions requiring four C0G types.
The capacitors chosen must be rated for 50 V operation. Use quality capacitors from reputable vendors such as
KEMET, MURATA or TDK.
Dynamic Power Limiting™
Dynamic Power Limiting™ (DPL) allows operation from a 5-V supply with limited current capability (such as a
USB port). When the input voltage is observed drooping, the output power is dynamically limited to reduce the
load and provides margin relative to the supply’s capability.
Anytime the DPL control loop is regulating the operating point of the transmitter, the LED will indicate that DPL is
active. The LED color and flashing pattern are determined by the LED Table. If the receiver sends a Control
Error Packet (CEP) with a negative value, (for example, to reduce power to the load), the WPTX in DPL mode
will respond to this CEP via the normal WPC control loop.
NOTE
The power limit indication depends on the LED_MODE selected.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq500212A


Similar Part No. - BQ500212ARGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500212ARGZR TI1-BQ500212ARGZR Datasheet
1Mb / 29P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A5 or A11
More results

Similar Description - BQ500212ARGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500212A TI1-BQ500212A_17 Datasheet
1Mb / 29P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A5 or A11
BQ500412 TI1-BQ500412 Datasheet
922Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500412 TI1-BQ500412 Datasheet
928Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500511 TI1-BQ500511 Datasheet
1Mb / 30P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
BQ500511A TI1-BQ500511A Datasheet
139Kb / 7P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
logo
Richtek Technology Corp...
RT1650 RICHTEK-RT1650 Datasheet
1Mb / 26P
   Wireless Power Receiver Compliant with WPC
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
   5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
logo
Wurth Elektronik GmbH &...
760308101 WURTH-760308101 Datasheet
758Kb / 6P
   WE-WPC Wireless Power Charging Coil
logo
Kinetic Technologies.
KTE7001 KINETIC-KTE7001 Datasheet
207Kb / 2P
   15W Wireless Power Receiver for WPC/Qi BPP/EPP
September 2021 - Revision 04d
logo
NXP Semiconductors
MWCT1000DS NXP-MWCT1000DS Datasheet
2Mb / 43P
   Low power (5 W) solution for Wireless Power Consortium (WPC) compliant transmitter design
Rev. 1.0, 02/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com