Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ500212ARGZT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ500212ARGZT
Description  Low System Cost, Wireless Power Controller for WPC TX A5 or A11
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ500212ARGZT Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ500212ARGZT Datasheet HTML 4Page - Texas Instruments BQ500212ARGZT Datasheet HTML 5Page - Texas Instruments BQ500212ARGZT Datasheet HTML 6Page - Texas Instruments BQ500212ARGZT Datasheet HTML 7Page - Texas Instruments BQ500212ARGZT Datasheet HTML 8Page - Texas Instruments BQ500212ARGZT Datasheet HTML 9Page - Texas Instruments BQ500212ARGZT Datasheet HTML 10Page - Texas Instruments BQ500212ARGZT Datasheet HTML 11Page - Texas Instruments BQ500212ARGZT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
bq500212A
SLUSBD6B – JULY 2013 – REVISED NOVEMBER 2013
www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NO.
NAME
32
GND
GND.
33
Digital core 3.3-V supply. Be sure to decouple with bypass capacitors as close to the part as
V33D
possible.
34
Analog 3.3-V Supply. This pin can be derived from V33D supply, decouple with 10-
Ω resistor
V33A
and additional bypass capacitors
35
BPCAP
Bypass capacitor for internal 1.8-V core regulator. Connect bypass capacitor to GND.
36
GND
GND.
37
COMM_A+
I
Digital demodulation non-inverting input A, connect parallel to input B+.
38
COMM_A-
I
Digital demodulation inverting input A, connect parallel to input B-.
39
COMM_B+
I
Digital demodulation non-inverting input B, connect parallel to input A+.
40
COMM_B-
I
Digital demodulation inverting input B, connect parallel to input A-.
41
RESERVED
O
Reserved, leave this pin open.
42
I
Transmitter input current, used for efficiency calculations. Use 20-m
Ω sense resistor and
I_SENSE
A=50 gain current sense amplifier.
43
LOSS_THR
I
Input to program FOD/PMOD thresholds and FOD_CAL correction.
44
LED_MODE
I
Input to select from four LED modes.
45
PWR_UP
I
Connected to external test circuit or LED drive circuit.
46
I
Transmitter input voltage, used for efficiency calculations. Use 76.8-k
Ω to 10-kΩ divider to
V_SENSE
minimize quiescent current.
47
GND
GND.
48
ADCREF
I
External Reference Voltage Input. Connect this input to GND.
49
EPAD
Flood with copper GND plane and stitch vias to PCB internal GND plane.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq500212A


Similar Part No. - BQ500212ARGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500212ARGZT TI1-BQ500212ARGZT Datasheet
1Mb / 29P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A5 or A11
More results

Similar Description - BQ500212ARGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500212A TI1-BQ500212A_17 Datasheet
1Mb / 29P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A5 or A11
BQ500412 TI1-BQ500412 Datasheet
922Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500412 TI1-BQ500412 Datasheet
928Kb / 28P
[Old version datasheet]   Low System Cost, Wireless Power Controller for WPC TX A6
BQ500511 TI1-BQ500511 Datasheet
1Mb / 30P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
BQ500511A TI1-BQ500511A Datasheet
139Kb / 7P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
logo
Richtek Technology Corp...
RT1650 RICHTEK-RT1650 Datasheet
1Mb / 26P
   Wireless Power Receiver Compliant with WPC
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
   5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
logo
Wurth Elektronik GmbH &...
760308101 WURTH-760308101 Datasheet
758Kb / 6P
   WE-WPC Wireless Power Charging Coil
logo
Kinetic Technologies.
KTE7001 KINETIC-KTE7001 Datasheet
207Kb / 2P
   15W Wireless Power Receiver for WPC/Qi BPP/EPP
September 2021 - Revision 04d
logo
NXP Semiconductors
MWCT1000DS NXP-MWCT1000DS Datasheet
2Mb / 43P
   Low power (5 W) solution for Wireless Power Consortium (WPC) compliant transmitter design
Rev. 1.0, 02/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com