Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ771612 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ771612
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ771612 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ771612 Datasheet HTML 4Page - Texas Instruments BQ771612 Datasheet HTML 5Page - Texas Instruments BQ771612 Datasheet HTML 6Page - Texas Instruments BQ771612 Datasheet HTML 7Page - Texas Instruments BQ771612 Datasheet HTML 8Page - Texas Instruments BQ771612 Datasheet HTML 9Page - Texas Instruments BQ771612 Datasheet HTML 10Page - Texas Instruments BQ771612 Datasheet HTML 11Page - Texas Instruments BQ771612 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
−3.88
−3.86
−3.84
−3.82
−3.80
−3.78
−3.76
−3.74
−3.72
−3.70
−3.68
−50
−25
0
25
50
75
100
125
Temperature (°C)
G005
0
1
2
3
4
5
6
7
8
0
5
10
15
20
25
30
VDD (V)
G006
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
−50
−25
0
25
50
75
100
125
Temperature (°C)
G003
0.6
0.8
1.0
1.2
1.4
1.6
1.8
−50
−25
0
25
50
75
100
125
Temperature (°C)
G004
4.30
4.31
4.32
4.33
4.34
4.35
4.36
4.37
4.38
4.39
4.40
−50
−25
0
25
50
75
100
125
Temperature (°C)
Mean
Min
Max
G001
0.312
0.313
0.314
0.315
0.316
−50
−25
0
25
50
75
100
125
Temperature (°C)
G002
bq771600, bq771601, bq771602, bq771604
SLUSAX0A – DECEMBER 2012 – REVISED SEPTEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS
Figure 4. Overvoltage Threshold (OVT) vs.
Figure 5. Hysteresis VHYS vs. Temperature
Temperature
Figure 6. IDD Current Consumption vs.
Figure 7. ICELL vs. Temperature
Temperature at VDD = 16 V
at VCELL= 9.2 V
Figure 8. Output Current IOUT vs.
Figure 9. VOUT vs. VDD
Temperature
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: bq771600 bq771601 bq771602 bq771604


Similar Part No. - BQ771612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771612 TI1-BQ771612 Datasheet
884Kb / 23P
[Old version datasheet]   External Delay Capacitor
BQ771612DPJR TI1-BQ771612DPJR Datasheet
884Kb / 23P
[Old version datasheet]   External Delay Capacitor
BQ771612DPJT TI1-BQ771612DPJT Datasheet
884Kb / 23P
[Old version datasheet]   External Delay Capacitor
More results

Similar Description - BQ771612

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700 TI-BQ294700 Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI1-BQ2947_17 Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI-BQ2947 Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771808 TI1-BQ771808 Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com