Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD19503KCS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19503KCS
Description  80 V N-Channel NexFET??Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19503KCS Datasheet(HTML) 3 Page - Texas Instruments

  CSD19503KCS Datasheet HTML 1Page - Texas Instruments CSD19503KCS Datasheet HTML 2Page - Texas Instruments CSD19503KCS Datasheet HTML 3Page - Texas Instruments CSD19503KCS Datasheet HTML 4Page - Texas Instruments CSD19503KCS Datasheet HTML 5Page - Texas Instruments CSD19503KCS Datasheet HTML 6Page - Texas Instruments CSD19503KCS Datasheet HTML 7Page - Texas Instruments CSD19503KCS Datasheet HTML 8Page - Texas Instruments CSD19503KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
0
20
40
60
80
100
120
140
160
180
200
0
0.4
0.8
1.2
1.6
2
VDS - Drain-to-Source Voltage (V)
VGS =10V
VGS =8V
VGS =6V
G001
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
VGS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 5V
G001
CSD19503KCS
www.ti.com
SLPS479 – DECEMBER 2013
TYPICAL MOSFET CHARACTERISTICS
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD19503KCS


Similar Part No. - CSD19503KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19503KCS TI1-CSD19503KCS Datasheet
768Kb / 10P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFETs
logo
Inchange Semiconductor ...
CSD19503KCS ISC-CSD19503KCS Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - CSD19503KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19503KCS TI1-CSD19503KCS Datasheet
768Kb / 10P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFETs
CSD19501KCS TI1-CSD19501KCS Datasheet
814Kb / 10P
[Old version datasheet]   CSD19501KCS, 80 V N-Channel NexFET Power MOSFETs
CSD19505KCS TI1-CSD19505KCS Datasheet
820Kb / 10P
[Old version datasheet]   CSD19505KCS, 80 V N-Channel NexFET Power MOSFETs
CSD17581Q5A TI1-CSD17581Q5A Datasheet
337Kb / 13P
[Old version datasheet]   V N-Channel NexFET Power MOSFETs
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD16556Q5B TI-CSD16556Q5B Datasheet
908Kb / 12P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFETs
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com