Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608C0G1H121J Datasheet(PDF) 7 Page - TDK Electronics

Part # C1608C0G1H121J
Description  Multilayer Ceramic Chip Capacitors General use
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1608C0G1H121J Datasheet(HTML) 7 Page - TDK Electronics

Back Button C1608C0G1H121J Datasheet HTML 3Page - TDK Electronics C1608C0G1H121J Datasheet HTML 4Page - TDK Electronics C1608C0G1H121J Datasheet HTML 5Page - TDK Electronics C1608C0G1H121J Datasheet HTML 6Page - TDK Electronics C1608C0G1H121J Datasheet HTML 7Page - TDK Electronics C1608C0G1H121J Datasheet HTML 8Page - TDK Electronics C1608C0G1H121J Datasheet HTML 9Page - TDK Electronics C1608C0G1H121J Datasheet HTML 10Page - TDK Electronics C1608C0G1H121J Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
(6/30)
007-02 / 20110907 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION)
TEMPERATURE CHARACTERISTICS: C0G(0±30ppm/°C)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
1nF
1005
0.50±0.05
±5%
C1005C0G1H102J(050BA)
1608
0.80±0.10
±5%
C1608C0G1H102J(080AA)
2012
0.60±0.10
±5%
C2012C0G1H102J(060AA)
1.2nF
1608
0.80±0.10
±5%
C1608C0G1H122J(080AA)
2012
0.60±0.10
±5%
C2012C0G1H122J(060AA)
1.5nF
1608
0.80±0.10
±5%
C1608C0G1H152J(080AA)
2012
0.60±0.10
±5%
C2012C0G1H152J(060AA)
1.8nF
1608
0.80±0.10
±5%
C1608C0G1H182J(080AA)
2012
0.60±0.10
±5%
C2012C0G1H182J(060AA)
2.2nF
1608
0.80±0.10
±5%
C1608C0G1H222J(080AA)
2012
0.60±0.10
±5%
C2012C0G1H222J(060AA)
0.85±0.10
±5%
C2012C0G1H222J(085AA)
1.25±0.10
±5%
C2012C0G1H222J(125AA)
2.7nF
1608
0.80±0.10
±5%
C1608C0G1H272J(080AA)
2012
0.60±0.10
±5%
C2012C0G1H272J(060AA)
3.3nF
1608
0.80±0.10
±5%
C1608C0G1H332J(080AA)
2012
0.60±0.10
±5%
C2012C0G1H332J(060AA)
0.85±0.10
±5%
C2012C0G1H332J(085AA)
1.25±0.10
±5%
C2012C0G1H332J(125AA)
3.9nF
1608
0.80±0.10
±5%
C1608C0G1H392J(080AA)
2012
0.60±0.10
±5%
C2012C0G1H392J(060AA)
0.85±0.10
±5%
C2012C0G1H392J(085AA)
1.25±0.10
±5%
C2012C0G1H392J(125AA)
4.7nF
1608
0.80±0.10
±5%
C1608C0G1H472J(080AA)
2012
0.60±0.10
±5%
C2012C0G1H472J(060AA)
0.85±0.10
±5%
C2012C0G1H472J(085AA)
1.25±0.10
±5%
C2012C0G1H472J(125AA)
5.6nF
1608
0.80±0.10
±5%
C1608C0G1H562J(080AA)
2012
0.60±0.10
±5%
C2012C0G1H562J(060AA)
0.85±0.10
±5%
C2012C0G1H562J(085AA)
1.25±0.10
±5%
C2012C0G1H562J(125AA)
6.8nF
1608
0.80±0.10
±5%
C1608C0G1H682J(080AA)
2012
0.60±0.10
±5%
C2012C0G1H682J(060AA)
1.25±0.10
±5%
C2012C0G1H682J(125AA)
8.2nF
1608
0.80±0.10
±5%
C1608C0G1H822J(080AA)
2012
0.60±0.10
±5%
C2012C0G1H822J(060AA)
1.25±0.10
±5%
C2012C0G1H822J(125AA)
10nF
1608
0.80±0.10
±5%
C1608C0G1H103J(080AA)
2012
0.60±0.10
±5%
C2012C0G1H103J(060AA)
3216
0.60+0.10/–0.20
±5%
C3216C0G1H103J(060AA)
15nF
2012
0.85±0.10
±5%
C2012C0G1H153J(085AA)
3216
0.60+0.10/–0.20
±5%
C3216C0G1H153J(060AA)
22nF
2012
1.25±0.10
±5%
C2012C0G1H223J(125AA)
3216
0.60+0.10/–0.20
±5%
C3216C0G1H223J(060AA)
33nF
2012
1.25±0.10
±5%
C2012C0G1H333J(125AA)
3216
0.85±0.10
±5%
C3216C0G1H333J(085AA)
47nF
3216
1.15±0.10
±5%
C3216C0G1H473J(115AA)
3225
2.00±0.20
±5%
C3225C0G1H473J(200AA)
4532
1.60±0.15
±5%
C4532C0G1H473J(160KA)
68nF
3216
1.60±0.10
±5%
C3216C0G1H683J(160AA)
3225
2.00±0.20
±5%
C3225C0G1H683J(200AA)
4532
1.60±0.15
±5%
C4532C0G1H683J(160KA)
100nF
3216
1.60±0.20
±5%
C3216C0G1H104J(160AA)
3225
2.50±0.30
±5%
C3225C0G1H104J(250AA)
4532
2.00±0.20
±5%
C4532C0G1H104J(200KA)
150nF
4532
2.50±0.30
±5%
C4532C0G1H154J(250KA)
220nF
4532
3.20±0.30
±5%
C4532C0G1H224J(320KA)


Similar Part No. - C1608C0G1H121J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608C0G1H121J TDK-C1608C0G1H121J Datasheet
190Kb / 7P
   Ceramic Capacitors For General Use SMD
C1608C0G1H121J TDK-C1608C0G1H121J Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
C1608C0G1H121J(080AA) TDK-C1608C0G1H121J(080AA) Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608C0G1H121J080AA TDK-C1608C0G1H121J080AA Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C1608C0G1H121J080AA TDK-C1608C0G1H121J080AA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1608C0G1H121J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X7R1E475K TDK-C3216X7R1E475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1C474K TDK-C3216X7R1C474K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
CGA2B3X7R1E104K050BB TDK-CGA2B3X7R1E104K050BB Datasheet
73Kb / 8P
   Multilayer Ceramic Chip Capacitors For automobile(General use)
logo
Murata Manufacturing Co...
C02E MURATA1-C02E_V01 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com