Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJA105K025RNJ Datasheet(PDF) 8 Page - AVX Corporation

Part # TAJA105K025RNJ
Description  Surface Mount Tantalum Capacitors
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJA105K025RNJ Datasheet(HTML) 8 Page - AVX Corporation

Back Button TAJA105K025RNJ Datasheet HTML 4Page - AVX Corporation TAJA105K025RNJ Datasheet HTML 5Page - AVX Corporation TAJA105K025RNJ Datasheet HTML 6Page - AVX Corporation TAJA105K025RNJ Datasheet HTML 7Page - AVX Corporation TAJA105K025RNJ Datasheet HTML 8Page - AVX Corporation TAJA105K025RNJ Datasheet HTML 9Page - AVX Corporation TAJA105K025RNJ Datasheet HTML 10Page - AVX Corporation TAJA105K025RNJ Datasheet HTML 11Page - AVX Corporation TAJA105K025RNJ Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
7
TAJ Series
AVX
Case
Capacitance
DCL
DF
ESR
Part No.
Size
µF
(µA)
%
max. (
Ω)
Max.
Max.
@ 100 kHz
20 volt @ 85°C (13 volt @ 125°C)
TAJA684*020
A
0.68
0.5
4
12.0
TAJA105*020
A
1.0
0.5
4
9.0
TAJA155*020
A
1.5
0.5
6
6.5
TAJA225*020
A
2.2
0.5
6
5.3
TAJB225*020
B
2.2
0.5
6
3.5
TAJA335*020
A
3.3
0.7
6
4.5
TAJB335*020
B
3.3
0.7
6
3.0
TAJA475*020
A
4.7
1.0
6
4.0
TAJB475*020
B
4.7
1.0
6
3.0
TAJC475*020
C
4.7
1.0
6
2.8
TAJB685*020
B
6.8
1.4
6
2.5
TAJC685*020
C
6.8
1.4
6
2.0
TAJB106*020
B
10
2.0
6
2.1
TAJC106*020
C
10
2.0
6
1.9
TAJB156*020
B
15
3.0
6
2.0
TAJC156*020
C
15
3.0
6
2.0
TAJD156*020
D
15
3.0
6
1.1
TAJC226*020
C
22
4.4
6
1.6
TAJD226*020
D
22
4.4
6
0.9
TAJC336*020
C
33
6.6
6
1.5
TAJD336*020
D
33
6.6
6
0.9
TAJD476*020
D
47
9.4
6
0.9
TAJD686*020
D
68
13.6
6
0.9
TAJE686*020
E
68
13.6
6
0.9
TAJV107*020
V
100
20.0
8
0.9
25 volt @ 85°C (16 volt @ 125°C)
TAJA474*025
A
0.47
0.5
4
14.0
TAJA684*025
A
0.68
0.5
4
10.0
TAJA105*025
A
1.0
0.5
4
8.0
TAJA155*025
A
1.5
0.5
6
7.5
TAJB155*025
B
1.5
0.5
6
5.0
TAJA225*025
A
2.2
0.6
6
7.0
TAJB225*025
B
2.2
0.6
6
4.5
TAJB335*025
B
3.3
0.8
6
3.5
TAJC335*025
C
3.3
0.8
6
2.8
TAJB475*025
B
4.7
1.2
6
2.8
TAJC475*025
C
4.7
1.2
6
2.4
TAJB685*025
B
6.8
1.7
6
2.8
TAJC685*025
C
6.8
1.7
6
2.0
TAJC106*025
C
10
2.5
6
1.8
TAJD106*025
D
10
2.5
6
1.2
TAJD156*025
D
15
3.8
6
1.0
TAJC226*025
C
22
5.5
6
1.4
TAJD226*025
D
22
5.5
6
0.9
TAJD336*025
D
33
8.3
6
0.9
TAJE336*025
E
33
8.3
6
0.9
TAJD476*025
D
47
11.8
6
0.9
AVX
Case
Capacitance
DCL
DF
ESR
Part No.
Size
µF
(µA)
%
max. (
Ω)
Max.
Max.
@ 100 kHz
35 volt @ 85°C (23 volt @ 125°C)
TAJA104*035
A
0.1
0.5
4
24.0
TAJA154*035
A
0.15
0.5
4
21.0
TAJA224*035
A
0.22
0.5
4
18.0
TAJA334*035
A
0.33
0.5
4
15.0
TAJA474*035
A
0.47
0.5
4
12.0
TAJB474*035
B
0.47
0.5
4
10.0
TAJA684*035
A
0.68
0.5
4
8.0
TAJB684*035
B
0.68
0.5
4
8.0
TAJA105*035
A
1.0
0.5
4
7.5
TAJB105*035
B
1.0
0.5
4
6.5
TAJA155*035
A
1.5
0.5
6
7.5
TAJB155*035
B
1.5
0.5
6
5.2
TAJC155*035
C
1.5
0.5
6
4.5
TAJB225*035
B
2.2
0.8
6
4.2
TAJC225*035
C
2.2
0.8
6
3.5
TAJB335*035
B
3.3
1.2
6
3.5
TAJC335*035
C
3.3
1.2
6
2.5
TAJB475*035
B
4.7
1.6
6
3.1
TAJC475*035
C
4.7
1.6
6
2.2
TAJD475*035
D
4.7
1.6
6
1.5
TAJC685*035
C
6.8
2.4
6
1.8
TAJD685*035
D
6.8
2.4
6
1.3
TAJC106*035
C
10.0
3.5
6
1.6
TAJD106*035
D
10.0
3.5
6
1.0
TAJC156*035
C
15.0
5.3
6
1.4
TAJD156*035
D
15.0
5.3
6
0.9
TAJD226*035
D
22.0
7.7
6
0.9
TAJE226*035
E
22.0
7.7
6
0.9
TAJD336*035
D
33.0
11.6
6
0.9
50 volt @ 85°C (33 volt @ 125°C)
TAJA104*050
A
0.1
0.5
4
22.0
TAJA154*050
A
0.15
0.5
4
15.0
TAJB154*050
B
0.15
0.5
4
17.0
TAJA224*050
A
0.22
0.5
4
18.0
TAJB224*050
B
0.22
0.5
4
14.0
TAJB334*050
B
0.33
0.5
4
12.0
TAJC474*050
C
0.47
0.5
4
8.0
TAJC684*050
C
0.68
0.5
4
7.0
TAJC105*050
C
1.0
0.5
4
5.5
TAJC155*050
C
1.5
0.8
6
4.5
TAJD155*050
D
1.5
0.8
6
4.0
TAJD225*050
D
2.2
1.1
6
2.5
TAJD335*050
D
3.3
1.7
6
2.0
TAJD475*050
D
4.7
2.4
6
1.4
TAJD685*050
D
6.8
3.4
6
1.0
TAJE106*050
E
10.0
5.0
8
0.9
RATINGS & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C measured at
120 Hz, 0.5V RMS unless otherwise stated.
*Insert K for ±10% and M for ±20%.
NOTE: We reserve the right to supply higher specification parts in the
same case size, to the same reliability standards.
For parametric information on development codes, please contact your
local AVX sales office.


Similar Part No. - TAJA105K025RNJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA105K025R AVX-TAJA105K025R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
More results

Similar Description - TAJA105K025RNJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
Vishay Siliconix
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Kemet Corporation
T496X227M010ATE500 KEMET-T496X227M010ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com