Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGS3132U Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # UGS3132U
Description  ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UGS3132U Datasheet(HTML) 6 Page - Allegro MicroSystems

  UGS3132U Datasheet HTML 1Page - Allegro MicroSystems UGS3132U Datasheet HTML 2Page - Allegro MicroSystems UGS3132U Datasheet HTML 3Page - Allegro MicroSystems UGS3132U Datasheet HTML 4Page - Allegro MicroSystems UGS3132U Datasheet HTML 5Page - Allegro MicroSystems UGS3132U Datasheet HTML 6Page - Allegro MicroSystems UGS3132U Datasheet HTML 7Page - Allegro MicroSystems UGS3132U Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3132 AND 3133
BIPOLAR
HALL-EFFECT SWITCHES
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Dwg. MH-003E mm
1.60
1.50
0.46
0.44
0.35
0.48
0.36
1.27
1
2
3
2.54
45
°
SEE NOTE
4.65
4.52
4.60
4.47
15.24
14.23
2.18
MAX
Dwg. MH-003E in
0.063
0.059
0.018
0.0173
0.0138
0.0189
0.0142
0.050
1
2
3
0.100
45
°
SEE NOTE
0.183
0.178
0.181
0.176
0.600
0.560
0.086
MAX
PACKAGE DESIGNATOR ‘U’
Dimensions in Inches
(controlling dimensions)
Dimensions in Millimeters
(for reference only)
NOTES: 1. Tolerances on package height and width represent allowable mold offsets. Dimensions given are measured at the widest
point (parting line).
2. Exact body and lead configuration at vendor’s option within limits shown.
3. Height does not include mold gate flash.
4. Recommended minimum PWB hole diameter to clear transition area is 0.035" (0.89 mm).
5. Where no tolerance is specified, dimension is nominal.
Devices in the ‘U’ package are
NOT RECOMMENDED FOR NEW DESIGN


Similar Part No. - UGS3132U

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UGS3130LL ALLEGRO-UGS3130LL Datasheet
408Kb / 8P
   HALL-EFFECT SWITCHES
UGS3130LT ALLEGRO-UGS3130LT Datasheet
408Kb / 8P
   HALL-EFFECT SWITCHES
UGS3130U ALLEGRO-UGS3130U Datasheet
408Kb / 8P
   HALL-EFFECT SWITCHES
UGS3130UA ALLEGRO-UGS3130UA Datasheet
408Kb / 8P
   HALL-EFFECT SWITCHES
More results

Similar Description - UGS3132U

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3132 ALLEGRO-A3132 Datasheet
122Kb / 6P
   ULTRA-SENSITIVE BIPOLAR HALL-EFFECT SWITCHES
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3210EUA ALLEGRO-A3210EUA Datasheet
861Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3213 ALLEGRO-A3213_16 Datasheet
654Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
A3211 ALLEGRO-A3211 Datasheet
376Kb / 13P
   Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
A3213 ALLEGRO-A3213 Datasheet
326Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
A3425 ALLEGRO-A3425 Datasheet
575Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A1230 ALLEGRO-A1230_16 Datasheet
822Kb / 17P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A1230 ALLEGRO-A1230 Datasheet
392Kb / 16P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
3425 ALLEGRO-3425 Datasheet
207Kb / 12P
   DUAL, CHOPPER-STABILIZED, ULTRA-SENSITIVE, BIPOLAR HALL-EFFECT SWITCH
August 21, 2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com