Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3248 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3248
Description  LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3248 Datasheet(HTML) 2 Page - Texas Instruments

  LM3248 Datasheet HTML 1Page - Texas Instruments LM3248 Datasheet HTML 2Page - Texas Instruments LM3248 Datasheet HTML 3Page - Texas Instruments LM3248 Datasheet HTML 4Page - Texas Instruments LM3248 Datasheet HTML 5Page - Texas Instruments LM3248 Datasheet HTML 6Page - Texas Instruments LM3248 Datasheet HTML 7Page - Texas Instruments LM3248 Datasheet HTML 8Page - Texas Instruments LM3248 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
SW_
BUCK
OUT_
BOOST
SW_
BOOST
SW_
BOOST
SW_
BOOST
PVIN_
BOOST
PVIN_
BOOST
FB_
BUCK
ENABLE
ATB2
PVIN_
BUCK
NC
SW_
BUCK
OUT_
BOOST
PGND
ACB
DGND
PVIN_
BUCK
ATB1
ACB
PGND
SGND_
BUCK
SGND_
BOOST
BOOST_
GATE
MODE
VDD2_
BUCK
VDD1_
BUCK
BGND
VCON
VDD_
BOOST
A
B
C
D
E
F
1
2
3
4
5
LM3248
SNVSA01A – JULY 2013 – REVISED SEPTEMBER 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LM3248 utilizes step-up (Boost) and variable output step-down (Buck) DC/DC converters. Combining a
cascaded Boost and Buck converter in a single package is ideal for powering the latest multimode/multi-standard
RF power amplifiers. The Boost converter provides the RF power subsystem the capability to operate at lower
battery voltages as well as to maintain increased PA linearity and transmit power margins over a wider battery
voltage supply range.
The Buck has a unique Active Current assist and analog Bypass (ACB) feature to minimize inductor size without
any loss of output regulation for the entire battery voltage and RF output power range, until dropout. ACB
provides a parallel current path, when needed, to limit the maximum inductor current while still driving a 2.5A
load. The LM3248 may also be configured as a Buck-only converter with a boost bypass feature to enable
highest efficiency operation with minimal dropout voltage when the Boost is not needed.
The LM3248 automatically and seamlessly transitions between Pulse Width Modulation (PWM) and Pulse
Frequency Modulation (PFM) modes for high-efficiency operation with both full and light load conditions.
Connection Diagram
Figure 1. 30-Bump Thin DSBGA Package (0.4 mm pitch)
(Top View, bumps down)
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3248


Similar Part No. - LM3248

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
LM3248TME/NOPB TI1-LM3248TME/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
LM3248TMX/NOPB TI1-LM3248TMX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
More results

Similar Description - LM3248

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
logo
Linear Technology
LTC3112 LINER-LTC3112_15 Datasheet
683Kb / 32P
   15V, 2.5A Synchronous Buck-Boost DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN28 SIGE-AATIAN28 Datasheet
130Kb / 6P
   1MHz 2.5A Buck DC/DC Converter
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
   Buck-boost DC-DC converter
October 2014 Rev 4
logo
Anachip Corp
AP1503 ANACHIP-AP1503 Datasheet
151Kb / 5P
   300Khz, 2.5A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
TD1507 ETC1-TD1507 Datasheet
381Kb / 11P
   2.5A 150KHZ PWM Buck DC/DC Converter
logo
Diodes Incorporated
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
   BUCK/BOOST MODE DC-DC CONVERTER
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com