Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3248TMENOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LM3248TMENOPB
Description  LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3248TMENOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3248TMENOPB Datasheet HTML 16Page - Texas Instruments LM3248TMENOPB Datasheet HTML 17Page - Texas Instruments LM3248TMENOPB Datasheet HTML 18Page - Texas Instruments LM3248TMENOPB Datasheet HTML 19Page - Texas Instruments LM3248TMENOPB Datasheet HTML 20Page - Texas Instruments LM3248TMENOPB Datasheet HTML 21Page - Texas Instruments LM3248TMENOPB Datasheet HTML 22Page - Texas Instruments LM3248TMENOPB Datasheet HTML 23Page - Texas Instruments LM3248TMENOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
LM3248
SNVSA01A – JULY 2013 – REVISED SEPTEMBER 2013
www.ti.com
PCB LAYOUT CONSIDERATIONS
Overview
PC board layout is critical to successfully designing a DC-DC converter into a product. A properly planned board
layout optimizes the performance of a DC-DC converter and minimizes effects on surrounding circuitry while also
addressing manufacturing issues that can have adverse impacts on board quality and final product yield.
PCB
Poor board layout can disrupt the performance of a DC-DC converter and surrounding circuitry by contributing to
EMI, ground bounce, and resistive voltage loss in the traces. Erroneous signals could be sent to the DC-DC
converter IC, resulting in poor regulation or instability. Poor layout can also result in re-flow problems leading to
poor solder joints between the DSBGA package and board pads. Poor solder joints can result in erratic or
degraded performance of the converter.
Energy Efficiency
Minimize resistive losses by using wide traces between the power components and doubling up traces on
multiple layers when possible.
EMI
By its very nature, any switching converter generates electrical noise. The circuit board designer’s challenge is to
minimize, contain, or attenuate such switcher-generated noise. A high-frequency switching converter, such as the
LM3248, switches Ampere-level currents within nanoseconds, and the traces interconnecting the associated
components can act as radiating antennas. The following guidelines are offered to help to ensure that EMI is
maintained within tolerable levels.
To help minimize radiated noise:
Place the LM3248 DC-DC converter, its input capacitor, and output filter inductor and capacitor close
together, and make the interconnecting traces as short as possible.
Arrange the components so that the switching current loops curl in the same direction. During the first half of
each cycle, current flows from the input filter capacitor, through the internal PFET of the LM3248 and the
inductor, to the output filter capacitor, then back through ground, forming a current loop. In the second half of
each cycle, current is pulled up from ground, through the internal synchronous NFET of the LM3248 by the
inductor, to the output filter capacitor and then back through ground, forming a second current loop. Routing
these loops so the current curls in the same direction prevents magnetic field reversal between the two half-
cycles and reduces radiated noise.
Make the current loop area(s) as small as possible. Interleave doubled traces with ground planes or return
paths, where possible, to further minimize trace inductances.
To help minimize conducted noise in the ground-plane:
Reduce the amount of switching current that circulates through the ground plane by connecting the ground
bumps of the LM3248 and the boost output/buck input filter capacitors together using generous component-
side copper fill as a pseudo-ground plane. Then connect this copper fill to the system ground-plane by
multiple vias. The multiple vias help to minimize ground bounce at the LM3248 by giving it a low-impedance
ground connection.
To help minimize coupling to the DC-DC converter's own voltage feedback trace:
Route noise sensitive traces, such as the voltage feedback path (FB_BUCK), as directly as possible from the
switcher FB_BUCK pad to the VOUT pad of the output capacitor, but keep them away from noisy traces
between the power components.
20
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3248


Similar Part No. - LM3248TMENOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3248TME/NOPB TI1-LM3248TME/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
More results

Similar Description - LM3248TMENOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
logo
Linear Technology
LTC3112 LINER-LTC3112_15 Datasheet
683Kb / 32P
   15V, 2.5A Synchronous Buck-Boost DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN28 SIGE-AATIAN28 Datasheet
130Kb / 6P
   1MHz 2.5A Buck DC/DC Converter
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
   Buck-boost DC-DC converter
October 2014 Rev 4
logo
Anachip Corp
AP1503 ANACHIP-AP1503 Datasheet
151Kb / 5P
   300Khz, 2.5A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
TD1507 ETC1-TD1507 Datasheet
381Kb / 11P
   2.5A 150KHZ PWM Buck DC/DC Converter
logo
Diodes Incorporated
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
   BUCK/BOOST MODE DC-DC CONVERTER
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com