Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK00334RTVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMK00334RTVT
Description  LMK00334 4-Output PCIe/Gen1/Gen2/Gen3 Clock Buffer/Level Translator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK00334RTVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMK00334RTVT Datasheet HTML 7Page - Texas Instruments LMK00334RTVT Datasheet HTML 8Page - Texas Instruments LMK00334RTVT Datasheet HTML 9Page - Texas Instruments LMK00334RTVT Datasheet HTML 10Page - Texas Instruments LMK00334RTVT Datasheet HTML 11Page - Texas Instruments LMK00334RTVT Datasheet HTML 12Page - Texas Instruments LMK00334RTVT Datasheet HTML 13Page - Texas Instruments LMK00334RTVT Datasheet HTML 14Page - Texas Instruments LMK00334RTVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
50
100
150
200
250
300
350
400
DIFFERENTIAL INPUT SLEW RATE (V/ns)
Fclk=100 MHz
Int. BW=1-20 MHz
HCSL
LVCMOS
CLKin Source
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
50
100
150
200
250
300
350
400
450
500
DIFFERENTIAL INPUT SLEW RATE (V/ns)
Fclk=156.25 MHz
Int. BW=1-20 MHz
HCSL
CLKin Source
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-170
-165
-160
-155
-150
-145
-140
DIFFERENTIAL INPUT SLEW RATE (V/ns)
Fclk=100 MHz
Foffset=20 MHz
HCSL
LVCMOS
CLKin Source
16
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-165
-160
-155
-150
-145
-140
-135
DIFFERENTIAL INPUT SLEW RATE (V/ns)
Fclk=156.25 MHz
Foffset=20 MHz
HCSL
CLKin Source
0
1
2
3
4
5
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
TIME (ns)
0
1
2
3
4
5
6
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
TIME (ns)
Vcco=3.3 V, AC coupled, 50
load
Vcco=2.5 V, AC coupled, 50
load
LMK00334
www.ti.com
SNAS635 – DECEMBER 2013
TYPICAL CHARACTERISTICS
Unless otherwise specified: Vcc = 3.3 V, Vcco = 3.3 V, TA = 25 °C, CLKin driven differentially, input slew rate ≥ 3 V/ns.
HCSL Output Swing @ 250 MHz
LVCMOS Output Swing @ 250 MHz
Figure 5.
Figure 6.
Noise Floor vs. CLKin Slew Rate @ 100 MHz
Noise Floor vs. CLKin Slew Rate @ 156.25 MHz
Figure 7.
Figure 8.
RMS Jitter vs. CLKin Slew Rate @ 100 MHz
RMS Jitter vs. CLKin Slew Rate @ 156.25 MHz
Figure 9.
Figure 10.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMK00334


Similar Part No. - LMK00334RTVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00334RTVT TI1-LMK00334RTVT Datasheet
2Mb / 31P
[Old version datasheet]   Four-Output PCIe/Gen1/Gen2/Gen3 Clock Buffer/Level Translator
LMK00334RTVTQ1 TI1-LMK00334RTVTQ1 Datasheet
2Mb / 29P
[Old version datasheet]   Four-Output PCIe/Gen1/Gen2/Gen3/Gen4 Clock Buffer and Level Translator
More results

Similar Description - LMK00334RTVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00334 TI1-LMK00334_14 Datasheet
2Mb / 31P
[Old version datasheet]   Four-Output PCIe/Gen1/Gen2/Gen3 Clock Buffer/Level Translator
LMK00334-Q1 TI1-LMK00334-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   Four-Output PCIe/Gen1/Gen2/Gen3/Gen4 Clock Buffer and Level Translator
logo
Pericom Semiconductor C...
PI6CEQ20200 PERICOM-PI6CEQ20200 Datasheet
875Kb / 9P
   PCIe Gen2 / Gen3 Buffer
logo
Renesas Technology Corp
ICS9DB423 RENESAS-ICS9DB423 Datasheet
512Kb / 21P
   4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI
2019
logo
Integrated Device Techn...
ICS9DB102 IDT-ICS9DB102_10 Datasheet
187Kb / 13P
   Two Output Differential Buffer for PCIe Gen1 & Gen2
logo
Renesas Technology Corp
ICS9DB102 RENESAS-ICS9DB102 Datasheet
301Kb / 14P
   Two Output Differential Buffer for PCIe Gen1 & Gen2
2019
ICS9DB803D RENESAS-ICS9DB803D Datasheet
458Kb / 23P
   EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
2019
ICS9DB823B RENESAS-ICS9DB823B Datasheet
482Kb / 23P
   EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
2019
logo
Skyworks Solutions Inc.
SI53258 SKYWORKS-SI53258 Datasheet
822Kb / 42P
   8/4-Output PCIe Gen1/2/3/4/5 Clock Buffer
Revision A July, 2022
logo
Integrated Device Techn...
ICS9FG1200D-1 IDT-ICS9FG1200D-1 Datasheet
292Kb / 23P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com