Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK00338RTAT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMK00338RTAT
Description  LMK00338 8-Output Differential Clock Buffer/Level Translator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK00338RTAT Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMK00338RTAT Datasheet HTML 7Page - Texas Instruments LMK00338RTAT Datasheet HTML 8Page - Texas Instruments LMK00338RTAT Datasheet HTML 9Page - Texas Instruments LMK00338RTAT Datasheet HTML 10Page - Texas Instruments LMK00338RTAT Datasheet HTML 11Page - Texas Instruments LMK00338RTAT Datasheet HTML 12Page - Texas Instruments LMK00338RTAT Datasheet HTML 13Page - Texas Instruments LMK00338RTAT Datasheet HTML 14Page - Texas Instruments LMK00338RTAT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
50
100
150
200
250
300
350
400
450
500
DIFFERENTIAL INPUT SLEW RATE (V/ns)
Fclk=156.25 MHz
Int. BW=1-20 MHz
HCSL
CLKin Source
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
50
100
150
200
250
300
350
400
DIFFERENTIAL INPUT SLEW RATE (V/ns)
Fclk=100 MHz
Int. BW=1-20 MHz
HCSL
LVCMOS
CLKin Source
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-170
-165
-160
-155
-150
-145
-140
DIFFERENTIAL INPUT SLEW RATE (V/ns)
Fclk=100 MHz
Foffset=20 MHz
HCSL
LVCMOS
CLKin Source
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-165
-160
-155
-150
-145
-140
-135
DIFFERENTIAL INPUT SLEW RATE (V/ns)
Fclk=156.25 MHz
Foffset=20 MHz
HCSL
CLKin Source
0
1
2
3
4
5
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
TIME (ns)
0
1
2
3
4
5
6
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
TIME (ns)
Vcco=3.3 V, AC coupled, 50
load
Vcco=2.5 V, AC coupled, 50
load
LMK00338
www.ti.com
SNAS636 – DECEMBER 2013
TYPICAL CHARACTERISTICS
Unless otherwise specified: Vcc = 3.3 V, Vcco = 3.3 V, TA = 25 °C, CLKin driven differentially, input slew rate ≥ 3 V/ns.
HCSL Output Swing @ 250 MHz
LVCMOS Output Swing @ 250 MHz
Figure 5.
Figure 6.
Noise Floor vs. CLKin Slew Rate @ 100 MHz
Noise Floor vs. CLKin Slew Rate @ 156.25 MHz
Figure 7.
Figure 8.
RMS Jitter vs. CLKin Slew Rate @ 100 MHz
RMS Jitter vs. CLKin Slew Rate @ 156.25 MHz
Figure 9.
Figure 10.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMK00338


Similar Part No. - LMK00338RTAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00338RTAT TI1-LMK00338RTAT Datasheet
3Mb / 33P
[Old version datasheet]   8-Output Differential Clock Buffer/Level Translator
More results

Similar Description - LMK00338RTAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK00338 TI1-LMK00338_14 Datasheet
3Mb / 33P
[Old version datasheet]   8-Output Differential Clock Buffer/Level Translator
LMK00308 TI1-LMK00308 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 8-Output Differential Clock Buffer/Level Translator
LMK00304 TI1-LMK00304 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 4-Output Differential Clock Buffer/Level Translator
LMK00306 TI1-LMK00306 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 6-Output Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301_13 Datasheet
2Mb / 35P
[Old version datasheet]   LMK00301 3-GHz 10-Output Differential Clock Buffer/Level Translator
LMK00308 TI1-LMK00308_16 Datasheet
2Mb / 42P
[Old version datasheet]   3-GHz 8-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301_17 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 10-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00304 TI1-LMK00304_16 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 4-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
LMK00301 TI1-LMK00301 Datasheet
1Mb / 26P
[Old version datasheet]   3-GHz, 10-Output Differential Fanout Buffer / Level Translator
November 1, 2011
LMK00306 TI1-LMK00306_16 Datasheet
2Mb / 39P
[Old version datasheet]   3-GHz 6-Output Ultra-Low Additive Jitter Differential Clock Buffer/Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com