Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3210EUA-TL Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A3210EUA-TL
Description  MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3210EUA-TL Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A3210EUA-TL Datasheet HTML 2Page - Allegro MicroSystems A3210EUA-TL Datasheet HTML 3Page - Allegro MicroSystems A3210EUA-TL Datasheet HTML 4Page - Allegro MicroSystems A3210EUA-TL Datasheet HTML 5Page - Allegro MicroSystems A3210EUA-TL Datasheet HTML 6Page - Allegro MicroSystems A3210EUA-TL Datasheet HTML 7Page - Allegro MicroSystems A3210EUA-TL Datasheet HTML 8Page - Allegro MicroSystems A3210EUA-TL Datasheet HTML 9Page - Allegro MicroSystems A3210EUA-TL Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3209 AND 3210
MICROPOWER,
ULTRA-SENSITIVE
HALL-EFFECT SWITCHES
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
6
All Allegro sensors are subjected to stringent qualification requirements prior to being released to production.
To become qualified, except for the destructive ESD tests, no failures are permitted.
CRITERIA FOR DEVICE QUALIFICATION
Qualification Test
Test Method and Test Conditions
Test Length
Samples
Comments
Biased Humidity (HAST)
TA = 130°C, RH = 85%
50 hrs
77
VDD = VOUT = 3 V
High-Temperature
JESD22-A108,
408 hrs
77
VDD = VOUT = 3 V
Operating Life (HTOL)
TA = 150
°C, TJ ≤ 165°C
Accelerated HTOL
TA = 175
°C, TJ ≤ 190°C
504 hrs
77
VDD = VOUT = 3 V
Autoclave, Unbiased
JESD22-A102, Condition C,
96 hrs
77
TA = 121°C, 15 psig
High-Temperature
MIL-STD-883, Method 1008,
1000 hrs
77
(Bake) Storage Life
TA = 170°C
Temperature Cycle
MIL-STD-883, Method 1010,
500 cycles
77
-65
°C to +150°C
Latch-Up
Pre/Post
6
Reading
Electro-Thermally
Pre/Post
6
Induced Gate Leakage
Reading
ESD,
CDF-AEC-Q100-002
Pre/Post
3 per
Test to failure,
Human Body Model
Reading
test
All leads > 5 kV
ESD,
JESD22-A115
Pre/Post
3 per
Test to failure,
Machine Model
Reading
test
All leads > 350 V
Electrical Distributions
Per Specification
30


Similar Part No. - A3210EUA-TL

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3210EUA ALLEGRO-A3210EUA Datasheet
861Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
More results

Similar Description - A3210EUA-TL

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3210EUA ALLEGRO-A3210EUA Datasheet
861Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3211 ALLEGRO-A3211 Datasheet
376Kb / 13P
   Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
A3213 ALLEGRO-A3213 Datasheet
326Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
A3213 ALLEGRO-A3213_16 Datasheet
654Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
logo
Diodes Incorporated
AH1885 DIODES-AH1885_10 Datasheet
158Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1803 DIODES-AH1803_09 Datasheet
167Kb / 9P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 9
AH1883 DIODES-AH1883_10 Datasheet
182Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1886 DIODES-AH1886 Datasheet
170Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31216 Rev. 4 - 2
AH1801 DIODES-AH1801_09 Datasheet
157Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1801 Rev. 7
AH1803 DIODES-AH1803 Datasheet
131Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com