Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3240LT Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3240LT
Description  CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3240LT Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3240LT Datasheet HTML 1Page - Allegro MicroSystems A3240LT Datasheet HTML 2Page - Allegro MicroSystems A3240LT Datasheet HTML 3Page - Allegro MicroSystems A3240LT Datasheet HTML 4Page - Allegro MicroSystems A3240LT Datasheet HTML 5Page - Allegro MicroSystems A3240LT Datasheet HTML 6Page - Allegro MicroSystems A3240LT Datasheet HTML 7Page - Allegro MicroSystems A3240LT Datasheet HTML 8Page - Allegro MicroSystems A3240LT Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3240
CHOPPER-STABILIZED,
PRECISION
HALL-EFFECT SWITCH
www.allegromicro.com
5
SUPPLY CURRENT
OUTPUT SATURATION VOLTAGE
TYPICAL OPERATING CHARACTERISTICS
as a function of supply voltage
SWITCH POINTS
4.0
4.5
5.0
SUPPLY VOLTAGE IN VOLTS
3.0
Dwg. GH-021-2
3.5
RELEASE POINT
40
30
20
10
0
OPERATE POINT
24
TA = 150
°C
TA = -40
°C
4.0
4.5
5.0
SUPPLY VOLTAGE IN VOLTS
3.0
Dwg. GH-055-1
3.5
24
TA = 150
°C
TA = +25
°C
TA = -40
°C
IOUT = 20 mA
250
150
200
225
175
4.0
6.0
9.0
SUPPLY VOLTAGE IN VOLTS
3.0
Dwg. GH-058-4
5.0
12
TA = 150
°C
TA = +25
°C
TA = -40
°C
7.0
5.0
3.0
1.0
6.0
4.0
2.0
8.0
0
OUTPUT ON
10
11
8.0
7.0


Similar Part No. - A3240LT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3240LLHLT-T ALLEGRO-A3240LLHLT-T Datasheet
297Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT SWITCH
A3240LUA-T ALLEGRO-A3240LUA-T Datasheet
297Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT SWITCH
More results

Similar Description - A3240LT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
A3340 ALLEGRO-A3340 Datasheet
262Kb / 9P
   Chopper-Stabilized, Precision Hall-Effect Switch
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1120 ALLEGRO-A1120_12 Datasheet
331Kb / 15P
   Chopper Stabilized Precision Hall Effect Switches
A1121 ALLEGRO-A1121 Datasheet
312Kb / 13P
   Chopper Stabilized Precision Hall Effect Switches
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
A3283LLHLT ALLEGRO-A3283LLHLT Datasheet
584Kb / 13P
   Chopper-Stabilized, Precision Hall-Effect Latches
A1120 ALLEGRO-A1120_16 Datasheet
886Kb / 18P
   Chopper-Stabilized Precision Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com