Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1664 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # 2SD1664
Description  TRANSISTOR (NPN)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SD1664 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  2SD1664 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2SD1664 TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
0.5
W (Tamb=25
℃)
Collector current
ICM:
1
A
Collector-base voltage
V(BR)CBO:
40
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
50µA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
1mA, IB=0
32
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50µA, IC=0
5
V
Collector cut-off current
ICBO
VCB=20V, IE=0
0.5
µA
Emitter cut-off current
IEBO
VEB=4V, IC=0
0.5
µA
DC current gain
hFE(1)
VCE=3V, IC=0.1A
82
390
Collector-emitter saturation voltage
VCE(sat)
IC=500mA, IB=50mA
0.4
V
Transition frequency
fT
VCE=5V, IC=50mA , f=1MHz
150
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
15
pF
CLASSIFICATION OF hFE(1)
Rank
P
Q
R
Range
82-180
120-270
180-390
Marking
DAP
DAQ
DAR
SOT-89
1. BASE
2. COLLECTOR
3. EMITTER
1
2
3
2SD1664
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - 2SD1664

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
118Kb / 3P
   Medium Power Transistor (32V, 1A)
logo
Foshan Blue Rocket Elec...
2SD1664 FOSHAN-2SD1664 Datasheet
963Kb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
logo
Unisonic Technologies
2SD1664 UTC-2SD1664 Datasheet
188Kb / 3P
   MEDIUM POWER NPN TRANSISTOR
logo
Jiangsu Changjiang Elec...
2SD1664 JIANGSU-2SD1664 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
129Kb / 4P
   Medium Power Transistor (32V, 1A)
More results

Similar Description - 2SD1664

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com