Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4041EIM7X-1.2NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4041EIM7X-1.2NOPB
Description  LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4041EIM7X-1.2NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM4041EIM7X-1.2NOPB Datasheet HTML 1Page - Texas Instruments LM4041EIM7X-1.2NOPB Datasheet HTML 2Page - Texas Instruments LM4041EIM7X-1.2NOPB Datasheet HTML 3Page - Texas Instruments LM4041EIM7X-1.2NOPB Datasheet HTML 4Page - Texas Instruments LM4041EIM7X-1.2NOPB Datasheet HTML 5Page - Texas Instruments LM4041EIM7X-1.2NOPB Datasheet HTML 6Page - Texas Instruments LM4041EIM7X-1.2NOPB Datasheet HTML 7Page - Texas Instruments LM4041EIM7X-1.2NOPB Datasheet HTML 8Page - Texas Instruments LM4041EIM7X-1.2NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LM4041-N, LM4041-N-Q1
SNOS641F – OCTOBER 1999 – REVISED JULY 2013
www.ti.com
LM4041-N/LM4041-N-Q1 1.2 Electrical Characteristics (Industrial Temperature
Range) (continued)
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C. The grades A and B designate initial
Reverse Breakdown Voltage tolerances of ±0.1% and ±0.2%, respectively.
Symbol
Parameter
Conditions
Typical(1)
LM4041AIM3
LM4041BIM3
Units
LM4041QAIM3
LM4041QBIM3
(Limit)
LM4041AIM3
LM4041BIZ
LM4041AIZ
LM4041BIM7
Limits(2)
Limits(2)
ΔVR/ΔIR
Reverse Breakdown Voltage
IRMIN ≤ IR ≤ 1 mA
0.7
mV
Change with Operating
1.5
1.5
mV (max)
Current Change(4)
2.0
2.0
mV (max)
1 mA
≤ IR ≤ 12 mA
4.0
mV
6.0
6.0
mV (max)
8.0
8.0
mV (max)
ZR
Reverse Dynamic Impedance
IR = 1 mA, f = 120 Hz,
0.5
Ω
IAC= 0.1 IR
1.5
1.5
Ω (max)
eN
Wideband Noise
IR = 100 μA
20
μVrms
10 Hz
≤ f ≤ 10 kHz
ΔVR
Reverse Breakdown Voltage
t = 1000 hrs
Long Term Stability
T = 25°C ±0.1°C
120
ppm
IR = 100 μA
VHYST
Thermal Hysteresis(5)
ΔT = −40°C to
0.08
%
+125°C
(4)
Load regulation is measured on pulse basis from no load to the specified load current. Ouput changes due to die temperature change
must be taken into account separately.-
(5)
Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C
measurement after cycling to temperature +125°C.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM4041-N, LM4041-N-Q1


Similar Part No. - LM4041EIM7X-1.2NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4041EIM7X-1.2 NSC-LM4041EIM7X-1.2 Datasheet
277Kb / 19P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041EIM7X-1.2 TI1-LM4041EIM7X-1.2 Datasheet
806Kb / 21P
[Old version datasheet]   LM4041 Precision Micropower Shunt Voltage Reference
LM4041EIM7X-1.2/NOPB TI1-LM4041EIM7X-1.2/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041EIM7X-1.2/NOPB TI1-LM4041EIM7X-1.2/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041EIM7X-1.2/NOPB TI1-LM4041EIM7X-1.2/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4041EIM7X-1.2NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4041-N-Q1 TI-LM4041-N-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI1-LM4041-N Datasheet
806Kb / 21P
[Old version datasheet]   LM4041 Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_16 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com