Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4041QBIM3X-1.2NO Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4041QBIM3X-1.2NO
Description  LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4041QBIM3X-1.2NO Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4041QBIM3X-1.2NO Datasheet HTML 2Page - Texas Instruments LM4041QBIM3X-1.2NO Datasheet HTML 3Page - Texas Instruments LM4041QBIM3X-1.2NO Datasheet HTML 4Page - Texas Instruments LM4041QBIM3X-1.2NO Datasheet HTML 5Page - Texas Instruments LM4041QBIM3X-1.2NO Datasheet HTML 6Page - Texas Instruments LM4041QBIM3X-1.2NO Datasheet HTML 7Page - Texas Instruments LM4041QBIM3X-1.2NO Datasheet HTML 8Page - Texas Instruments LM4041QBIM3X-1.2NO Datasheet HTML 9Page - Texas Instruments LM4041QBIM3X-1.2NO Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LM4041-N, LM4041-N-Q1
SNOS641F – OCTOBER 1999 – REVISED JULY 2013
www.ti.com
LM4041-N/LM4041-N-Q1 1.2 Electrical Characteristics (Extended Temperature Range)
Boldface limits apply for TA = TJ = TMINto TMAX; all other limits TA = TJ = 25°C. The grades C, D and E designate initial
Reverse Breakdown Voltage tolerance of ±0.5%, ±1.0% and ±2.0% respectively.
Symbol
Parameter
Conditions
Typical(1)
LM4041CEM3
LM4041DEM3
LM4041EEM3
Units
LM4041QCEM3
LM4041QDEM3
LM4041QEEM3
(Limit)
Limits(2)
Limits(2)
Limits(2)
VR
Reverse Breakdown
IR = 100 μA
1.225
V
Voltage
Reverse Breakdown
IR = 100 μA
±6
±12
±25
mV (max)
Voltage Error(3)
±18.4
±31
±43
mV (max)
IRMIN
Minimum Operating
45
μA
Current
60
65
65
μA (max)
68
73
73
μA (max)
ΔVR/ΔT VR Temperature
IR= 10 mA
±20
ppm/°C
Coefficient(3)
IR = 1 mA
±15
ppm/°C
±100
±150
±150
(max)
IR = 100 μA
±15
ppm/°C
ΔVR/ΔIR Reverse Breakdown
IRMIN ≤ IR ≤ 1.0 mA
0.7
mV
Change with
1.5
2.0
2.0
mV (max)
Current(4)
2.0
2.5
2.5
mV (max)
1 mA
≤ IR ≤ 12 mA
2.5
mV
6.0
8.0
8.0
mV (max)
8.0
10.0
10.0
mV (max)
ZR
Reverse Dynamic
IR = 1 mA, f = 120
0.5
Ω
Impedance
Hz,
Ω (max)
IAC= 0.1 IR
1.5
2.0
2.0
eN
Noise Voltage
IR = 100 μA
20
μVrms
10 Hz
≤ f ≤ 10 kHz
ΔVR
Long Term Stability
t = 1000 hrs
(Non-Cumulative)
T = 25°C ±0.1°C
120
ppm
IR = 100 μA
VHYST
Thermal Hysteresis(5)
ΔT = −40°C to
0.08
%
+125°C
(1)
Typicals are at TJ = 25°C and represent most likely parametric norm.
(2)
Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate AOQL.
(3)
The boldface (over-temperature) limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse
Breakdown Voltage Tolerance ±[(
ΔVR↱ΔT)(max ΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum
difference in temperature from the reference point of 25 °C to T MAX or TMIN, and VR is the reverse breakdown voltage. The total over-
temperature tolerance for the different grades in the industrial temperature range where max
ΔT=65°C is shown below:
A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C
B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C
C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C
D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C
E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C
The total over-temperature tolerance for the different grades in the extended temperature range where max
ΔT = 100 °C is shown
below:
B-grade: ±1.2% = ±0.2% ±100 ppm/°C × 100°C
C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C
D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C
E-grade: ±4.5% = ±2.0% ±150 ppm/°C × 100°C
Therefore, as an example, the A-grade LM4041-N 1.2 has an over-temperature Reverse Breakdown Voltage tolerance of ±1.2V × 0.75%
= ±9.2 mV.
(4)
Load regulation is measured on pulse basis from no load to the specified load current. Ouput changes due to die temperature change
must be taken into account separately.-
(5)
Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C
measurement after cycling to temperature +125°C.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM4041-N, LM4041-N-Q1


Similar Part No. - LM4041QBIM3X-1.2NO

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4041QBIM3X-1.2NO TI1-LM4041QBIM3X-1.2NO Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041QBIM3X-1.2NO TI1-LM4041QBIM3X-1.2NO Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041QBIM3X-1.2NO TI1-LM4041QBIM3X-1.2NO Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4041QBIM3X-1.2NO

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4041-N-Q1 TI-LM4041-N-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI1-LM4041-N Datasheet
806Kb / 21P
[Old version datasheet]   LM4041 Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_16 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com