Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ31710RVQT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ31710RVQT
Description  10A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31710RVQT Datasheet(HTML) 4 Page - Texas Instruments

  LMZ31710RVQT Datasheet HTML 1Page - Texas Instruments LMZ31710RVQT Datasheet HTML 2Page - Texas Instruments LMZ31710RVQT Datasheet HTML 3Page - Texas Instruments LMZ31710RVQT Datasheet HTML 4Page - Texas Instruments LMZ31710RVQT Datasheet HTML 5Page - Texas Instruments LMZ31710RVQT Datasheet HTML 6Page - Texas Instruments LMZ31710RVQT Datasheet HTML 7Page - Texas Instruments LMZ31710RVQT Datasheet HTML 8Page - Texas Instruments LMZ31710RVQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LMZ31710
SNVS987A – JULY 2013 – REVISED JULY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over –40°C to 85°C free-air temperature, PVIN = VIN = 12 V, VOUT = 1.8 V, IOUT = 10 A,
CIN = 0.1 µF + 2 x 22 µF ceramic + 100 µF bulk, COUT = 4 x 47 µF ceramic (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Thermal shutdown
175
°C
Thermal Shutdown
Thermal shutdown hysteresis
10
°C
Ceramic
44(6)
CIN
External input capacitance
µF
Non-ceramic
100(6)
Ceramic
47(7)
200
1500
µF
COUT
External output capacitance
Non-ceramic
220(7)
5000(8)
Equivalent series resistance (ESR)
35
m
(6)
A minimum of 44 µF of external ceramic capacitance is required across the input (VIN and PVIN connected) for proper operation. An
additional 100 µF of bulk capacitance is recommended. It is also recommended to place a 0.1 µF ceramic capacitor directly across the
PVIN and PGND pins of the device. Locate the input capacitance close to the device. When operating with split VIN and PVIN rails,
place 4.7µF of ceramic capacitance directly at the VIN pin. See Table 6 for more details.
(7)
The amount of required output capacitance varies depending on the output voltage (see Table 5 ). The amount of required capacitance
must include at least 1x 47µF ceramic capacitor. Locate the capacitance close to the device. Adding additional capacitance close to the
load improves the response of the regulator to load transients. See Table 5 and Table 6 more details.
(8)
The maximum output capacitance of 5000 µF includes the combination of both ceramic and non-ceramic capacitors. It may be
necessary to increase the slow start time when turning on into the maximum capacitance. See the Slow Start (SS/TR) section for
information on adjusting the slow start time.
THERMAL INFORMATION
LMZ31710
THERMAL METRIC(1)
RVQ42
UNIT
42 PINS
θJA
Junction-to-ambient thermal resistance(2)
13.3
ψJT
Junction-to-top characterization parameter(3)
1.6
°C/W
ψJB
Junction-to-board characterization parameter(4)
5.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance,
θJA, applies to devices soldered directly to a 100 mm x 100 mm double-sided PCB with
2 oz. copper and natural convection cooling. Additional airflow reduces
θJA.
(3)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature, TJ, of a device in a real system, using a
procedure described in JESD51-2A (sections 6 and 7). TJ = ψJT * Pdis + TT; where Pdis is the power dissipated in the device and TT is
the temperature of the top of the device.
(4)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature, TJ, of a device in a real system, using a
procedure described in JESD51-2A (sections 6 and 7). TJ = ψJB * Pdis + TB; where Pdis is the power dissipated in the device and TB is
the temperature of the board 1mm from the device.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ31710


Similar Part No. - LMZ31710RVQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31710 TI-LMZ31710 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31710EVM-001 TI-LMZ31710EVM-001 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
More results

Similar Description - LMZ31710RVQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707_14 Datasheet
973Kb / 34P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI1-LMZ31707 Datasheet
964Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704_15 Datasheet
910Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com