Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ34002RKGR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ34002RKGR
Description  2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ34002RKGR Datasheet(HTML) 3 Page - Texas Instruments

  LMZ34002RKGR Datasheet HTML 1Page - Texas Instruments LMZ34002RKGR Datasheet HTML 2Page - Texas Instruments LMZ34002RKGR Datasheet HTML 3Page - Texas Instruments LMZ34002RKGR Datasheet HTML 4Page - Texas Instruments LMZ34002RKGR Datasheet HTML 5Page - Texas Instruments LMZ34002RKGR Datasheet HTML 6Page - Texas Instruments LMZ34002RKGR Datasheet HTML 7Page - Texas Instruments LMZ34002RKGR Datasheet HTML 8Page - Texas Instruments LMZ34002RKGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LMZ34002
www.ti.com
SNVS989A – JULY 2013 – REVISED SEPT 2013
ELECTRICAL CHARACTERISTICS
-40°C
≤ TA ≤ +85°C, VIN = 12 V, VOUT = –5.0 V, IOUT = 2.0A
CIN = 2 x 2.2 µF ceramic, COUT = 2 x 47 µF ceramic (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT
Output current
Over input voltage and output voltage range
0(1)
2.0(2)
A
VIN
Input voltage range
Over output current range
4.5
40(3)
V
UVLO
VIN Undervoltage lockout
Rising only, RUVLO1 = 174 kΩ, RUVLO2 = 63.4 kΩ
4.5
V
VOUT(adj)
Output voltage adjust range
Over output current range
–3.0
–17(3)
V
Set-point voltage tolerance
TA = 25°C, IOUT = 100 mA
2.0% (4)
Temperature variation
–40°C
≤ TA ≤ +85°C
±0.5%
±1.0%
VOUT
Line regulation
Over input voltage range
±0.1%
Load regulation
From 100 mA to IOUT(max)
±0.4%
Total output voltage variation
Includes set-point, line, load, and temperature variation
3.0% (4)
VOUT = –12 V, IOUT = 1.0 A
85 %
VIN = 24 V
VOUT = –5.0 V, IOUT = 1.0 A
81 %
VOUT = –3.3 V, IOUT = 1.0 A
77 %
η
Efficiency
VIN = 12 V
VOUT = –12 V, IOUT = 0.6 A
86 %
VOUT = –5.0 V, IOUT = 1.0 A
81 %
VOUT = –3.3 V, IOUT = 1.0 A
78 %
Output voltage ripple
20 MHz bandwith, 100 mA
≤ IOUT ≤ IOUT(max)
1%
VOUT
ILIM
Current limit threshold
3.0 (5)
A
Recovery time
500
µs
1.0 A/µs load step from 25 to 75%
Transient response
IOUT(max)
VOUT over/undershoot
80
mV
VINH
Inhibit threshold voltage
INH with respect to A_VOUT
1.15
1.25
1.36 (6)
V
VINH < 1.15 V
–0.9
μA
IINH
INH Input current
VINH > 1.36 V
–3.8
μA
II(stby)
Input standby current
INH pin to A_VOUT
1.3
4
µA
fSW
Switching frequency
RT pin to A_VOUT
700
800
900
kHz
RRT = 0 Ω
700 (7)
900 (7)
kHz
fCLK
Synchronization frequency
RRT = 93.1 kΩ
400 (7)
600 (7)
kHz
VCLK-H
CLK High-Level Threshold
With respect to A_VOUT
1.9
2.2
V
VCLK-L
CLK Low-Level Threshold
With respect to A_VOUT
0.5
0.7
V
DCLK
CLK Duty cycle
25%
50%
75%
Thermal shutdown
180
°C
Thermal Shutdown
Thermal shutdown hysteresis
15
°C
Ceramic
4.7 (8)
10
CIN
External input capacitance
µF
Non-ceramic
22
COUT
External output capacitance
100(9)
430 (9)
µF
(1)
This device can regulate VOUT down to 0 A, however the ripple may increase due to pulse-skipping at light loads. See Light-Load
Behavior for more information. See No-Load Operation when operating at 0 A.
(2)
The maximum current is dependant on VIN and VOUT, see Figure 33.
(3)
The sum of VIN + |VOUT| must not exceed 50 V.
(4)
The stated limit of the set-point voltage tolerance includes the tolerance of both the internal voltage reference and the internal
adjustment resistor. The overall output voltage tolerance will be affected by the tolerance of the external RSET resistor.
(5)
This product is not designed to endure a sustained (> 5 sec) over-current condition.
(6)
If this pin is left open circuit, the device operates when input power is applied. An external level-shifter is required to interface with this
pin. See Output On/Off Inhibit (INH) for further guidance.
(7)
The synchronization frequency is dependant on VIN and VOUT as shown in Switching Frequency. RRT must be either 0 Ω or 93.1kΩ.
(8)
A minimum of 4.7 µF of ceramic external capacitance is required across the input (VIN and PGND connected) for proper operation.
Locate the capacitor close to the device. See Table 1 for more details.
(9)
The amount of required capacitance must include at least 2 x 47 µF ceramic capacitor (or 4 x 22 µF). Locate the capacitance close to
the device. Adding additional capacitance close to the load improves the response of the regulator to load transients. See Table 1 for
more details. See Inrush Current section when adding additional output capacitance.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ34002


Similar Part No. - LMZ34002RKGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
More results

Similar Description - LMZ34002RKGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ34002 TI-LMZ34002_15 Datasheet
1Mb / 33P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com