Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2211SPWP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2211SPWP
Description  1.1 nV/Hz Noise, Low Power, Precision Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2211SPWP Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2211SPWP Datasheet HTML 5Page - Texas Instruments OPA2211SPWP Datasheet HTML 6Page - Texas Instruments OPA2211SPWP Datasheet HTML 7Page - Texas Instruments OPA2211SPWP Datasheet HTML 8Page - Texas Instruments OPA2211SPWP Datasheet HTML 9Page - Texas Instruments OPA2211SPWP Datasheet HTML 10Page - Texas Instruments OPA2211SPWP Datasheet HTML 11Page - Texas Instruments OPA2211SPWP Datasheet HTML 12Page - Texas Instruments OPA2211SPWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
0
12
-12
Time(s)
60
4
10
20
30
6
8
10
20TypicalUnitsShown
2
0
-2
-4
-6
-8
-10
40
50
2.25
100
-100
V ( V)
±
S
18
20
4
6
40
60
80
8
10
12
14
16
0
-20
-40
-60
-80
5TypicalUnitsShown
2000
1500
1000
500
0
-500
-1000
-1500
-2000
(V )+1.0
-
(V )+1.5
-
(V )+2.0
-
(V+) 1.5
-
(V+) 1.0
-
(V+) 0.5
-
V
(V)
CM
±200
±150
±100
±50
0
50
100
150
200
±60 ±40 ±20
0
20
40
60
80
100 120 140
Ambient Temperature (
ƒC)
C001
+I
B
±IB
I
OS
OffsetVoltage( V)
m
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
OffsetVoltageDrift(mV/°C)
OPA2211-HT
www.ti.com
SBOS684A – AUGUST 2013 – REVISED AUGUST 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±18V, and RL = 10kΩ, unless otherwise noted.
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
OFFSET VOLTAGE DRIFT PRODUCTION DISTRIBUTION
Figure 12.
Figure 13.
IB AND IOS CURRENT
vs
TEMPERATURE
OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
Figure 14.
Figure 15.
VOS WARMUP
INPUT OFFSET CURRENT vs SUPPLY VOLTAGE
Figure 16.
Figure 17.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA2211-HT


Similar Part No. - OPA2211SPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2211SPWP TI1-OPA2211SPWP Datasheet
434Kb / 21P
[Old version datasheet]   1.1 nV/ Hz Noise, Low Power, Precision Operational Amplifier
More results

Similar Description - OPA2211SPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
[Old version datasheet]   1.1 nV/ Hz Noise, Low Power, Precision Operational Amplifier
OPA211-HT TI1-OPA211-HT Datasheet
672Kb / 26P
[Old version datasheet]   1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA2211-HT TI-OPA2211-HT_15 Datasheet
420Kb / 22P
[Old version datasheet]   1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA2211-EP TI-OPA2211-EP Datasheet
1Mb / 32P
[Old version datasheet]   OPA2211-EP 1.1-nV/?숰z Noise, Low-Power, Precision Operational Amplifier
logo
National Semiconductor ...
LMP7731 NSC-LMP7731 Datasheet
709Kb / 20P
   2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO, Operational Amplifier
logo
Texas Instruments
LMP7731 TI-LMP7731_15 Datasheet
1Mb / 26P
[Old version datasheet]   2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
logo
National Semiconductor ...
LMP7731 NSC-LMP7731_08 Datasheet
724Kb / 20P
   2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
LMP7732 NSC-LMP7732 Datasheet
753Kb / 20P
   2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
LMP7731 NSC-LMP7731_09 Datasheet
739Kb / 18P
   2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
logo
STMicroelectronics
TSH330 STMICROELECTRONICS-TSH330 Datasheet
503Kb / 19P
   1.1 GHz Low-Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com