Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3281UA Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3281UA
Description  CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3281UA Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A3281UA Datasheet HTML 3Page - Allegro MicroSystems A3281UA Datasheet HTML 4Page - Allegro MicroSystems A3281UA Datasheet HTML 5Page - Allegro MicroSystems A3281UA Datasheet HTML 6Page - Allegro MicroSystems A3281UA Datasheet HTML 7Page - Allegro MicroSystems A3281UA Datasheet HTML 8Page - Allegro MicroSystems A3281UA Datasheet HTML 9Page - Allegro MicroSystems A3281UA Datasheet HTML 10Page - Allegro MicroSystems A3281UA Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3280, 3281, AND 3283
CHOPPER-STABILIZED,
PRECISION
HALL-EFFECT LATCHES
www.allegromicro.com
7
All Allegro sensors are subjected to stringent qualification requirements prior to being released to production.
To become qualified, except for the destructive ESD tests, no failures are permitted.
CRITERIA FOR DEVICE QUALIFICATION
Qualification Test
Test Method and Test Conditions
Test Length
Samples
Comments
Biased Humidity (HAST)
TA = 130°C, RH = 85%
50 hrs
77
VCC = VOUT = 5 V
High-Temperature
JESD22-A108,
408 hrs
77
VCC = 24 V,
Operating Life (HTOL)
TA = 150
°C, TJ ≤ 170°CVOUT = 20 V
Accelerated HTOL
TA = 175
°C, TJ ≤ 190°C
504 hrs
77
VCC = 24 V,
VOUT = 20 V
Autoclave, Unbiased
JESD22-A102, Condition C,
96 hrs
77
TA = 121°C, 15 psig
High-Temperature
MIL-STD-883, Method 1008,
1000 hrs
77
(Bake) Storage Life
TA = 170°C
Temperature Cycle
MIL-STD-883, Method 1010,
500 cycles
77
-65
°C to +150°C
Latch-Up
Pre/Post
6
Reading
Electro-Thermally
Pre/Post
6
Induced Gate Leakage
Reading
ESD,
CDF-AEC-Q100-002
Pre/Post
3 per
Test to failure,
Human Body Model
Reading
test
All leads > 1500 V
ESD,
JESD22-A115
Pre/Post
3 per
Test to failure,
Macine Model
Reading
test
All leads > 200 V
Electrical Distributions
Per Specification
30


Similar Part No. - A3281UA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3281 ALLEGRO-A3281 Datasheet
584Kb / 13P
   Chopper-Stabilized, Precision Hall-Effect Latches
A3281ELH ALLEGRO-A3281ELH Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
A3281ELHLT ALLEGRO-A3281ELHLT Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A3281ELHLT-T ALLEGRO-A3281ELHLT-T Datasheet
343Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
A3281ELT ALLEGRO-A3281ELT Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
More results

Similar Description - A3281UA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220_10 Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1222EUA-T ALLEGRO-A1222EUA-T Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
A3290 ALLEGRO-A3290 Datasheet
219Kb / 9P
   Chopper Stabilized, Precision Hall Effect Latches
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
A3283LLHLT ALLEGRO-A3283LLHLT Datasheet
584Kb / 13P
   Chopper-Stabilized, Precision Hall-Effect Latches
A1220 ALLEGRO-A1220_16 Datasheet
833Kb / 16P
   Chopper-Stabilized Precision Hall-Effect Latches
3280 ALLEGRO-3280_03 Datasheet
343Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com