Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK105LRHBR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105LRHBR
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK105LRHBR Datasheet(HTML) 3 Page - Texas Instruments

  TLK105LRHBR Datasheet HTML 1Page - Texas Instruments TLK105LRHBR Datasheet HTML 2Page - Texas Instruments TLK105LRHBR Datasheet HTML 3Page - Texas Instruments TLK105LRHBR Datasheet HTML 4Page - Texas Instruments TLK105LRHBR Datasheet HTML 5Page - Texas Instruments TLK105LRHBR Datasheet HTML 6Page - Texas Instruments TLK105LRHBR Datasheet HTML 7Page - Texas Instruments TLK105LRHBR Datasheet HTML 8Page - Texas Instruments TLK105LRHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 105 page
background image
TLK105L
TLK106L
www.ti.com
SLLSEE3A – AUGUST 2013 – REVISED NOVEMBER 2013
1
Introduction
.............................................. 1
6
Reset and Power Down Operation
................. 35
1.1
Features
............................................. 1
6.1
Hardware Reset
.................................... 35
1.2
Applications
.......................................... 1
6.2
Software Reset
..................................... 35
1.3
Device Overview
..................................... 1
6.3
Power Down/Interrupt
.............................. 35
2
Pin Descriptions
......................................... 4
6.4
Power Save Modes
................................. 36
2.1
Pin Layout
........................................... 4
7
Design Guidelines
..................................... 37
2.2
Serial Management Interface (SMI)
................. 5
7.1
TPI Network Circuit
................................. 37
2.3
MAC Data Interface
.................................. 5
7.2
Clock In (XI) Requirements
......................... 37
2.4
10Mbs and 100Mbs PMD Interface
.................. 6
7.3
Thermal Vias Recommendation
.................... 39
2.5
Clock Interface
....................................... 6
7.4
Fiber Networking Circuit
............................ 39
2.6
LED Interface
........................................ 6
8
Register Block
......................................... 40
2.7
Reset and Power Down
............................. 6
8.1
Register Definition
.................................. 46
2.8
Power and Bias Connections
........................ 7
8.2
Cable Diagnostic Control Register (CDCR)
........ 69
3
Hardware Configuration
............................... 8
8.3
PHY Reset Control Register (PHYRCR)
........... 69
3.1
Bootstrap Configuration
.............................. 8
8.4
Multi LED Control register (MLEDCR)
............. 70
8.5
IEEE1588 Precision Timing Pin Select (PTPPSEL)
3.2
Power Supply Configuration
......................... 9
...................................................... 70
3.3
IO Pins Hi-Z State During Reset
................... 11
8.6
IEEE1588 Precision Timing Configuration
3.4
Auto-Negotiation
.................................... 11
(PTPCFG)
.......................................... 70
3.5
Auto-MDIX
.......................................... 11
8.7
Fiber Mode Control Register (FIBCR)
.............. 71
3.6
MII Isolate Mode
.................................... 12
8.8
TX_CLK Phase Shift Register (TXCPSR)
.......... 71
3.7
PHY Address
....................................... 12
8.9
Power Back Off Control Register (PWRBOCR)
.... 71
3.8
LED Interface
....................................... 13
8.10
Voltage Regulator Control Register (VRCR)
....... 72
3.9
Loopback Functionality
............................. 14
8.11
Fiber Mode Control Register 2 (FIBCR2)
.......... 72
3.10
BIST
................................................ 15
8.12
Fiber Mode Control Register 3 (FIBCR3)
.......... 72
3.11
Cable Diagnostics
.................................. 16
8.13
Cable Diagnostic Configuration/Result Registers
.. 73
4
Interfaces
................................................ 17
9
Electrical Specifications
............................. 79
4.1
Media Independent Interface (MII)
................. 17
9.1
ABSOLUTE MAXIMUM RATINGS
................. 79
4.2
Reduced Media Independent Interface (RMII)
..... 18
9.2
RECOMMENDED OPERATING CONDITIONS
.... 79
4.3
Serial Management Interface
....................... 20
9.3
TLK105L 32-Pin Industrial Device (85°C) Thermal
5
Architecture
............................................. 24
Characteristics
...................................... 79
5.1
100Base-TX Transmit Path
......................... 24
9.4
TLK106L 32-Pin Extended Temperature (105°C)
Device Thermal Characteristics
.................... 80
5.2
100Base-TX Receive Path
......................... 27
9.5
DC CHARACTERISTICS, VDD_IO
................ 80
5.3
10Base-T Receive Path
............................ 29
9.6
DC CHARACTERISTICS
........................... 80
5.4
Auto Negotiation
.................................... 30
9.7
POWER SUPPLY CHARACTERISTICS
........... 81
5.5
Link Down Functionality
............................ 32
9.8
AC Specifications
................................... 82
5.6
100BaseX Fiber Mode
.............................. 33
Revision History
............................................ 98
5.7
IEEE 1588 Precision Timing Protocol Support
..... 33
Copyright © 2013, Texas Instruments Incorporated
Contents
3
Submit Documentation Feedback
Product Folder Links: TLK105L TLK106L


Similar Part No. - TLK105LRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK105 TI-TLK105 Datasheet
1Mb / 99P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK105 TI1-TLK105 Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK105RHBR TI1-TLK105RHBR Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK105RHBT TI1-TLK105RHBT Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK105 TI1-TLK105_16 Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
More results

Similar Description - TLK105LRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK105 TI-TLK105 Datasheet
1Mb / 99P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK110 TI1-TLK110 Datasheet
1Mb / 104P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK105 TI1-TLK105_16 Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK111 TI1-TLK111_14 Datasheet
1Mb / 110P
[Old version datasheet]   PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
TLK111 TI1-TLK111 Datasheet
1Mb / 109P
[Old version datasheet]   TLK111 PHYTER Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
TLK100 TI-TLK100_11 Datasheet
876Kb / 88P
[Old version datasheet]   Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
   Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
[Old version datasheet]   PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848I NSC-DP83848I_08 Datasheet
2Mb / 84P
   PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
List of Unclassifed Man...
DM9101 ETC1-DM9101 Datasheet
264Kb / 43P
   10/100Mbps Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com