Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK106LRHBT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLK106LRHBT
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK106LRHBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLK106LRHBT Datasheet HTML 6Page - Texas Instruments TLK106LRHBT Datasheet HTML 7Page - Texas Instruments TLK106LRHBT Datasheet HTML 8Page - Texas Instruments TLK106LRHBT Datasheet HTML 9Page - Texas Instruments TLK106LRHBT Datasheet HTML 10Page - Texas Instruments TLK106LRHBT Datasheet HTML 11Page - Texas Instruments TLK106LRHBT Datasheet HTML 12Page - Texas Instruments TLK106LRHBT Datasheet HTML 13Page - Texas Instruments TLK106LRHBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 105 page
background image
Pin 9
(RD–)
RD–
Pin 10
(RD+)
RD+
49.9 W
3.3V
Supply
Pin 11
(TD–)
TD–
Pin 12
(TD+)
TD+
1:1
T1
RJ45
Pin 14
(AVDD33)
Pin 15
(PFBOUT)
Pin 13
(PFBIN1)
Pin 24
(PFBIN2)
3.3V
Supply
Pin 21
(VDD_IO)
Floating
49.9 W
49.9 W
49.9 W
1:1
3.3V
Supply
10 F
m
10nF
1nF
100pF
1.55V
Supply
10 F
m
10nF
1nF
100pF
10 F
m
10nF
1nF
100pF
0.1 F*
m
1 F
m
1 F
m
0.1 F
m
0.1 F
m
3.3V
Supply
3.3V
Supply
1 F
m
1 F
m
1.55V
Supply
10 F
m
10nF
1nF
100pF
TLK105L
TLK106L
SLLSEE3A – AUGUST 2013 – REVISED NOVEMBER 2013
www.ti.com
3.2.2
Dual Supply Operation
When a 1.55V external power rail is available, the TLK10xL can be configured as shown in Figure 3-2.
PFBOUT (pin 15) is left floating. The 1.55V external supply is connected to PFBIN1 (pin 13) and PFBIN2
(pin 24). Furthermore, to lower the power consumption, the internal regulator should be powered down by
writing ‘1’ to bit 15 of the VRCR register (0x00d0h).
Figure 3-2. Power Connections for Dual Supply Operation
When operating with dual supplies, follow these guidelines:
When powering up, ramp up the 3.3V supply before the 1.55V supply.
When powering down, turn off the 1.55V supply before turning off the 3.3V supply.
Use the external RESET pin after power up to reset the PHY.
To use the internal power-on reset, PFBIN1 and PFBIN2 must be operational less than 100ms after
3.3V rises to detect the internal RESET.
3.2.3
Variable IO Voltage
The TLK10xL digital IO pins can operate with a variable supply voltage. While the primary applications will
use 3.3V, VDD_IO can also operate on 2.5V, and for MII mode only, VDD_IO of 1.8V can be used as well.
For more details, see Section 9.5.
10
Hardware Configuration
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK105L TLK106L


Similar Part No. - TLK106LRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK106 TI-TLK106 Datasheet
1Mb / 99P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK106 TI1-TLK106 Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK106RHBR TI1-TLK106RHBR Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK106RHBT TI1-TLK106RHBT Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
More results

Similar Description - TLK106LRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK105 TI-TLK105 Datasheet
1Mb / 99P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK110 TI1-TLK110 Datasheet
1Mb / 104P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK105 TI1-TLK105_16 Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK111 TI1-TLK111_14 Datasheet
1Mb / 110P
[Old version datasheet]   PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
TLK111 TI1-TLK111 Datasheet
1Mb / 109P
[Old version datasheet]   TLK111 PHYTER Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
TLK100 TI-TLK100_11 Datasheet
876Kb / 88P
[Old version datasheet]   Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
   Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
[Old version datasheet]   PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848I NSC-DP83848I_08 Datasheet
2Mb / 84P
   PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
List of Unclassifed Man...
DM9101 ETC1-DM9101 Datasheet
264Kb / 43P
   10/100Mbps Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com