Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3515 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A3515
Description  RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3515 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A3515 Datasheet HTML 1Page - Allegro MicroSystems A3515 Datasheet HTML 2Page - Allegro MicroSystems A3515 Datasheet HTML 3Page - Allegro MicroSystems A3515 Datasheet HTML 4Page - Allegro MicroSystems A3515 Datasheet HTML 5Page - Allegro MicroSystems A3515 Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3515 AND 3516
RATIOMETRIC,
LINEAR
HALL-EFFECT SENSORS
www.allegromicro.com
3
ELECTRICAL CHARACTERISTICS over operating temperature range, at V
CC = 5 V (unless
otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
CC
Operating
4.5
5.0
5.5
V
Supply Current
I
CC
B = 0, V
CC = 6 V, IO = 0
7.2
10
mA
Quiescent
V
OQ
B = 0, I
O = 1 mA, TA = 25°C
2.425
2.500
2.575
V
Voltage Output
Output Voltage
V
OH
B = +X*, I
O = 1 mA
4.7–
V
V
OL
B = -X*, I
O = -1 mA
0.2
V
Output
I
OLM
B = -X*, V
O = 0
-1.0
-1.5
mA
Source Current Limit
Bandwidth (-3 dB)
BW
30
kHz
Clock Frequency
f
C
170
kHz
Output Resistance
r
O
I
O ≤ -2 mA
1.0
Wide-Band
e
o
B = 0, BW = 10 Hz to 10 kHz,
400
µV
Output Noise (rms)
I
O ≤ -1 mA, CO = 100 pF
NOTE 1 – Typical data is at T
A = 25°C and is for design information only.
NOTE 2 – Negative current is defined as coming out of (sourcing) the output.
* This test requires positive and negative fields sufficient to swing the output driver between fully OFF and saturated (ON), respec-
tively. It is NOT intended to indicate a range of linear operation.


Similar Part No. - A3515

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3515 ALLEGRO-A3515 Datasheet
811Kb / 11P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
A3515EUA ALLEGRO-A3515EUA Datasheet
811Kb / 11P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
A3515EUA ETC2-A3515EUA Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Allegro MicroSystems
A3515LUA ALLEGRO-A3515LUA Datasheet
811Kb / 11P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
A3515LUA ETC2-A3515LUA Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - A3515

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3517 ALLEGRO-3517 Datasheet
305Kb / 13P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
December 31, 2005
A3515 ALLEGRO-A3515 Datasheet
811Kb / 11P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
3507 ALLEGRO-3507 Datasheet
170Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
A1321 ALLEGRO-A1321_06 Datasheet
319Kb / 11P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321 Datasheet
413Kb / 9P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321_11 Datasheet
501Kb / 13P
   Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
A3503 ALLEGRO-A3503 Datasheet
150Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
3503 ALLEGRO-3503 Datasheet
183Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
A1301 ALLEGRO-A1301 Datasheet
293Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
A1301 ALLEGRO-A1301_06 Datasheet
267Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com