Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70IMX35D05D15-8 Datasheet(PDF) 2 Page - Power-One

Part # 70IMX35D05D15-8
Description  IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

70IMX35D05D15-8 Datasheet(HTML) 2 Page - Power-One

  70IMX35D05D15-8 Datasheet HTML 1Page - Power-One 70IMX35D05D15-8 Datasheet HTML 2Page - Power-One 70IMX35D05D15-8 Datasheet HTML 3Page - Power-One 70IMX35D05D15-8 Datasheet HTML 4Page - Power-One 70IMX35D05D15-8 Datasheet HTML 5Page - Power-One 70IMX35D05D15-8 Datasheet HTML 6Page - Power-One 70IMX35D05D15-8 Datasheet HTML 7Page - Power-One 70IMX35D05D15-8 Datasheet HTML 8Page - Power-One 70IMX35D05D15-8 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
®
IMX35 Series Data Sheet
35 Watt Quad-Output DC-DC Converters
BCD20009-G Rev AC, 06-May-2013
Page 2 of 15
Model Selection
Table 1: Model Selection
Output 1
Output 2
Output 3
Output 4
Input voltage
Efficiency 1
Model
Opt.
Vonom
Ionom
Vonom
Ionom
Vonom
Ionom
Vonom
Ionom
Vi min to Vi max
ηηηηηmin
ηηηηηtyp
[V]
[A]
[V]
[A]
[V]
[A]
[V]
[A]
[V]
[%]
[%]
5
1.35
5
1.35
5
1.35
5
1.35
9 to 36
82.5
86
20IMX35D05D05-8
i
5
1.4
5
1.4
5
1.4
5
1.4
18 to 75
82
87
40IMX35D05D05-8
Z
5
1.4
5
1.4
5
1.4
5
1.4
40 to 121
83
86
70IMX35D05D05-8
G
5
1.4
5
1.4
5
1.4
5
1.4
60 to 150 2
82
86
110IMX35D05D05-8
12
0.65
12
0.65
12
0.65
12
0.65
9 to 36
83.7
86
20IMX35D12D12-8
12
0.7
12
0.7
12
0.7
12
0.7
18 to 75
83.7
88
40IMX35D12D12-8
12
0.7
12
0.7
12
0.7
12
0.7
40 to 121
85
88
70IMX35D12D12-8
12
0.7
12
0.7
12
0.7
12
0.7
60 to 150 2
84
88
110IMX35D12D12-8
15
0.55
15
0.55
15
0.55
15
0.55
9 to 36
85
88
20IMX35D15D15-8
15
0.6
15
0.6
15
0.6
15
0.6
18 to 75
83.6
89
40IMX35D15D15-8
15
0.6
15
0.6
15
0.6
15
0.6
40 to 121
84.5
88
70IMX35D15D15-8
15
0.6
15
0.6
15
0.6
15
0.6
60 to 150 2
83
88
110IMX35D15D15-8
5
1.35
12
0.65
12
0.65
5
1.35
9 to 36
84
88
20IMX35D05D12-8
5
1.4
12
0.7
12
0.7
5
1.4
18 to 75
84
89
40IMX35D05D12-8
5
1.4
12
0.7
12
0.7
5
1.4
40 to 121
84
88
70IMX35D05D12-8
5
1.4
12
0.7
12
0.7
5
1.4
60 to 150 2
83.6
88
110IMX35D05D12-8
5
1.35
15
0.55
15
0.55
5
1.35
9 to 36
83.5
88
20IMX35D05D15-8
5
1.4
15
0.6
15
0.6
5
1.4
18 to 75
83.5
89
40IMX35D05D15-8
5
1.4
15
0.6
15
0.6
5
1.4
40 to 121
84
88
70IMX35D05D15-8
5
1.4
15
0.6
15
0.6
5
1.4
60 to 150 2
84
88
110IMX35D05D15-8
1 Efficiency at TA = 25 °C, Vo nom, Io nom
2 154 V for 2 s.
Part Number Description
Preferred for new designs
Input voltage range Vi
9 to 36 VDC ........................................... 20
18 to 75 VDC ........................................... 40
40 to 121 VDC ........................................... 70
60 to 150 VDC ......................................... 110
Series ....................................................................... IMX35
Outputs 1 and 4 (1st power train) ............... D05, D12, D15
Outputs 2 and 3 (2nd power train) .............. D05, D12, D15
Operating ambient temperature range
TA = – 40 to 85 °C ...................................... - 8
Options:
Inhibit ........................................................... -i
Open frame ................................................. Z
RoHS compliant for all six substances ........ G1
1 G is always placed at the end of the part number.
40 IMX35 D05 D05 -8 i Z G
Product Marking
Converters without option Z are marked with type designation,
input and output voltages and currents, applicable safety
approval and recognition marks, company logo, production
date, and serial no.


Similar Part No. - 70IMX35D05D15-8

ManufacturerPart #DatasheetDescription
logo
Power-One
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
logo
Bel Fuse Inc.
70IMX35D05D15-8G BEL-70IMX35D05D15-8G Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
More results

Similar Description - 70IMX35D05D15-8

ManufacturerPart #DatasheetDescription
logo
Power-One
110IMX35D15D15-8 POWER-ONE-110IMX35D15D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
logo
Bel Fuse Inc.
IMX35 BEL-IMX35 Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
logo
Power-One
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com