Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

110IMX35 Datasheet(PDF) 3 Page - Power-One

Part # 110IMX35
Description  IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

110IMX35 Datasheet(HTML) 3 Page - Power-One

  110IMX35 Datasheet HTML 1Page - Power-One 110IMX35 Datasheet HTML 2Page - Power-One 110IMX35 Datasheet HTML 3Page - Power-One 110IMX35 Datasheet HTML 4Page - Power-One 110IMX35 Datasheet HTML 5Page - Power-One 110IMX35 Datasheet HTML 6Page - Power-One 110IMX35 Datasheet HTML 7Page - Power-One 110IMX35 Datasheet HTML 8Page - Power-One 110IMX35 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
®
IMX35 Series Data Sheet
35 Watt Quad-Output DC-DC Converters
BCD20009-G Rev AC, 06-May-2013
Page 3 of 15
Functional Description
The IMX35 converters are comprised of 2 feedback-controlled
interleaved-switching flyback power trains using current mode
PWM (pulse width modulation).
Each converter consists of 4 electrically isolated outputs
deriving from 2 power trains. Vo1, Vo4 derive from the first
power train and Vo2, Vo3 from the second one. Thus each pair
of outputs is independent from the other one.
Voltage regulation for each pair of outputs is achieved with
passive transformer feedback from the main transformer of the
power train. Each pair of outputs has the same output voltage
(i.e. D05, D12, etc.). If both power trains have the same output
Fig. 1
Block diagram of quad-output models
voltage (e.g. D12D12), all outputs may be simultaneously
adjusted by the Trim input (pin 5). In case of different output
voltages (e.g. D05D15), the Trim1 input influences only Vo1
and Vo4.
Current limitation is provided by the primary circuit for each
power train and limits the possible output power for each pair
of outputs. In the case of an overload on either of the power
trains, which causes the output voltage to fall less than
typically 60% of Vo nom, the entire converter will shut down and
automatically restart in short intervals (hiccup mode).
The incorporated overtemperature protection shuts down the
converter in excessive overload conditions with automatic
restart.
PWM
4
8
1
Vi+
SD
PUL
5
Trim/Trim1
6
W
7
Ref
2
Vi–
16
15
17
18
13
14
12
11
Vo4–
Vo1+
Vo1–
Vo4+
Vo2+
Vo2–
Vo3+
Vo3–
03098a
3
n.c.
19
n.c.


Similar Part No. - 110IMX35

ManufacturerPart #DatasheetDescription
logo
Power-One
110IMX35D05D05-8 POWER-ONE-110IMX35D05D05-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
logo
Bel Fuse Inc.
110IMX35D05D05-8G BEL-110IMX35D05D05-8G Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
logo
Power-One
110IMX35D05D12-8 POWER-ONE-110IMX35D05D12-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
logo
Bel Fuse Inc.
110IMX35D05D12-8G BEL-110IMX35D05D12-8G Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
logo
Power-One
110IMX35D05D15-8 POWER-ONE-110IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
More results

Similar Description - 110IMX35

ManufacturerPart #DatasheetDescription
logo
Power-One
110IMX35D15D15-8 POWER-ONE-110IMX35D15D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
logo
Bel Fuse Inc.
IMX35 BEL-IMX35 Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
logo
Power-One
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com