Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK10081CTR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10081CTR
Description  10Gbps 1-8 CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK10081CTR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLK10081CTR Datasheet HTML 7Page - Texas Instruments TLK10081CTR Datasheet HTML 8Page - Texas Instruments TLK10081CTR Datasheet HTML 9Page - Texas Instruments TLK10081CTR Datasheet HTML 10Page - Texas Instruments TLK10081CTR Datasheet HTML 11Page - Texas Instruments TLK10081CTR Datasheet HTML 12Page - Texas Instruments TLK10081CTR Datasheet HTML 13Page - Texas Instruments TLK10081CTR Datasheet HTML 14Page - Texas Instruments TLK10081CTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
TLK10081 TX
M
U
X
CH
SYNC
8b/10b
SCR
8b/10b
M
U
X
M
U
X
M
U
X
M
U
X
CH
SYNC
8b/10b
M
U
X
CH
SYNC
8b/10b
M
U
X
CH
SYNC
8b/10b
M
U
X
CH
SYNC
8b/10b
SCR
8b/10b
M
U
X
M
U
X
M
U
X
M
U
X
CH
SYNC
8b/10b
M
U
X
CH
SYNC
8b/10b
M
U
X
CH
SYNC
8b/10b
M
U
X
FIFO
Read
Controlle
r
LN0
MARK
FIFO
FIFO
FIFO
FIFO
FIFO
FIFO
FIFO
TLK10081
www.ti.com
SLLSEE9 – NOVEMBER 2013
Figure 3-2. Transmit Datapath, Raw Serial Data (Bit Interleave)
3.2
Receive (De-Interleaving) Direction
With the device configured to operate in the normal transceiver (mission) mode, the receive data paths are
as shown in Figure 3-2, Receive data path (10-bit mode), and Figure 3-3, Receive data path (raw serial
mode).
In the receive direction, the high speed aggregate stream is received by a deserializer capable of data
rates up to 10 Gbps. The deserialized data is then aligned to 20-bit boundaries by the device’s channel
synchronization logic. This alignment can be based on a user-defined 10-bit alignment code (in the case
of 8b/10b or otherwise 10-bit delineated data) or can be done arbitrarily (for cases where 10-bit delineation
is not meaningful). In either case, the chosen word boundaries can be adjusted manually if necessary to
adjust the bit assignments.
Once the data is aligned, it can be optionally 8b/10b decoded or descrambled as needed before being
input to the device’s receive lane ordering logic (discussed in detail in Section 3.3). After lane assignments
are determined, the de-aggregated serial data streams are input to independent FIFOs in order to absorb
phase variations between the high-speed and low-speed clock domains and to compensate for clock rate
differences if desired.
Each low speed data stream will pass through a programmable skew buffer (in case delays need to be
added to certain lanes in order to meet system-level skew requirements) and optionally 8b/10b encoded
before being output by a serializer capable of rates up to 1.25 Gbps.
Copyright © 2013, Texas Instruments Incorporated
FUNCTIONAL DESCRIPTION
11
Submit Documentation Feedback
Product Folder Links: TLK10081


Similar Part No. - TLK10081CTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK100 TI-TLK100 Datasheet
876Kb / 88P
[Old version datasheet]   Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
TLK10002CTR TI1-TLK10002CTR Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
TLK10021ZWQ TI1-TLK10021ZWQ Datasheet
658Kb / 2P
[Old version datasheet]   10 Gbps PHY Transceiver for LAN/MAN/SAN Applications
TLK10022 TI1-TLK10022 Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
More results

Similar Description - TLK10081CTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK10022 TI1-TLK10022 Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
logo
Broadcom Corporation.
BCM8128 BOARDCOM-BCM8128 Datasheet
125Kb / 1P
   MULTI RATE 10GBPS SONET / SDH/ 10GE/FEC MUX
logo
Semtech Corporation
EBK-GS6150-00 SEMTECH-EBK-GS6150-00 Datasheet
217Kb / 3P
   Multi-Rate Serial Digital Reclocker
logo
Texas Instruments
DS250DF810 TI1-DS250DF810 Datasheet
899Kb / 12P
[Old version datasheet]   25 Gbps Multi-Rate 8-Channel Retimer
DS280DF810 TI1-DS280DF810 Datasheet
332Kb / 11P
[Old version datasheet]   28 Gbps Multi-Rate 8-Channel Retimer
DS280DF810 TI1-DS280DF810_V01 Datasheet
2Mb / 51P
[Old version datasheet]   DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
logo
Finisar Corporation.
FTLX3912M3 FINISAR-FTLX3912M3 Datasheet
477Kb / 14P
   High Link Budget, Multi-Rate, DWDM XFP Optical Transceiver
logo
Texas Instruments
DS90UA101-Q1 TI1-DS90UA101-Q1_14 Datasheet
571Kb / 41P
[Old version datasheet]   Multi-Channel Digital Audio Link
DS90UA102-Q1 TI1-DS90UA102-Q1_14 Datasheet
1Mb / 47P
[Old version datasheet]   Multi-Channel Digital Audio Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com