Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70032QDDCRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70032QDDCRQ1
Description  200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70032QDDCRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TLV70032QDDCRQ1 Datasheet HTML 1Page - Texas Instruments TLV70032QDDCRQ1 Datasheet HTML 2Page - Texas Instruments TLV70032QDDCRQ1 Datasheet HTML 3Page - Texas Instruments TLV70032QDDCRQ1 Datasheet HTML 4Page - Texas Instruments TLV70032QDDCRQ1 Datasheet HTML 5Page - Texas Instruments TLV70032QDDCRQ1 Datasheet HTML 6Page - Texas Instruments TLV70032QDDCRQ1 Datasheet HTML 7Page - Texas Instruments TLV70032QDDCRQ1 Datasheet HTML 8Page - Texas Instruments TLV70032QDDCRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TLV70012A-Q1, TLV70025-Q1, TLV70028-Q1
TLV70030-Q1, TLV70032-Q1, TLV70033-Q1
SLVSA61F – FEBRUARY 2010 – REVISED AUGUST 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
At TA = –40°C to 125°C (unless otherwise noted). All voltages are with respect to GND.
VIN
Input voltage range
–0.3 V to 6 V
VEN
Enable voltage range
–0.3 V to 6 V
VOUT
Output voltage range
–0.3 V to 6 V
IOUT
Maximum output current
Internally limited
Output short-circuit duration
Indefinite
TA
Operating ambient temperature range
–40°C to 125°C
Tstg
Storage temperature range
–55°C to 150°C
Human body model (HBM) H2
2 kV
Electrostatic discharge rating
Charged device model (CDM) C4B
750 V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
THERMAL INFORMATION
TLV700xx-Q1
TLV700xx-Q1
THERMAL METRIC(1)
UNIT
DCK (5 PINS)
DDC (5 PINS)
θJA
Junction-to-ambient thermal resistance
307.6
262.8
θJCtop
Junction-to-case (top) thermal resistance
79.1
68.2
θJB
Junction-to-board thermal resistance
93.7
81.6
°C/W
ψJT
Junction-to-top characterization parameter
1.3
1.1
ψJB
Junction-to-board characterization parameter
92.8
80.9
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: TLV70012A-Q1 TLV70025-Q1 TLV70028-Q1 TLV70030-Q1 TLV70032-Q1 TLV70033-Q1


Similar Part No. - TLV70032QDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70032QDDCRQ1 TI1-TLV70032QDDCRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70032QDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70012A-Q1 TI1-TLV70012A-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com