Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320F28377DPTPT Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP320F28377DPTPT
Description  TMS320F2837XD Dual-Core Delfino Microcontrollers
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP320F28377DPTPT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP320F28377DPTPT Datasheet HTML 5Page - Texas Instruments TMP320F28377DPTPT Datasheet HTML 6Page - Texas Instruments TMP320F28377DPTPT Datasheet HTML 7Page - Texas Instruments TMP320F28377DPTPT Datasheet HTML 8Page - Texas Instruments TMP320F28377DPTPT Datasheet HTML 9Page - Texas Instruments TMP320F28377DPTPT Datasheet HTML 10Page - Texas Instruments TMP320F28377DPTPT Datasheet HTML 11Page - Texas Instruments TMP320F28377DPTPT Datasheet HTML 12Page - Texas Instruments TMP320F28377DPTPT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
TMS320F28377D, TMS320F28376D
www.ti.com
SPRS880 – DECEMBER 2013
Table 2-2. Memory Map (continued)
BLOCK START
CPU1.CLA1
CPU2.CLA1
CPU1.DMA
C28x_1
C28x_2
CPU2.DMA
ADDRESS
(DATA SPACE)
(DATA SPACE)
0x0004 1000
USB RAM
(4KB) (2KW)
0x0004 1800
0x0004 7000
EMIF-1 and EMIF-2
0x0004 8000
CAN-A/B Registers and Msg RAM
(4KB each) (2KW each)
0x0004 F800
0x0005 0000
IPC Registers
IPC Registers
(8KB) (4KW)
(8KB) (4KW)
0x0005 1000
0x0005 D000
Reserved
0x0007 8000
USER OTP
(2KB) (1K x 16)
0x0007 8D00
0x0008 0000
CPU1 FLASH
CPU2 FLASH
BANK
BANK
(512KB)
(512KB)
(256K x 16)
(256K x 16)
0x0010 0000
EMIF-1 (Data)
EMIF-1 (Prog + Data) (4MB) (2MW)
EMIF-1 (Data)
0x0030 0000
EMIF-1 (Data)
EMIF-1 (Prog + Data) (1MB) (0.5MW)
EMIF-1 (Data)
0x0038 0000
EMIF-1 (Data)
EMIF-1 (Prog + Data)
EMIF-1 (Data)
(1MB–128KB ROM sizes)
(0.5MW–64KW ROM sizes)
0x003F 0000
Secure ROM (64KB) (32KW)
0x003F 8000
Secure ROM (20KW, 0-wait, Z1/Z2
Secure Zone, EXEONLY + ECSL)
0x003F D000
Boot ROM (12KW, 0-wait, Non-
secure)
0x003F FFC0
Vectors
(32 vectors, enabled if VMAP = 1)
0x0040 0000
0x8000 0000
EMIF-1 (Data)
EMIF-1 (Data Only) (0.5GB) (0.25GW)
EMIF-1 (Data)
0x9000 0000
EMIF-2
(Data Only)
(0.5GB) (0.25GW)
0xA000 0000
Copyright © 2013, Texas Instruments Incorporated
Device Overview
9
Submit Documentation Feedback
Product Folder Links: TMS320F28377D TMS320F28376D


Similar Part No. - TMP320F28377DPTPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP320F2802238A TI-TMP320F2802238A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802238S TI-TMP320F2802238S Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802248A TI-TMP320F2802248A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802248S TI-TMP320F2802248S Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802338A TI-TMP320F2802338A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
More results

Similar Description - TMP320F28377DPTPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28379D TI1-TMS320F28379D_V01 Datasheet
2Mb / 222P
[Old version datasheet]   TMS320F2837xD Dual-Core Delfino??Microcontrollers
TMS320F28379D TI1-TMS320F28379D Datasheet
2Mb / 212P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28379D TI-TMS320F28379D_V03 Datasheet
5Mb / 226P
[Old version datasheet]   TMS320F2837xD Dual-Core Microcontrollers
TMS320F28379D TI-TMS320F28379D_V02 Datasheet
5Mb / 226P
[Old version datasheet]   TMS320F2837xD Dual-Core Microcontrollers
TMS320F28379D TI1-TMS320F28379D_18 Datasheet
2Mb / 222P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D TI1-TMS320F28377D_14 Datasheet
1Mb / 121P
[Old version datasheet]   Dual-Core Delfino??Microcontrollers
TMS320F28377D-EP TI-TMS320F28377D-EP_V01 Datasheet
2Mb / 208P
[Old version datasheet]   TMS320F28377D-EP Dual-Core Delfino??Microcontrollers
TMS320C28346 TI-TMS320C28346_11 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com