Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320F28376DPTPS Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP320F28376DPTPS
Description  TMS320F2837XD Dual-Core Delfino Microcontrollers
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP320F28376DPTPS Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP320F28376DPTPS Datasheet HTML 2Page - Texas Instruments TMP320F28376DPTPS Datasheet HTML 3Page - Texas Instruments TMP320F28376DPTPS Datasheet HTML 4Page - Texas Instruments TMP320F28376DPTPS Datasheet HTML 5Page - Texas Instruments TMP320F28376DPTPS Datasheet HTML 6Page - Texas Instruments TMP320F28376DPTPS Datasheet HTML 7Page - Texas Instruments TMP320F28376DPTPS Datasheet HTML 8Page - Texas Instruments TMP320F28376DPTPS Datasheet HTML 9Page - Texas Instruments TMP320F28376DPTPS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 110 page
background image
TMS320F28377D, TMS320F28376D
SPRS880 – DECEMBER 2013
www.ti.com
2
Device Overview
2.1
Device Characteristics
Table 2-1 lists the features of the TMS320F2837xD devices.
Table 2-1. TMS320F2837xD Hardware Features
FEATURE(1)
28377D
28376D
Package Type
337-Ball
176-Pin
337-Ball
176-Pin
(ZWT is an nFBGA package. PTP is an HLQFP package.)
ZWT
PTP
ZWT
PTP
Processor speed (MHz)
200
Instruction cycle (ns)
5
Floating-Point Unit (FPU)
Yes
Viterbi, Complex Math, and CRC Unit II (VCU-II)
Yes
Trigonometric Math Unit (TMU) – Type 0
Yes
Control Law Accelerator (CLA) – Type 1
2 (1 per CPU)
6-Channel DMA – Type 0
2 (1 per CPU)
512KW
256KW
Flash (16-bit words)
(256KW per CPU)
(128KW per CPU)
36KW
Dedicated and Local Shared RAM
(18KW per CPU)
Global Shared RAM
64KW
44KW
RAM (16-bit words)
2KW
Message RAM
(1KW per CPU)
Total RAM
102KW
82KW
Code security for on-chip Flash, RAM, and OTP blocks
Yes
Boot ROM
Yes
One-time programmable (OTP) memory (16-bit words)
2KW
ePWM Type-4 channels
24
High-resolution ePWM Type- 4 channels
16
eCAP inputs – Type 0
6
eQEP modules – Type 0
3
32-Bit CPU timers
6 (3 per CPU)
Watchdog timers
2 (1 per CPU)
Nonmaskable Interrupt Watchdog (NMIWD) timers
2 (1 per CPU)
MSPS
1.1/3.5
Conversion Time (ns)
910 /286
16-/12-Bit Analog-to-Digital
Converter (ADC)
Input pins
24
20
24
20
Channels (differential/single-ended)
12/24
9/20
12/24
9/20
Number of 16-/12-Bit ADCs
4
Temperature sensor
1
Comparator Subsystems (CMPSS)
8
[each CMPSS has two Comparators and one internal DAC]
Buffered Digital-to-Analog Converter (DAC)
3
Sigma-Delta Filter Module (SDFM) channels
8
Inter-integrated circuit (I2C) – Type 0
2
Multichannel Buffered Serial Port (McBSP) – Type 1
2
Universal Parallel Port (uPP)
1
Controller Area Network (CAN) – Type 0
2
Serial Peripheral Interface (SPI) – Type 1
3
Serial Communications Interface (SCI) – Type 0
4
Universal Serial Bus (USB) – Type 0
1
6
Device Overview
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320F28377D TMS320F28376D


Similar Part No. - TMP320F28376DPTPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP320F2802238A TI-TMP320F2802238A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802238S TI-TMP320F2802238S Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802248A TI-TMP320F2802248A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802248S TI-TMP320F2802248S Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802338A TI-TMP320F2802338A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
More results

Similar Description - TMP320F28376DPTPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28379D TI1-TMS320F28379D_V01 Datasheet
2Mb / 222P
[Old version datasheet]   TMS320F2837xD Dual-Core Delfino??Microcontrollers
TMS320F28379D TI1-TMS320F28379D Datasheet
2Mb / 212P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28379D TI-TMS320F28379D_V03 Datasheet
5Mb / 226P
[Old version datasheet]   TMS320F2837xD Dual-Core Microcontrollers
TMS320F28379D TI-TMS320F28379D_V02 Datasheet
5Mb / 226P
[Old version datasheet]   TMS320F2837xD Dual-Core Microcontrollers
TMS320F28379D TI1-TMS320F28379D_18 Datasheet
2Mb / 222P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D TI1-TMS320F28377D_14 Datasheet
1Mb / 121P
[Old version datasheet]   Dual-Core Delfino??Microcontrollers
TMS320F28377D-EP TI-TMS320F28377D-EP_V01 Datasheet
2Mb / 208P
[Old version datasheet]   TMS320F28377D-EP Dual-Core Delfino??Microcontrollers
TMS320C28346 TI-TMS320C28346_11 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com