Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A3501DRVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A3501DRVT
Description  High PSRR, Low-Noise, 1-A Power Filter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A3501DRVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS7A3501DRVT Datasheet HTML 1Page - Texas Instruments TPS7A3501DRVT Datasheet HTML 2Page - Texas Instruments TPS7A3501DRVT Datasheet HTML 3Page - Texas Instruments TPS7A3501DRVT Datasheet HTML 4Page - Texas Instruments TPS7A3501DRVT Datasheet HTML 5Page - Texas Instruments TPS7A3501DRVT Datasheet HTML 6Page - Texas Instruments TPS7A3501DRVT Datasheet HTML 7Page - Texas Instruments TPS7A3501DRVT Datasheet HTML 8Page - Texas Instruments TPS7A3501DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TPS7A3501
www.ti.com
SBVS228A – JULY 2013 – REVISED OCTOBER 2013
ELECTRICAL CHARACTERISTICS
At TJ = –40°C to +125°C, VIN = 3.6 V, RNR = ∞ (not connected), IOUT = 10 mA, VEN = VIN, and CIN = COUT = 10.0 µF, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
1.71
5.0
V
VIN increasing
1.5
1.7
V
VUVLO(IN)
Input supply UVLO
VIN hysteresis
200
mV
VOUT
Output voltage range
1.21
4.5
V
200
500
mV
VOUT(NOM) = VIN – 330mV, IOUT ≤ 1 A,
297
330
363
mV
1.71 V
≤ VIN ≤ 4.83 V
VIN – VOUT voltage range
RNR_INTERNAL
(1)
110
170
210
k
Ω
INR_INTERNAL
(2)
1.4
1.8
2.4
µA
∆VOUT/
Load regulation
10 mA
≤ IOUT ≤ 1 A
10
µV/mA
∆IOUT
ICL
Output current limit
VOUT = 0.85 × VOUT(nom)
1.1
A
IGND
GND pin current
2.25
5
mA
ISHDN
Shutdown current (IGND)
VEN ≤ 0.3 V
0.01
3
µA
f = 10 kHz, CNR = 1.0 µF, IOUT = 0.5 A
55
dB
PSRR
Power-supply rejection ratio
f = 100 kHz, CNR = 1.0 µF, IOUT = 0.5 A
40
dB
f = 1 MHz, CNR = 1.0 µF, IOUT = 0.5 A
42
dB
BW = 10 Hz to 100 kHz, CNR = 1 µF, IOUT = 1 A
3.8
µVRMS
VN
Output noise voltage
BW = 100 Hz to 100 kHz, CNR = 1 µF, IOUT = 1 A
3.62
µVRMS
BW = 10 Hz to 1 MHz, CNR = 1 µF, IOUT = 1 A
12.1
µVRMS
IEN
EN pin input current
VEN = VIN
1
50
nA
VIL_EN
EN pin input low (disable)
0.4
V
VIH_EN
EN pin input high (enable)
1.1
V
Shutdown, temperature increasing
+165
°C
Thermal shutdown junction
TSD
temperature
Shutdown, temperature hysteresis
+20
°C
(1)
RNR_INTERNAL refers to the internal resistor used to set (VIN – VOUT) for the device when no external RNR is used. See the Application
Information section and Figure 1 for details.
(2)
INR_INTERNAL refers to the internal current source used to set (VIN – VOUT) for the device when no external RNR is used. See the
Application Information section and Figure 1 for details.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS7A3501


Similar Part No. - TPS7A3501DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3501 TI1-TPS7A3501 Datasheet
1Mb / 24P
[Old version datasheet]   High PSRR, Low-Noise, 1-A Power Filter
TPS7A3501EVM-547 TI-TPS7A3501EVM-547 Datasheet
240Kb / 11P
[Old version datasheet]   TPS7A3501EVM-547 Evaluation Module
TPS7A3501 TI1-TPS7A3501_14 Datasheet
1Mb / 24P
[Old version datasheet]   High PSRR, Low-Noise, 1-A Power Filter
TPS7A3501_15 TI-TPS7A3501_15_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A3501 High PSRR, Low-Noise, 1-A Power Filter
More results

Similar Description - TPS7A3501DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3501 TI1-TPS7A3501_14 Datasheet
1Mb / 24P
[Old version datasheet]   High PSRR, Low-Noise, 1-A Power Filter
TPS7A3501_15 TI-TPS7A3501_15_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A3501 High PSRR, Low-Noise, 1-A Power Filter
logo
3PEAK INC.
TPL910 3PEAK-TPL910 Datasheet
578Kb / 17P
   1-A Output, High-PSRR, Low-Noise LDO Regulator
Rev.A.1
logo
Texas Instruments
TPS7A80 TI1-TPS7A80 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A94 TI-TPS7A94_V01 Datasheet
4Mb / 62P
[Old version datasheet]   TPS7A94 1-A, Ultra-Low Noise, Ultra-High PSRR, Low-Dropout Regulator
REVISED MAY 2022
TPS7A8101 TI1-TPS7A8101 Datasheet
990Kb / 24P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
logo
ON Semiconductor
NCV59801 ONSEMI-NCV59801 Datasheet
351Kb / 13P
   LDO Regulator, 1A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good
August, 2022 - Rev. 0
logo
Texas Instruments
TPS7A8101 TI-TPS7A8101_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS7A8101 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com