Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A3501DRVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A3501DRVT
Description  High PSRR, Low-Noise, 1-A Power Filter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A3501DRVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS7A3501DRVT Datasheet HTML 1Page - Texas Instruments TPS7A3501DRVT Datasheet HTML 2Page - Texas Instruments TPS7A3501DRVT Datasheet HTML 3Page - Texas Instruments TPS7A3501DRVT Datasheet HTML 4Page - Texas Instruments TPS7A3501DRVT Datasheet HTML 5Page - Texas Instruments TPS7A3501DRVT Datasheet HTML 6Page - Texas Instruments TPS7A3501DRVT Datasheet HTML 7Page - Texas Instruments TPS7A3501DRVT Datasheet HTML 8Page - Texas Instruments TPS7A3501DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
1.5
1.75
2
2.25
2.5
2.75
3
3.25
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
Input Voltage (V)
-40
SC
0
SC
+25
SC
+105
SC
+125
SC
C005
1.5
2
2.5
3
3.5
4
4.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Output Current (A)
-40
SC
0
SC
+25
SC
+105
SC
+125
SC
C006
0.1
0.2
0.3
0.4
0.5
0.6
±40 ±25 ±10
5
20
35
50
65
80
95
110
125
Temperature (ƒC)
¨9 P9
¨9 P9
¨9 P9
C004
I
OUT = 100 mA
0.315
0.32
0.325
0.33
0.335
0.34
0.345
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Output Current (A)
-40
SC
0
SC
+25
SC
+105
SC
+125
SC
C003
0.316
0.317
0.318
0.319
0.32
0.321
0.322
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
Input Voltage (V)
-40
SC
0
SC
+25
SC
+105
SC
+125
SC
C002
0.32
0.325
0.33
0.335
0.34
0.345
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
Input Voltage (V)
-40
SC
0
SC
+25
SC
+105
SC
+125
SC
C001
I
OUT = 1 A
TPS7A3501
www.ti.com
SBVS228A – JULY 2013 – REVISED OCTOBER 2013
TYPICAL CHARACTERISTICS
At VIN = 3.6 V, RNR = ∞ (not connected), IOUT = 10 mA, VEN = VIN, COUT = 10.0 µF, CIN = 10 µF, and CNR = 0.1 µF, unless
otherwise noted.
Figure 2. LINE REGULATION
Figure 3. LINE REGULATION
Figure 4. LOAD REGULATION
Figure 5. VDELTA vs TEMPERATURE
Figure 6. GROUND CURRENT vs INPUT VOLTAGE
Figure 7. GROUND CURRENT vs OUTPUT CURRENT
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS7A3501


Similar Part No. - TPS7A3501DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3501 TI1-TPS7A3501 Datasheet
1Mb / 24P
[Old version datasheet]   High PSRR, Low-Noise, 1-A Power Filter
TPS7A3501EVM-547 TI-TPS7A3501EVM-547 Datasheet
240Kb / 11P
[Old version datasheet]   TPS7A3501EVM-547 Evaluation Module
TPS7A3501 TI1-TPS7A3501_14 Datasheet
1Mb / 24P
[Old version datasheet]   High PSRR, Low-Noise, 1-A Power Filter
TPS7A3501_15 TI-TPS7A3501_15_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A3501 High PSRR, Low-Noise, 1-A Power Filter
More results

Similar Description - TPS7A3501DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3501 TI1-TPS7A3501_14 Datasheet
1Mb / 24P
[Old version datasheet]   High PSRR, Low-Noise, 1-A Power Filter
TPS7A3501_15 TI-TPS7A3501_15_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A3501 High PSRR, Low-Noise, 1-A Power Filter
logo
3PEAK INC.
TPL910 3PEAK-TPL910 Datasheet
578Kb / 17P
   1-A Output, High-PSRR, Low-Noise LDO Regulator
Rev.A.1
logo
Texas Instruments
TPS7A80 TI1-TPS7A80 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A94 TI-TPS7A94_V01 Datasheet
4Mb / 62P
[Old version datasheet]   TPS7A94 1-A, Ultra-Low Noise, Ultra-High PSRR, Low-Dropout Regulator
REVISED MAY 2022
TPS7A8101 TI1-TPS7A8101 Datasheet
990Kb / 24P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
logo
ON Semiconductor
NCV59801 ONSEMI-NCV59801 Datasheet
351Kb / 13P
   LDO Regulator, 1A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good
August, 2022 - Rev. 0
logo
Texas Instruments
TPS7A8101 TI-TPS7A8101_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS7A8101 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com