Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3951 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3951
Description  FULL-BRIDGE PWM MOTOR DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3951 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3951 Datasheet HTML 1Page - Allegro MicroSystems A3951 Datasheet HTML 2Page - Allegro MicroSystems A3951 Datasheet HTML 3Page - Allegro MicroSystems A3951 Datasheet HTML 4Page - Allegro MicroSystems A3951 Datasheet HTML 5Page - Allegro MicroSystems A3951 Datasheet HTML 6Page - Allegro MicroSystems A3951 Datasheet HTML 7Page - Allegro MicroSystems A3951 Datasheet HTML 8Page - Allegro MicroSystems A3951 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3951
FULL-BRIDGE
PWM MOTOR DRIVER
5
www.allegromicro.com
FUNCTIONAL DESCRIPTION
INTERNAL PWM CURRENT CONTROL DURING
FORWARD AND REVERSE OPERATION
The A3951SB/SW contain a fixed off-time pulse-width
modulated (PWM) current-control circuit that can be used
to limit the load current to a desired value. The value of
the current limiting (I
TRIP) is set by the selection of an
external current sensing resistor (R
S) and reference input
voltage (V
REF). The internal circuitry compares the
voltage across the external sense resistor to one tenth the
voltage on the REF input terminal, resulting in a function
approximated by
I
TRIP = VREF/(10•RS).
In forward or reverse mode the current-control cir-
cuitry limits the load current. When the load current
reaches I
TRIP, the comparator resets a latch to turn off the
selected sink driver. The load inductance causes the
current to recirculate through the source driver and
flyback diode (two-quadrant operation or slow decay).
See figure 1.
Figure 1 — Load-Current Paths
The user selects an external resistor (R
T) and capaci-
tor (C
T) to determine the time period (toff = RT•CT) during
which the drivers remain disabled (see “RC Fixed OFF
Time” below). At the end of the R
TCT interval, the drivers
are re-enabled allowing the load current to increase again.
The PWM cycle repeats, maintaining the load current at
the desired value (see figure 2).
Dwg. EP-006-9
R S
BB
V
DRIVE CURRENT
RECIRCULATION
ENABLE
LOAD
CURRENT
RC
I
TRIP
Dwg. WP-015-3
Figure 2 — Load-Current Waveform
INTERNAL PWM CURRENT CONTROL DURING
BRAKE MODE OPERATION
The brake circuit turns off both source drivers and
turns on both sink drivers. For dc motor applications, this
has the effect of shorting the motor’s back-EMF voltage,
resulting in current flow that brakes the motor dynamically.
However, if the back-EMF voltage is large and there is no
PWM current limiting, then the load current can increase to
a value that approaches a locked rotor condition. To limit
the current, when the I
TRIP level is reached, the PWM
circuit disables the conducting sink driver. The energy
stored in the motor’s inductance is then discharged into
the load supply causing the motor current to decay.
As in the case of forward/reverse operation, the drivers
are re-enabled after a time given by t
off = RT•CT (see “RC
Fixed Off Time” below). Depending on the back-EMF
voltage (proportional to the motor’s decreasing speed), the
load current again may increase to I
TRIP.
If so, the PWM
cycle will repeat, limiting the load current to the desired
value.
Brake Operation
During braking, the peak current limit defaults inter-
nally to a value approximated by
I
TRIP = 1.5 V/RS.
In this mode, the value of R
S determines the ITRIP value
independent of V
REF. This is useful in applications with
differing run and brake currents and no practical method of
varying V
REF.


Similar Part No. - A3951

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3950 ALLEGRO-A3950 Datasheet
317Kb / 9P
   DMOS Full-Bridge Motor Driver
November 4, 2005
A3950 ALLEGRO-A3950 Datasheet
530Kb / 12P
   DMOS Full-Bridge Motor Driver
logo
3M Electronics
A3950-0000T 3M-A3950-0000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3950-0010T 3M-A3950-0010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3950-2000T 3M-A3950-2000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
More results

Similar Description - A3951

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3952 ALLEGRO-3952 Datasheet
195Kb / 16P
   FULL-BRIDGE PWM MOTOR DRIVER
3953 ALLEGRO-3953 Datasheet
230Kb / 14P
   FULL-BRIDGE PWM MOTOR DRIVER
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
logo
Freescale Semiconductor...
34923 FREESCALE-34923 Datasheet
378Kb / 16P
   Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A4973SB-T ALLEGRO-A4973SB-T Datasheet
287Kb / 11P
   Full-Bridge PWM Motor Driver
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
logo
Motorola, Inc
MC34923 MOTOROLA-MC34923 Datasheet
373Kb / 16P
   Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A3953 ALLEGRO-A3953 Datasheet
488Kb / 12P
   Full-Bridge PWM Motor Driver
3953 ALLEGRO-3953_05 Datasheet
317Kb / 15P
   FULL-BRIDGE PWM MOTOR DRIVER
logo
Sanken electric
SI-5300 SANKEN-SI-5300 Datasheet
638Kb / 12P
   Full-bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com