Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B6750A-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS7B6750A-Q1
Description  450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6750A-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS7B6750A-Q1 Datasheet HTML 1Page - Texas Instruments TPS7B6750A-Q1 Datasheet HTML 2Page - Texas Instruments TPS7B6750A-Q1 Datasheet HTML 3Page - Texas Instruments TPS7B6750A-Q1 Datasheet HTML 4Page - Texas Instruments TPS7B6750A-Q1 Datasheet HTML 5Page - Texas Instruments TPS7B6750A-Q1 Datasheet HTML 6Page - Texas Instruments TPS7B6750A-Q1 Datasheet HTML 7Page - Texas Instruments TPS7B6750A-Q1 Datasheet HTML 8Page - Texas Instruments TPS7B6750A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TPS7B6701-Q1
TPS7B6733-Q1, TPS7B6750-Q1
TPS7B6750A-Q1, TPS7B6750B-Q1
www.ti.com
SLVSCB2A – OCTOBER 2013 – REVISED NOVEMBER 2013
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Unregulated Input
4
40
V
EN, DELAY
0
40
V
VOUT, RESET, ADJ
1.5
18
V
TJ
Operating Junction Temperature Range
–40
150
°C
ELECTRICAL CHARACTERISTICS
VI = 14 V, mΩ < ESR < 20 Ω, TJ = –40°C to 150°C unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE AND CURRENT (VIN)
VI
Input voltage
Fixed 3.3-V output, IO = 1 mA
4
40
Fixed 5-V output, I O = 1 mA
5.5
40
V
Adjustable output, VO ≤ 3.5 V, I O = 1 mA
4
40
Adjustable output, VO ≥ 3.5 V, I O = 1 mA
VO + 0.5
40
VI = 5.5 to 40 V (fixed 5 V), 4 to 40 V (fixed 3.3 V),
15
25
EN = ON, IO = 0.2 mA
VI = 4 to 40 V (adjustable version, VO = 1.5 V),
IQ
Quiescent current
15
25
µA
EN = ON, IO = 0.2 mA
VI = 18.5 to 40 V (Adjustable version, VO = 18 V),
25
35
EN = ON, IO = 0.2 mA
ISleep
Input sleep current
NO load current and EN = OFF
4
µA
IEN
EN pin current
EN = 40 V
1
µA
Vbg
Band gap
Reference voltage for ADJ
–2%
1.233
2%
V
VINUVLO
Undervoltage detection
Ramp VI down until output is turned OFF
2.6
V
UVLOHys
Undervoltage detection
1
V
hysteresis
ENABLE INPUT (EN)
VIL
Logic input low level
0
0.4
V
VIH
Logic input high level
1.7
V
REGULATED OUTPUT (VOUT)
VO
Regulated output(1)
VI = VO + 0.5 to 40 V, IO = 0 to 450 mA
–2
2
%
ΔVO(ΔVI)
Line regulation
VI = VO + 1 to 40 V, IO = 100 mA, ∆VO
10
mV
ΔVO(ΔIL)
Load regulation
IO = 1 to 450 mA, ∆VO
10
mV
VI – VO, IO = 400 mA
240
450
Vdropout
Dropout voltage
mV
VI – VO, IO = 200 mA
160
300
IO
Output current
VO in regulation
0
450
mA
VO short to ground
140
360
Ilreg-CL
Output current-limit
mA
VO = VO typical × 0.9
470
850
Freq = 100 Hz
60
IL = 100 mA,
PSRR
Power-supply ripple rejection(2)
dB
CO = 22 µF
Freq = 100 kHz
40
RESET
VOL
Reset pulled low
IOL = 0.5 mA
0.4
V
IOH
Reset pulled VOUT through 10-
Leakage current
1
µA
k resistor
VTH-(POR)
Power-On-Reset threshold
VO power-up set tolerance
89.6
91.6
93.6
% of VOUT
Vhys
Hysteresis
VO power-down set tolerance
2
% of VOUT
(1)
External resistor divider variation is not considered.
(2)
Design information — Not tested, ensured by characterization
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS7B6701-Q1 TPS7B6733-Q1 TPS7B6750-Q1 TPS7B6750A-Q1 TPS7B6750B-Q1


Similar Part No. - TPS7B6750A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6750-Q1 TI1-TPS7B6750-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6750QPWPRQ1 TI1-TPS7B6750QPWPRQ1 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
More results

Similar Description - TPS7B6750A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6701-Q1 TI1-TPS7B6701-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI-TPS7B6701-Q1_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7B67xx-Q1 450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1_17 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335 ONSEMI-NCP3335 Datasheet
128Kb / 8P
   High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator
April, 2005 ??Rev. 1
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
NCV8716 ONSEMI-NCV8716_16 Datasheet
668Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
August, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com