Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B6733QPWPRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7B6733QPWPRQ1
Description  450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6733QPWPRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS7B6733QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS7B6733QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS7B6733QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS7B6733QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS7B6733QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS7B6733QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS7B6733QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS7B6733QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS7B6733QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
4
3
2
1
VIN
EN
GND
ADJ
VOUT
5
4
3
2
1
VIN
RESET
GND
DELAY
VOUT
5
4
3
2
1
VIN
EN
GND
NC
VOUT
TPS7B6701-Q1
TPS7B6733-Q1, TPS7B6750-Q1
TPS7B6750A-Q1, TPS7B6750B-Q1
www.ti.com
SLVSCB2A – OCTOBER 2013 – REVISED NOVEMBER 2013
DDPAK (KTT) 5
DDPAK (KTT) 5
FIXED VERSION A
FIXED VERSION B
(TOP VIEW)
(TOP VIEW)
DDPAK (KTT) 5
ADJUSTABLE VERSION
(TOP VIEW)
TERMINAL FUNCTIONS
PIN
PIN NUMBER
DESCRIPTION
KTT
NAME
TYPE
PWP
KTT (A)
KTT (B)
(ADJ)
Feedback pin. This pin is used with an external resistor divider or the NC pin when in a
ADJ
I
5
4
fixed version.
DELAY
O
3
4
Reset pulse delay adjustment. Connect this pin through a capacitor to GND.
Enable pin. When the EN pin becomes lower than threshold, the device enters the
EN
I
15
2
2
stand-by state.
GND
G
8, 13
3
3
3
Ground reference
2, 6, 7,
9, 10, 11,
NC
4
Not connected
12, 14, 16,
17, 18, 20
Output ready. This open-drain pin must be connected to VOUT through an external
RESET
O
1
2
resistor. RESET is pulled down when the output voltage goes below threshold.
VIN
P
19
1
1
1
Input power-supply voltage
VOUT
P
4
5
5
5
Output voltage
PowerPAD ™
PowerPad for the HTSSOP (PWP) and DDPAK (KTT) packages
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS7B6701-Q1 TPS7B6733-Q1 TPS7B6750-Q1 TPS7B6750A-Q1 TPS7B6750B-Q1


Similar Part No. - TPS7B6733QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6733QPWPRQ1 TI1-TPS7B6733QPWPRQ1 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
More results

Similar Description - TPS7B6733QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6701-Q1 TI1-TPS7B6701-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI-TPS7B6701-Q1_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7B67xx-Q1 450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1_17 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335 ONSEMI-NCP3335 Datasheet
128Kb / 8P
   High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator
April, 2005 ??Rev. 1
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
NCV8716 ONSEMI-NCV8716_16 Datasheet
668Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
August, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com