Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP3N50E Datasheet(PDF) 6 Page - Motorola, Inc

Part # MTP3N50E
Description  TMOS POWER FET 3.0 AMPERES 500 VOLTS RDS(on) = 3.0 OHMS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP3N50E Datasheet(HTML) 6 Page - Motorola, Inc

  MTP3N50E Datasheet HTML 1Page - Motorola, Inc MTP3N50E Datasheet HTML 2Page - Motorola, Inc MTP3N50E Datasheet HTML 3Page - Motorola, Inc MTP3N50E Datasheet HTML 4Page - Motorola, Inc MTP3N50E Datasheet HTML 5Page - Motorola, Inc MTP3N50E Datasheet HTML 6Page - Motorola, Inc MTP3N50E Datasheet HTML 7Page - Motorola, Inc MTP3N50E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MTP3N50E
6
Motorola TMOS Power MOSFET Transistor Device Data
GATE–TO–SOURCE OR DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 16. Capacitance Variation
VGS
VDS
0
Ciss
1000
800
600
400
25
20
10
0
10
Figure 17. Gate Charge versus
Gate–To–Source Voltage
QG, TOTAL GATE CHARGE (nC)
16
0
0
5
12
8
4
10
15
20
25
200
Figure 18. Gate Charge Test Circuit
Vin
15 V
100 k
47 k
2N3904
2N3904
1 mA
+18 V
VDD
10 V
100 k
0.1
µF
100
FERRITE
BEAD
DUT
SAME
DEVICE TYPE
AS DUT
Vin = 15 Vpk; PULSE WIDTH ≤ 100 µs, DUTY CYCLE ≤ 10%
TJ = 25°C
VGS = 0
47 k
VDS = 100 V
250 V
5
5
15
VDS = 0
TJ = 25°C
ID = 3 A
400 V
Coss
Crss


Similar Part No. - MTP3N50E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP3N50E ONSEMI-MTP3N50E Datasheet
236Kb / 8P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 2
logo
Inchange Semiconductor ...
MTP3N50E ISC-MTP3N50E Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MTP3N50E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP3N60E MOTOROLA-MTP3N60E Datasheet
183Kb / 8P
   TMOS POWER FET 3.0 AMPERES 600 VOLTS RDS(on) = 2.2 OHMS
MTP4N80E MOTOROLA-MTP4N80E Datasheet
159Kb / 8P
   TMOS POWER FET 4.0 AMPERES 800 VOLTS RDS(on) = 3.0 OHM
MTP3N25E MOTOROLA-MTP3N25E Datasheet
208Kb / 8P
   TMOS POWER FET 3.0 AMPERES 250 VOLTS RDS(on) = 1.4 OHM
MTP3N120E MOTOROLA-MTP3N120E Datasheet
252Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1200 VOLTS RDS(on) = 5.0 OHM
MTP3N100E MOTOROLA-MTP3N100E Datasheet
206Kb / 8P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS RDS(on) = 4.0 OHM
MTSF2P02HD MOTOROLA-MTSF2P02HD Datasheet
236Kb / 12P
   SINGLE TMOS POWER FET 3.0 AMPERES 20 VOLTS RDS(on) = 0.090 OHM
MTB3N100E MOTOROLA-MTB3N100E Datasheet
262Kb / 10P
   TMOS POWER FET 3.0 AMPERES 1000 VOLTS
MTB3N120E MOTOROLA-MTB3N120E Datasheet
322Kb / 12P
   TMOS POWER FET 3.0 AMPERES 1200 VOLTS
MTB3N60E MOTOROLA-MTB3N60E Datasheet
74Kb / 4P
   TMOS POWER FET 3.0 AMPERES 600 VOLTS
MTP10N40E MOTOROLA-MTP10N40E Datasheet
249Kb / 8P
   TMOS POWER FET 10 AMPERES 400 VOLTS RDS(on) = 0.55 OHMS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com