Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1010B Datasheet(PDF) 3 Page - Actel Corporation

Part # A1010B
Description  5V and 3.3V Families fully compatible with JEDEC specifications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1010B Datasheet(HTML) 3 Page - Actel Corporation

  A1010B Datasheet HTML 1Page - Actel Corporation A1010B Datasheet HTML 2Page - Actel Corporation A1010B Datasheet HTML 3Page - Actel Corporation A1010B Datasheet HTML 4Page - Actel Corporation A1010B Datasheet HTML 5Page - Actel Corporation A1010B Datasheet HTML 6Page - Actel Corporation A1010B Datasheet HTML 7Page - Actel Corporation A1010B Datasheet HTML 8Page - Actel Corporation A1010B Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1-285
ACT 1 Series FPGAs
source 10 mA at TTL levels. See Electrical Specifications for
additional I/O buffer specifications.
Device Organization
ACT 1 devices consist of a matrix of logic modules arranged in
rows separated by wiring channels. This array is surrounded
by a ring of peripheral circuits including I/O buffers,
testability circuits, and diagnostic probe circuits providing
real-time diagnostic capability. Between rows of logic
modules are routing channels containing sets of segmented
metal tracks with PLICE antifuses. Each channel has 22
signal tracks. Vertical routing is permitted via 13 vertical
tracks per logic module column. The resulting network allows
arbitrary and flexible interconnections between logic
modules and I/O modules.
Probe Pin
ACT 1 devices have two independent diagnostic probe pins.
These pins allow the user to observe any two internal signals
by entering the appropriate net name in the diagnostic
software. Signals may be viewed on a logic analyzer using
Actel’s Actionprobe® diagnostic tools. The probe pins can
also be used as user-defined I/Os when debugging is finished.
ACT 1 Array Performance
Temperature and Voltage Effects
Worst-case delays for ACT 1 arrays are calculated in the same
manner as for masked array products. A typical delay
parameter is multiplied by a derating factor to account for
temperature, voltage, and processing effects. However, in an
ACT 1 array, temperature and voltage effects are less
dramatic
than
with
masked
devices.
The
electrical
characteristics of module interconnections on ACT 1 devices
remain constant over voltage and temperature fluctuations.
As a result, the total derating factor from typical to
worst-case for a standard speed ACT 1 array is only 1.19 to 1,
compared to 2 to 1 for a masked gate array.
Logic Module Size
Logic module size also affects performance. A mask
programmed gate array cell with four transistors usually
implements only one logic level. In the more complex logic
module (similar to the complexity of a gate array macro) of
an ACT 1 array, implementation of multiple logic levels
within a single module is possible. This eliminates interlevel
wiring and associated RC delays. The effect is termed “net
compression.”
Ordering Information
Application (Temperature Range)
C = Commercial (0 to +70
°C)
I
= Industrial (–40 to +85
°C)
M = Military (–55 to +125
°C)
B = MIL-STD-883
Package Type
PL
= Plastic J-Leaded Chip Carriers
PQ
= Plastic Quad Flatpacks
CQ
= Ceramic Quad Flatpack
PG
= Ceramic Pin Grid Array
VQ
= Very Thin Quad Flatpack
Speed Grade
Blank = Standard Speed
–1
= Approximately 15% faster than Standard
–2
= Approximately 25% faster than Standard
–3
= Approximately 35% faster than Standard
Part Number
A1010
= 1200 Gates (5 V)
A1020
= 2000 Gates (5 V)
A10V10 = 1200 Gates (3.3 V)
A10V20 = 2000 Gates (3.3 V)
Die Revision
B = 1.0 micron CMOS Process
Package Lead Count
A1010
B
2
PL
84
C


Similar Part No. - A1010B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1010B ACTEL-A1010B Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
logo
Microsemi Corporation
A1010B MICROSEMI-A1010B Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-1CQ84B ACTEL-A1010B-1CQ84B Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1010B-1CQ84C ACTEL-A1010B-1CQ84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1010B-1CQ84I ACTEL-A1010B-1CQ84I Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
More results

Similar Description - A1010B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC908KX2MDWE FREESCALE-MC908KX2MDWE Datasheet
1Mb / 210P
   High-performance M68HC08 architecture, Fully upward-compatible object code with M6805, M146805, and M68HC05 Families
logo
Murata Manufacturing Co...
7825335C MURATA-7825335C Datasheet
525Kb / 5P
   MAX253 Compatible Converter Transformers 3.3V and 5V versions
logo
Dallas Semiconductor
DS1814 DALLAS-DS1814 Datasheet
146Kb / 8P
   5V and 3.3V MicroMonitor
logo
Maxim Integrated Produc...
DS1814 MAXIM-DS1814 Datasheet
152Kb / 8P
   5V and 3.3V MicroMonitor
122001
logo
ATMEL Corporation
AT27BV4096 ATMEL-AT27BV4096_14 Datasheet
324Kb / 14P
   Pin Compatible with JEDEC Standard AT27C4096
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
logo
Xilinx, Inc
XCR22V10 XILINX-XCR22V10 Datasheet
208Kb / 14P
   Function/JEDEC map compatible with Bipolar
logo
Texas Instruments
TMS29F010 TI1-TMS29F010_08 Datasheet
461Kb / 36P
[Old version datasheet]   Compatible With JEDEC Byte-Wide Pinouts
logo
Broadcom Corporation.
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
Exar Corporation
XR16C2850 EXAR-XR16C2850 Datasheet
611Kb / 43P
   3.3V AND 5V DUART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com