Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70915DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70915DBVT
Description  150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70915DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS70915DBVT Datasheet HTML 1Page - Texas Instruments TPS70915DBVT Datasheet HTML 2Page - Texas Instruments TPS70915DBVT Datasheet HTML 3Page - Texas Instruments TPS70915DBVT Datasheet HTML 4Page - Texas Instruments TPS70915DBVT Datasheet HTML 5Page - Texas Instruments TPS70915DBVT Datasheet HTML 6Page - Texas Instruments TPS70915DBVT Datasheet HTML 7Page - Texas Instruments TPS70915DBVT Datasheet HTML 8Page - Texas Instruments TPS70915DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TPS709
www.ti.com
SBVS186E – MARCH 2012 – REVISED NOVEMBER 2013
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, VIN = VOUT (typ) + 1 V or 2.7 V (whichever is greater), IOUT = 1 mA, VEN = 2 V, and CIN = COUT = 2.2-μF
ceramic, unless otherwise noted. Typical values are at TA = +25°C.
TPS709xx
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.7
30
V
VOUT
Output voltage range
1.2
6.5
V
VOUT < 3.3 V
–2
2
%
VO
DC output accuracy
VOUT ≥ 3.3 V
–1
1
%
Line regulation
(VOUT(NOM) + 1 V, 2.7 V) ≤ VIN ≤ 30 V
3
10
mV
ΔVO
VIN = VOUT (typ) + 1.5 V or 3 V (whichever is
Load regulation
20
50
mV
greater), 100 µA
≤ IOUT ≤ 150 mA
TPS70933, IOUT = 50 mA
295
650
mV
TPS70933, IOUT = 150 mA
960
1400
mV
TPS70950, IOUT = 50 mA
245
500
mV
VDO
Dropout voltage(1)(2)
TPS70950, IOUT = 150 mA
690
1200
mV
TPS70965, IOUT = 50 mA
180
500
mV
TPS70965, IOUT = 150 mA
460
1000
mV
ICL
Output current limit(3)
VOUT = 0.9 × VOUT(NOM)
200
320
500
mA
IOUT = 0 mA, VOUT ≤ 3.3 V
1.3
2.05
µA
IGND
Ground pin current
IOUT = 0 mA, VOUT > 3.3 V
1.4
2.25
µA
IOUT = 150 mA
350
µA
ISHUTDOWN
Shutdown current
VEN ≤ 0.4 V, VIN = 2.7 V
150
nA
f = 10 Hz
80
dB
PSRR
Power-supply rejection ratio
f = 100 Hz
62
dB
f = 1 kHz
52
dB
BW = 10 Hz to 100 kHz, IOUT = 10 mA,
VN
Output noise voltage
190
μVRMS
VIN = 2.7 V, VOUT = 1.2 V
VOUT(NOM) ≤ 3.3 V
200
600
µs
tSTR
Start-up time(4)
VOUT(NOM) > 3.3 V
500
1500
µs
Enable pin high (enabled)
0.9
V
VEN(HI)
Enable pin high (disabled)
0
0.4
V
IEN
EN pin current
EN = 1.0 V, VIN = 5.5 V
300
nA
Reverse current
VOUT = 3 V, VIN = VEN = 0 V
10
nA
(flowing out of IN pin)
IREV
Reverse current
VOUT = 3 V, VIN = VEN = 0 V
100
nA
(flowing into OUT pin)
Shutdown, temperature increasing
+158
°C
Thermal shutdown
tSD
temperature
Reset, temperature decreasing
+140
°C
Operating junction
TJ
–40
+125
°C
temperature
(1)
VDO is measured with VIN = 0.98 × VOUT(NOM).
(2)
Dropout is only valid when VOUT ≥ 2.8 V because of the minimum input voltage limits.
(3)
Measured with VIN = VOUT + 3 V for VOUT ≤ 2.5 V. Measured with VIN = VOUT + 2.5 V for VOUT > 2.5 V.
(4)
Startup time = time from EN assertion to 0.95 × VOUT(NOM) and load = 47 Ω.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS70915DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70915DBVT TI1-TPS70915DBVT Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70915DBVT TI1-TPS70915DBVT Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS70915DBVT TI1-TPS70915DBVT Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70915DBVT TI-TPS70915DBVT Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results

Similar Description - TPS70915DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com