Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1020B-1PG84B Datasheet(PDF) 1 Page - Actel Corporation

Part # A1020B-1PG84B
Description  Highly Predictable Performance with 100% Automatic Placement and Routing
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1020B-1PG84B Datasheet(HTML) 1 Page - Actel Corporation

  A1020B-1PG84B Datasheet HTML 1Page - Actel Corporation A1020B-1PG84B Datasheet HTML 2Page - Actel Corporation A1020B-1PG84B Datasheet HTML 3Page - Actel Corporation A1020B-1PG84B Datasheet HTML 4Page - Actel Corporation A1020B-1PG84B Datasheet HTML 5Page - Actel Corporation A1020B-1PG84B Datasheet HTML 6Page - Actel Corporation A1020B-1PG84B Datasheet HTML 7Page - Actel Corporation A1020B-1PG84B Datasheet HTML 8Page - Actel Corporation A1020B-1PG84B Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
Ja nuar y 2000
1
© 2000 Actel Corporation
v 3.0
HiRel FPGAs
Fe a t ur es
• Highly Predictable Performance with 100% Automatic
Placement and Routing
• Device Sizes from 1,200 to 20,000 Gates
• Up to 6 Fast, Low-Skew Clock Networks
• Up to 202 User-Programmable I/O Pins
• More Than 500 Macro Functions
• Up to 1,276 Dedicated Flip-Flops
• I/O Drive to 10 mA
• Devices Available to DSCC SMD
• CQFP and CPGA Packaging
• Nonvolatile, User Programmable
• Logic Fully Tested Prior to Shipment
• 100% Military Temperature Tested (–55°C to +125°C)
• QML Certified Devices
• Proven Reliability Data Available
• Successful Military/Avionics Supplier for Over 10 Years
A C T 3 Fe at ure s
• Highest-Performance, Highest-Capacity FPGA Family
• System Performance to 60 MHz over Military Temperature
• Low-Power 0.8µ CMOS Technology
3 200 DX F eat u r e s
• 100 MHz System Logic Integration
• Highest Speed FPGA SRAM, up to 2.5 kbits Configurable
Dual-Port SRAM
• Fast Wide-Decode Circuitry
• Low-Power 0.6µ CMOS Technology
12 0 0 X L Fe at ure s
• Pin for Pin Compatible with ACT 2
• System Performance to 50 MHz over Military Temperature
• Low-Power 0.6µ CMOS Technology
A C T 2 Fe at ure s
• Best-Value, High-Capacity FPGA Family
• System Performance to 40 MHz over Military Temperature
• Low-Power 1.0µ CMOS Technology
A C T 1 Fe at ure s
• Lowest-Cost FPGA Family
• System Performance to 20 MHz over Military Temperature
• Low-Power 1.0µ CMOS Technology
P r o d u c t F a m ily P r o f ile (more devices on page 2)
Family
3200DX
ACT 3
1200XL
Device
A32100DX
A32200DX
A1425A
A1460A
A14100A
A1280XL
Capacity
System Gates
Logic Gates
SRAM Bits
15,000
10,000
2,048
30,000
20,000
2,560
3,750
2,500
NA
9,000
6,000
NA
15,000
10,000
NA
12,000
8,000
Logic Modules
S-Modules
C-Modules
Decode
1,362
700
662
20
2,414
1,230
1,184
24
310
160
150
NA
848
432
416
NA
1,377
697
680
NA
1,232
624
608
NA
Flip-Flops (Maximum)
738
1,276
435
976
1,493
998
User I/Os (Maximum)
152
202
100
168
228
140
Performance
System Speed (maximum)
55 MHz
55 MHz
60 MHz
60 MHz
60 MHz
50 MHz
Packages (by Pin Count)
CPGA
CQFP
84
208, 256
133
132
207
196
257
256
176
172


Similar Part No. - A1020B-1PG84B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1020B-1PG84B ACTEL-A1020B-1PG84B Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-1PG84B ACTEL-A1020B-1PG84B Datasheet
1Mb / 98P
   HiRel FPGAs
More results

Similar Description - A1020B-1PG84B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A10V20B-PL84C ACTEL-A10V20B-PL84C Datasheet
1Mb / 98P
   Highly Predictable Performance with 100 Automatic Placement and Routing
A1020B-PL44C ACTEL-A1020B-PL44C Datasheet
1Mb / 98P
   Highly Predictable Performance with Automatic Placement and Routing
logo
Everlight Electronics C...
EAST16086GA7 EVERLIGHT-EAST16086GA7 Datasheet
332Kb / 9P
   Compatible with automatic placement equipment.
EASRL3216GA3 EVERLIGHT-EASRL3216GA3 Datasheet
909Kb / 11P
   Compatible with automatic placement equipment.
EASR3216BA3 EVERLIGHT-EASR3216BA3 Datasheet
934Kb / 9P
   Compatible with automatic placement equipment.
EASV1810RA1 EVERLIGHT-EASV1810RA1 Datasheet
414Kb / 10P
   Compatible with automatic placement equipment.
EASV2010RGA1 EVERLIGHT-EASV2010RGA1 Datasheet
453Kb / 13P
   Compatible with automatic placement equipment.
EASV1706YA0 EVERLIGHT-EASV1706YA0 Datasheet
371Kb / 10P
   Compatible with automatic placement equipment.
EASV3015BA2 EVERLIGHT-EASV3015BA2 Datasheet
263Kb / 10P
   Compatible with automatic placement equipment.
EASV3015RGBA4 EVERLIGHT-EASV3015RGBA4 Datasheet
695Kb / 13P
   Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com