Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3935 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A3935
Description  3-Phase Power MOSFET Controller for Automotive Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3935 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A3935 Datasheet HTML 5Page - Allegro MicroSystems A3935 Datasheet HTML 6Page - Allegro MicroSystems A3935 Datasheet HTML 7Page - Allegro MicroSystems A3935 Datasheet HTML 8Page - Allegro MicroSystems A3935 Datasheet HTML 9Page - Allegro MicroSystems A3935 Datasheet HTML 10Page - Allegro MicroSystems A3935 Datasheet HTML 11Page - Allegro MicroSystems A3935 Datasheet HTML 12Page - Allegro MicroSystems A3935 Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
3-Phase Power MOSFET Controller for Automotive Applications
A3935
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Number
Name
Function
1
CSP
Current-sense input, positive-side
2
VDSTH
DC input, drain-to-source monitor threshold voltage
3
LSS
Gate-drive source return, low-side
4
GLC
Gate-drive C output, low-side
5
SC
Load phase C input
6
GHC
Gate-drive C output, high-side
7
CC
Bootstrap capacitor C
8
GLB
Gate-drive B output, low-side
9
SB
Load phase B input
10
GHB
Gate-drive B output, high-side
11
CB
Bootstrap capacitor B
12
GLA
Gate-drive A output, low-side
13
SA
Load phase A input
14
GHA
Gate-drive A output, high-side
15
CA
Bootstrap capacitor A
16
VREG
Gate drive supply, positive
17
VDRAIN
Kelvin connection to MOSFET high-side drains
18
VBOOST Boost supply output
Number
Name
Function
19
BOOSTS Boost switch, source
20
BOOSTD Boost switch, drain
21
GND
Ground, dc supply returns, negative
22
VBAT
Battery supply, positive
23
UVFLT
VBAT undervoltage fault output
24
OVFLT
VBAT overvoltage fault output
25
¯F¯¯A¯¯U¯¯L¯¯T¯
Active-low fault output, primary
26
ALO
Gate control input A, low-side
27
AHI
Gate control input A, high-side
28
BHI
Gate control input B, high-side
29
BLO
Gate control input B, low-side
30
CLO
Gate control input C, low-side
31
CHI
Gate control input C, high-side
32
ENABLE
Gate output enable
33
OVSET
DC input, overvoltage threshold setting for VBAT
34
CSOUT
Current-sense amplifier output
35
VDD
Logic supply, nominally +5 V
36
CSN
Current-sense input, negative-side
Pin-out Diagram
CB
GLA
SA
GHA
CA
VREG
VDRAIN
VBOOST
ALO
FAULT
OVFLT
UVFLT
VBAT
GND
BOOSTD
BOOSTS
5
6
7
8
9
10
11
12
13
14
15
16
17
18
4
3
32
31
30
29
28
33
34
LSS
GLC
SC
GHC
CC
GLB
SB
GHB
CSOUT1
OVSET
ENABLE
CHI
CLO
BLO
BHI
2
1
35
36
23
22
21
20
19
24
25
26
27
CSP
VDSTH
CSN
VDD
AHI
Terminal List


Similar Part No. - A3935

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3935 ALLEGRO-A3935 Datasheet
318Kb / 13P
   3-Phase Power MOSFET Controller for Automotive Applications
A3935KE ALLEGRO-A3935KE Datasheet
317Kb / 16P
   3-PHASE POWER MOSFET CONTROLLER
A3935KJP ALLEGRO-A3935KJP Datasheet
317Kb / 16P
   3-PHASE POWER MOSFET CONTROLLER
A3935KLQ ALLEGRO-A3935KLQ Datasheet
317Kb / 16P
   3-PHASE POWER MOSFET CONTROLLER
A3935KLQ ALLEGRO-A3935KLQ Datasheet
299Kb / 15P
   THREE-PHASE POWER MOSFET CONTROLLER
More results

Similar Description - A3935

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3935 ALLEGRO-3935 Datasheet
211Kb / 16P
   3-PHASE POWER MOSFET CONTROLLER - For Automotive Applications
A3935KLQTR-T ALLEGRO-A3935KLQTR-T Datasheet
318Kb / 13P
   3-Phase Power MOSFET Controller for Automotive Applications
A3935KLQ ALLEGRO-A3935KLQ Datasheet
317Kb / 16P
   3-PHASE POWER MOSFET CONTROLLER
A3930 ALLEGRO-A3930 Datasheet
382Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
A3930 ALLEGRO-A3930_16 Datasheet
380Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
A3930 ALLEGRO-A3930 Datasheet
449Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393B ONSEMI-NCP5393B Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com