Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1325LUA-T2 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A1325LUA-T2
Description  Low Noise, Linear Hall Effect Sensor ICs with Analog Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1325LUA-T2 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1325LUA-T2 Datasheet HTML 4Page - Allegro MicroSystems A1325LUA-T2 Datasheet HTML 5Page - Allegro MicroSystems A1325LUA-T2 Datasheet HTML 6Page - Allegro MicroSystems A1325LUA-T2 Datasheet HTML 7Page - Allegro MicroSystems A1325LUA-T2 Datasheet HTML 8Page - Allegro MicroSystems A1325LUA-T2 Datasheet HTML 9Page - Allegro MicroSystems A1325LUA-T2 Datasheet HTML 10Page - Allegro MicroSystems A1325LUA-T2 Datasheet HTML 11Page - Allegro MicroSystems A1325LUA-T2 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Linear Hall Effect Sensor ICs with Analog Output
A1324, A1325,
and A1326
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Amp
Regulator
Clock/Logic
Hall Element
Tuned
Filter
Anti-Aliasing
LP Filter
Concept of Chopper Stabilization Technique
Typical Application Circuit
Chopper Stabilization Technique
When using Hall-effect technology, a limiting factor for
switchpoint accuracy is the small signal voltage developed across
the Hall element. This voltage is disproportionally small relative
to the offset that can be produced at the output of the Hall IC.
This makes it difficult to process the signal while maintaining an
accurate, reliable output over the specified operating temperature
and voltage ranges. Chopper stabilization is a unique approach
used to minimize Hall offset on the chip. Allegro employs a
patented technique to remove key sources of the output drift
induced by thermal and mechanical stresses. This offset reduc-
tion technique is based on a signal modulation-demodulation
process. The undesired offset signal is separated from the
magnetic field-induced signal in the frequency domain, through
modulation. The subsequent demodulation acts as a modulation
process for the offset, causing the magnetic field-induced signal
to recover its original spectrum at baseband, while the DC offset
becomes a high-frequency signal. The magnetic-sourced signal
then can pass through a low-pass filter, while the modulated DC
offset is suppressed. In addition to the removal of the thermal and
stress related offset, this novel technique also reduces the amount
of thermal noise in the Hall IC while completely removing the
modulated residue resulting from the chopper operation. The
chopper stabilization technique uses a high frequency sampling
clock. For demodulation process, a sample-and-hold technique
is used. This high-frequency operation allows a greater sampling
rate, which results in higher accuracy and faster signal-processing
capability. This approach desensitizes the chip to the effects
of thermal and mechanical stresses, and produces devices that
have extremely stable quiescent Hall output voltages and precise
recoverability after temperature cycling. This technique is made
possible through the use of a BiCMOS process, which allows the
use of low-offset, low-noise amplifiers in combination with high-
density logic integration and sample-and-hold circuits.
GND
1[1]
3[2]
Pin numbers in brackets
refer to the UA package
2[3]
VOUT
VOUT
A132x
VCC
V+
0.1 μF
CBYPASS


Similar Part No. - A1325LUA-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1325LUA-T2 ALLEGRO-A1325LUA-T2 Datasheet
1Mb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1325LUA-T2 ALLEGRO-A1325LUA-T2 Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
More results

Similar Description - A1325LUA-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1324-26 ALLEGRO-A1324-26 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LUA-T ALLEGRO-A1324LUA-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324 Datasheet
292Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324_16 Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1325LLHLT-T ALLEGRO-A1325LLHLT-T Datasheet
1Mb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com