Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70933DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70933DBVR
Description  150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70933DBVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS70933DBVR Datasheet HTML 1Page - Texas Instruments TPS70933DBVR Datasheet HTML 2Page - Texas Instruments TPS70933DBVR Datasheet HTML 3Page - Texas Instruments TPS70933DBVR Datasheet HTML 4Page - Texas Instruments TPS70933DBVR Datasheet HTML 5Page - Texas Instruments TPS70933DBVR Datasheet HTML 6Page - Texas Instruments TPS70933DBVR Datasheet HTML 7Page - Texas Instruments TPS70933DBVR Datasheet HTML 8Page - Texas Instruments TPS70933DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
DRV PACKAGE
2-mm
2-mm SON-6
(TOP VIEW)
´
IN
NC
EN
6
5
4
OUT
NC
GND
1
2
3
DBV PACKAGE
SOT-23-5
(TOP VIEW)
OUT
NC
IN
GND
EN
1
2
3
5
4
DCY PACKAGE
SOT-223-4
(TOP VIEW)
IN
OUT
2
1
3
GND
GND
4
TPS709xx
EN
IN
OUT
V
IN
V
OUT
1
F
m
2.2
F
m
GND
NC
TPS709
www.ti.com
SBVS186E – MARCH 2012 – REVISED NOVEMBER 2013
150-mA, 30-V, 1-µA IQ Voltage Regulators with Enable
1
FEATURES
DESCRIPTION
The TPS709xx series of linear regulators are ultralow,
23
Ultralow IQ: 1 μA
quiescent
current
devices
designed
for
power-
Reverse Current Protection
sensitive applications. A precision band-gap and error
Low ISHUTDOWN: 150 nA
amplifier provides 2% accuracy over temperature.
Quiescent current of only 1 µA makes these devices
Input Voltage Range: 2.7 V to 30 V
ideal
solutions
for
battery-powered,
always-on
Supports 200-mA Peak Output
systems that require very little idle-state power
Low Dropout: 245 mV at 50 mA
dissipation. These devices have thermal-shutdown,
current-limit,
and
reverse-current
protections
for
2% Accuracy Over Temperature
added safety.
Available in Fixed-Output Voltages:
1.2 V to 6.5 V
These regulators can be put into shutdown mode by
pulling the EN pin low. The shutdown current in this
Thermal Shutdown and Overcurrent Protection
mode goes down to 150 nA, typical.
Packages: SOT-23-5, SON-6, SOT-223-4(1)
The TPS709xx series is available in SON-6, SOT-23-
(1)
The SOT-223-4 (DCY) package is a product preview device.
5, and SOT-223-4 packages.
APPLICATIONS
Zigbee™ Networks
Home Automation
Metering
Weighing Scales
Portable Power Tools
Remote Control Devices
Wireless Handsets, Smart Phones, PDAs,
WLAN, and Other PC Add-On Cards
White Goods
TYPICAL APPLICATION CIRCUIT
NOTE: The DCY package is a product preview device.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Zigbee is a trademark of ZigBee Alliance.
3
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2012–2013, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS70933DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70933DBVR TI1-TPS70933DBVR Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TPS70933DBVR TI1-TPS70933DBVR Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70933DBVR TI1-TPS70933DBVR Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS70933DBVR TI1-TPS70933DBVR Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70933DBVR TI-TPS70933DBVR Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results

Similar Description - TPS70933DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com