Electronic Components Datasheet Search |
|
XC6215P142NR-G Datasheet(PDF) 7 Page - Torex Semiconductor |
|
XC6215P142NR-G Datasheet(HTML) 7 Page - Torex Semiconductor |
7 / 36 page 7/36 XC6215 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNIT. CIRCUIT VOUT(T)=0.9V 1.5V≦VIN≦6.0V IOUT=1mA VOUT(T)=1.0V~1.2V VOUT(T)+0.5V≦VIN≦6.0V IOUT=1mA Line Regulation VOUT VIN VOUT VOUT(T)≧1.3V VOUT(T)+0.5V≦VIN≦6.0V IOUT=30mA - 0.05 0.15 %/V ① Input Voltage VIN - 1.5 - 6.0 V - Output Voltage Temperature Characteristics VOUT Topr VOUT VIN=VOUT(T)+1.0V,IOUT= 30mA - 40℃< Topr < 85℃ - ± 100 - ppm /℃ ① VOUT=VOUT(E)×0.95 VOUT(T)=0.9V VIN= VOUT(T)+2.0V 100 300 - VOUT=VOUT(E)×0.95 VOUT(T)=1.0V ~ 1.1V VIN=VOUT(T)+2.0V 120 300 - VOUT=VOUT(E)×0.95 VOUT(T)=1.2V ~ 1.3V VIN=VOUT(T)+2.0V 160 300 - VOUT=VOUT(E)×0.95 VOUT(T)=1.4V ~ 2.9V VIN=VOUT(T)+2.0V 200 300 - Current Limit IIim VOUT=VOUT(E)×0.95 VOUT(T)≧3.0V VIN=VOUT(T)+1.0V 200 300 - mA ① Short Circuit Current Ishort VIN=VOUT(T)+1.0V, VOUT=0V - 50 - mA ① ■ ELECTRICAL CHARACTERISTICS (Continued) ● XC6215P Series (Continued) Ta = 25℃ NOTE: *1: VOUT(T): Fixed output voltage *2: VOUT(E) = Effective output voltage (i.e. the output voltage when “VOUT(T) + 1.0V” is provided at the VIN pin while maintaining a certain IOUT value). *3: Vdif = { VIN1 (*4)– VOUT1 (*5)} *4: VIN1 = The input voltage when VOUT1 appears as input voltage is gradually decreased. *5: VOUT1 = A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT { VOUT(T) + 1.0V } is input. *6: Refer to “VOLTAGE CHART”. |
Similar Part No. - XC6215P142NR-G |
|
Similar Description - XC6215P142NR-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |