Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3973 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3973
Description  DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3973 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3973 Datasheet HTML 1Page - Allegro MicroSystems 3973 Datasheet HTML 2Page - Allegro MicroSystems 3973 Datasheet HTML 3Page - Allegro MicroSystems 3973 Datasheet HTML 4Page - Allegro MicroSystems 3973 Datasheet HTML 5Page - Allegro MicroSystems 3973 Datasheet HTML 6Page - Allegro MicroSystems 3973 Datasheet HTML 7Page - Allegro MicroSystems 3973 Datasheet HTML 8Page - Allegro MicroSystems 3973 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3973
DUAL DMOS FULL-BRIDGE
MICROSTEPPING PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VBB = 35 V, VDD = 5.0 V, VS = 0.5 V,
f
PWM < 50 kHz (unless otherwise noted).
Limits
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Logic (continued)
Internal Oscillator
f
OSC
OSC shorted to ground
3.0
4.0
5.0
MHz
R
OSC = 51 kΩ
3.4
4.0
4.6
MHz
DAC Accuracy (total error)
E
T
Relative to DAC reference buffer
±1/2
LSB
output, D0 = 0, D17 = 0
Reference Input Voltage Range
V
REF(EXT)
0.5
2.6
V
Reference Buffer Offset
V
OS
±10
mV
Reference Divider Ratio
V
REF/VS
D0 = 0, D18 = 0
8.0
D0 = 0, D18 = 1
4.0
Reference Input Current
I
REF
V
REF = 2.0 V
±0.5
µA
Internal Reference Voltage
V
REF(INT)
1.94
2.0
2.06
V
Gain (G
m) Error (note 3)
E
G
D0 = 0, D17 = 0,
D18 = 0, DAC = 63
0
±6%
D18 = 0, DAC = 31
0
±9%
D18 = 1, DAC = 63
0
±6%
D18 = 1, DAC = 15
0
±10
%
Comparator Input Offset Voltage
V
IO
V
REF = 0 V
±5.0
mV
Propagation Delay Times
t
pd
50% to 90%:
PWM change to source on
500
800
1200
ns
PWM change to source off
50
150
350
ns
PWM change to sink on
500
800
1200
ns
PWM change to sink off
50
150
350
ns
Crossover Dead Time
t
dt
300
700
900
ns
Thermal Shutdown Temperature
T
J
165
°C
Thermal Shutdown Hysteresis
∆T
J
—15
°C
UVLO Enable Threshold
V
UVLO
Increasing V
DD
3.9
4.2
4.45
V
UVLO Hysteresis
∆V
UVLO
0.05
0.10
V
NOTES: 1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device terminal.
3. E
G = [(VREF/Range) – VS]/(VREF/Range).


Similar Part No. - 3973

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
397 ETC2-397 Datasheet
335Kb / 1P
   T-1 3/4 STANDARD MIDGET GROOVE
logo
Energizer
397 ENERGIZER-397 Datasheet
534Kb / 1P
   Silver Oxide Batteries
397-396TZ ENERGIZER-397-396TZ Datasheet
534Kb / 1P
   Industry Standard Dimensions
logo
Agere Systems
3970 AGERE-3970 Datasheet
121Kb / 6P
   3970-Type 1550 nm Transmitter
logo
Qualtek Electronics Cor...
397001-01 QUALTEK-397001-01 Datasheet
163Kb / 1P
   POWER CORD
More results

Similar Description - 3973

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3992 ALLEGRO-A3992_13 Datasheet
549Kb / 13P
   DMOS Dual Full-Bridge Microstepping PWM Motor Driver
A3972 ALLEGRO-A3972 Datasheet
312Kb / 10P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
A3973SLB-T ALLEGRO-A3973SLB-T Datasheet
364Kb / 10P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
A3992 ALLEGRO-A3992 Datasheet
477Kb / 13P
   DMOS Dual Full-Bridge Microstepping PWM Motor Driver
A3973 ALLEGRO-A3973 Datasheet
364Kb / 10P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
3972 ALLEGRO-3972 Datasheet
190Kb / 12P
   DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
A3972SB-T ALLEGRO-A3972SB-T Datasheet
282Kb / 11P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
logo
Shindengen Electric Mfg...
MTD2017G SHINDENGEN-MTD2017G Datasheet
120Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
MTD2018G SHINDENGEN-MTD2018G Datasheet
120Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
MTD2018F SHINDENGEN-MTD2018F Datasheet
91Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com