Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV271 Datasheet(PDF) 1 Page - ON Semiconductor

Part # TLV271
Description  Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV271 Datasheet(HTML) 1 Page - ON Semiconductor

  TLV271 Datasheet HTML 1Page - ON Semiconductor TLV271 Datasheet HTML 2Page - ON Semiconductor TLV271 Datasheet HTML 3Page - ON Semiconductor TLV271 Datasheet HTML 4Page - ON Semiconductor TLV271 Datasheet HTML 5Page - ON Semiconductor TLV271 Datasheet HTML 6Page - ON Semiconductor TLV271 Datasheet HTML 7Page - ON Semiconductor TLV271 Datasheet HTML 8Page - ON Semiconductor TLV271 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2013 − Rev. 4
1
Publication Order Number:
TLV271/D
TLV271
Single-Channel, Rail-to-Rail
Output, 3 MHz BW
Operational Amplifier
The TLV271 operational amplifier provides rail−to−rail output
operation. The output can swing within 320 mV to the positive rail and
50 mV to the negative rail. This rail−to−rail operation enables the user
to make optimal use of the entire supply voltage range while taking
advantage of 3 MHz bandwidth. The TLV271 can operate on supply
voltage as low as 2.7 V over the temperature range of −40
°C to 105°C.
The high bandwidth provides a slew rate of 2.4 V/
ms while only
consuming 550
mA of quiescent current. Likewise the TLV271 can run
on a supply voltage as high as 16 V making it ideal for a broad range of
battery−operated applications. Since this is a CMOS device it has high
input impedance and low bias currents making it ideal for interfacing
to a wide variety of signal sensors. In addition it comes in a small
TSOP−5 package with two pinout styles allowing for use in
high−density PCB’s.
Features
Rail−To−Rail Output
Wide Bandwidth: 3 MHz
High Slew Rate: 2.4 V/ms
Wide Power−Supply Range: 2.7 V to 16 V
Low Supply Current: 550 mA
Low Input Bias Current: 45 pA
Wide Temperature Range: −40°C to 105°C
Small Package: 5 Pin TSOP−5 (same as SOT23−5)
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Notebook Computers
Portable Instruments
1
5
XXXAYWG
G
TSOP−5
(SOT23−5)
SN SUFFIX
CASE 483
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
1
5
2
3
4
IN+
OUT
VDD
VEE
IN−
Style 1 Pinout (SN1T1)
(Top View)
+ −
PIN CONNECTIONS
http://onsemi.com
TLV271SN1T1G
(Style 1 Pinout)
TSOP−5
(Pb−Free)
3000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
XXX
= ADG (TLV271SN1T1G)
= ADH (TLV271SN2T1G)
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
5
1
5
2
3
4
IN+
OUT
VEE
VDD
IN−
Style 2 Pinout (SN2T1)
(Top View)
+ −
TLV271SN2T1G
(Style 2 Pinout)
TSOP−5
(Pb−Free)
3000 /
Tape & Reel


Similar Part No. - TLV271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV271 TI-TLV271 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV271 TI1-TLV271 Datasheet
1Mb / 36P
[Old version datasheet]   OPERATIONAL AMPLIFIERS
TLV271 TI1-TLV271 Datasheet
1Mb / 28P
[Old version datasheet]   OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TLV271 ONSEMI-TLV271 Datasheet
1Mb / 26P
   Operational Amplifier, Rail-to-Rail Output, 3 MHz BW
July, 2020 - Rev. 7
More results

Similar Description - TLV271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TLV271SN2T1G ONSEMI-TLV271SN2T1G Datasheet
968Kb / 12P
   Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
April, 2013 ??Rev. 3
TLV271 ONSEMI-TLV271 Datasheet
1Mb / 26P
   Operational Amplifier, Rail-to-Rail Output, 3 MHz BW
July, 2020 - Rev. 7
NCS20071 ONSEMI-NCS20071 Datasheet
967Kb / 24P
   Rail-to-Rail Output, BW Operational Amplifier
July, 2014 ??Rev. 1
NCS20071 ONSEMI-NCS20071_V01 Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
logo
STMicroelectronics
TS9511 STMICROELECTRONICS-TS9511 Datasheet
505Kb / 11P
   Precision rail-to-rail input/output 3 MHz single operational amplifier
July 2013 Rev 6
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001_13 Datasheet
184Kb / 16P
   Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com