Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV271 Datasheet(PDF) 4 Page - ON Semiconductor

Part # TLV271
Description  Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV271 Datasheet(HTML) 4 Page - ON Semiconductor

  TLV271 Datasheet HTML 1Page - ON Semiconductor TLV271 Datasheet HTML 2Page - ON Semiconductor TLV271 Datasheet HTML 3Page - ON Semiconductor TLV271 Datasheet HTML 4Page - ON Semiconductor TLV271 Datasheet HTML 5Page - ON Semiconductor TLV271 Datasheet HTML 6Page - ON Semiconductor TLV271 Datasheet HTML 7Page - ON Semiconductor TLV271 Datasheet HTML 8Page - ON Semiconductor TLV271 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TLV271
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (VDD = 2.7V, 3.3V, 5V & $5 V (Note 3), TA = 25°C, RL w 10 kW unless otherwise noted)
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
Output Current
IO
VO = 0.5 V from rail, VDD = 2.7 V
Positive rail
4.0
mA
Negative rail
5.0
VO = 0.5 V from rail, VDD = 5 V
Positive rail
7.0
Negative rail
8.0
VO = 0.5 V from rail, VDD = 10 V
Positive rail
13
Negative rail
12
Power Supply
Quiescent Current
IDD
VO = VDD/2
VDD = 2.7 V
380
560
mA
VDD = 3.3 V
385
620
VDD = 5 V
390
660
VDD = 10 V
400
800
TA = −40°C to +105°C
1000
3. VDD = ±5 V is shorthand for VDD = +5 V and VEE = −5 V.
AC ELECTRICAL CHARACTERISTICS (VDD = 2.7 V, 5 V, & $5 V (Note 4), TA = 25°C, and RL w 10 kW unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Unity Gain
Bandwidth
UGBW
RL = 2 kW, CL = 10 pF
VDD = 2.7 V
3.2
MHz
VDD = 5 V to
10 V
3.5
Slew Rate at Unity
Gain
SR
VO(pp) = VDD/2, RL = 10 kW, CL = 50 pF
VDD = 2.7 V
1.35
2.1
V/mS
TA = −40°C to +105°C
1
VO(pp) = VDD/2, RL = 10 kW, CL = 50 pF
VDD = 5 V
1.45
2.3
TA = −40°C to +105°C
1.2
VO(pp) = VDD/2, RL = 10 kW, CL = 50 pF
VDD = $5 V
1.8
2.6
TA = −40°C to +105°C
1.3
Phase Margin
qm
RL = 2 kW, CL = 10 pF
45
°
Gain Margin
RL = 2 kW, CL = 10 pF
14
dB
Settling Time to
0.1%
tS
V−step(pp) = 1 V, AV = −1, RL = 2 kW,
CL = 10 pF
VDD = 2.7 V
2.9
mS
V−step(pp) = 1 V, AV = −1, RL = 2 kW,
CL = 47 pF
VDD = 5 V,
$5 V
2.0
Total Harmonic
Distortion plus
Noise
THD+N
VDD = 2.7 V, VO(pp) = VDD/2, RL = 2 kW,
f = 10 kHz
AV = 1
0.004
%
AV = 10
0.04
AV = 100
0.3
VDD = 5 V, $ 5 V, VO(pp) = VDD/2, RL =
2 kW, f = 10 kHz
AV = 1
0.004
AV = 10
0.04
AV = 100
0.03
Input−Referred
Voltage Noise
en
f = 1 kHz
30
nV/√Hz
f = 10 kHz
20
Input−Referred
Current Noise
in
f = 1 kHz
0.6
fA/√Hz
4. VDD = ±5 V is shorthand for VDD = +5 V and VEE = −5 V.


Similar Part No. - TLV271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV271 TI-TLV271 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV271 TI1-TLV271 Datasheet
1Mb / 36P
[Old version datasheet]   OPERATIONAL AMPLIFIERS
TLV271 TI1-TLV271 Datasheet
1Mb / 28P
[Old version datasheet]   OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TLV271 ONSEMI-TLV271 Datasheet
1Mb / 26P
   Operational Amplifier, Rail-to-Rail Output, 3 MHz BW
July, 2020 - Rev. 7
More results

Similar Description - TLV271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TLV271SN2T1G ONSEMI-TLV271SN2T1G Datasheet
968Kb / 12P
   Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
April, 2013 ??Rev. 3
TLV271 ONSEMI-TLV271 Datasheet
1Mb / 26P
   Operational Amplifier, Rail-to-Rail Output, 3 MHz BW
July, 2020 - Rev. 7
NCS20071 ONSEMI-NCS20071 Datasheet
967Kb / 24P
   Rail-to-Rail Output, BW Operational Amplifier
July, 2014 ??Rev. 1
NCS20071 ONSEMI-NCS20071_V01 Datasheet
1Mb / 30P
   Operational Amplifier, Railto-Rail Output, 3 MHz BW
September, 2018 - Rev. 14
logo
STMicroelectronics
TS9511 STMICROELECTRONICS-TS9511 Datasheet
505Kb / 11P
   Precision rail-to-rail input/output 3 MHz single operational amplifier
July 2013 Rev 6
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001_13 Datasheet
184Kb / 16P
   Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com