Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TND524VS Datasheet(PDF) 1 Page - ON Semiconductor

Part # TND524VS
Description  Excellent Power Device Single-phase High Side Drive, Single VEC8
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TND524VS Datasheet(HTML) 1 Page - ON Semiconductor

  TND524VS Datasheet HTML 1Page - ON Semiconductor TND524VS Datasheet HTML 2Page - ON Semiconductor TND524VS Datasheet HTML 3Page - ON Semiconductor TND524VS Datasheet HTML 4Page - ON Semiconductor TND524VS Datasheet HTML 5Page - ON Semiconductor TND524VS Datasheet HTML 6Page - ON Semiconductor TND524VS Datasheet HTML 7Page - ON Semiconductor TND524VS Datasheet HTML 8Page - ON Semiconductor TND524VS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
51612IP TKIM TC-00002754 No.9053-1/11
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
TND524VS
Excellent Power Device
Single-phase High Side Drive, Single VEC8
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Single-phase high side drive
Monolithic structure
Allows simplified configuration of driver circuit
Withstand voltage of 600V is assured
Fully compatible input to LSTTL/CMOS
High-speed switching
Output current: 170mA Source, 340mA Sink
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C (All voltage parameters are absolute voltage feferenced to GND)
Parameter
Symbol
Conditions
Ratings
Unit
High Side Floating Supply Voltage
VH
--0.3 to 625
V
High Side Floating Supply Offset Voltage
VS
VH--25 to VH+0.3
V
High Side Output Voltage
VHOUT
VS--0.3 to VH+0.3
V
Logic Supply Voltage
VDD
--0.3 to 25
V
Logic Input Voltage
VHIN
--0.3 to VDD+0.3
V
The Maximum Allowable Offset
Voltage Supply
dVS/dt
50
V/ns
Allowable Power Dissipation
PD
When mounted on ceramic substrate (1000mm2×0.8mm)
1.1
W
Junction Temperature
Tj
--55 to +150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7012-013
Ordering number : EN9053
Product & Package Information
• Package
: VEC8
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Block Diagram
VDD
GND
HIN
HOUT
VS
VH
DT
LOT No.
2.9
0.65
0.3
123
4
87
6 5
0.15
1 : No Contact
2 : VS
3 : HOUT
4 : VH
5 : GND
6 : HIN
7 : VDD
8 : GND
VEC8
TL
TND524VS-TL-H


Similar Part No. - TND524VS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND523SS SANYO-TND523SS Datasheet
494Kb / 8P
   Single-phase High Side Drive Application
logo
ON Semiconductor
TND523SS ONSEMI-TND523SS Datasheet
464Kb / 12P
   Excellent Power Device
August, 2013
TND525SS ONSEMI-TND525SS Datasheet
461Kb / 13P
   Excellent Power Device Half-bridge Drive, Single SOIC8
August, 2013
TND525SS-TL-2H ONSEMI-TND525SS-TL-2H Datasheet
461Kb / 13P
   Excellent Power Device Half-bridge Drive, Single SOIC8
August, 2013
More results

Similar Description - TND524VS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND516SS SANYO-TND516SS Datasheet
72Kb / 8P
   ExPD(Excellent Power Device) Single-phase High Side Drive Application
logo
ON Semiconductor
TND525SS-TL-2H ONSEMI-TND525SS-TL-2H Datasheet
461Kb / 13P
   Excellent Power Device Half-bridge Drive, Single SOIC8
August, 2013
logo
Sanyo Semicon Device
TND523SS SANYO-TND523SS Datasheet
494Kb / 8P
   Single-phase High Side Drive Application
TND517VS SANYO-TND517VS Datasheet
373Kb / 8P
   Single-phase High Side Drive Application
TND512MD SANYO-TND512MD Datasheet
78Kb / 8P
   ExPD(Excellent-Performance Power & RF Device) 3-phase Motor Drive Application
logo
Renesas Technology Corp
UPD166019T1F RENESAS-UPD166019T1F Datasheet
168Kb / 18P
   Single P-Channel High-Side Intelligent Power Device
PD166010 RENESAS-PD166010_15 Datasheet
403Kb / 27P
   SINGLE N-CHANNEL HIGH SIDE INTELLIGENT POWER DEVICE
logo
Fairchild Semiconductor
FAN73611 FAIRCHILD-FAN73611 Datasheet
350Kb / 13P
   Single-Channel High-Side Gate Drive IC
logo
ON Semiconductor
TND027SW ONSEMI-TND027SW Datasheet
355Kb / 9P
   Excellent Power Device
August, 2013
TND321VD ONSEMI-TND321VD Datasheet
655Kb / 7P
   Excellent Power Device
March 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com