Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32924B2155K189 Datasheet(PDF) 5 Page - EPCOS

Part # B32924B2155K189
Description  EMI Suppression Capacitors (MKP) Not for new design
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32924B2155K189 Datasheet(HTML) 5 Page - EPCOS

  B32924B2155K189 Datasheet HTML 1Page - EPCOS B32924B2155K189 Datasheet HTML 2Page - EPCOS B32924B2155K189 Datasheet HTML 3Page - EPCOS B32924B2155K189 Datasheet HTML 4Page - EPCOS B32924B2155K189 Datasheet HTML 5Page - EPCOS B32924B2155K189 Datasheet HTML 6Page - EPCOS B32924B2155K189 Datasheet HTML 7Page - EPCOS B32924B2155K189 Datasheet HTML 8Page - EPCOS B32924B2155K189 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Typical applications
X2 class for interference suppression
"Across the line" applications
Climatic
Max. operating temperature: 110
°C
Climatic category (IEC 60068-1): 40/105/56
Construction
Dielectric: polypropylene (MKP)
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0)
Features
Very small dimensions
Self-healing properties
Terminals
Parallel wire leads, lead-free tinned
Standard lead lengths: 6
1 mm
Special lead lengths available on request
Marking
Manufacturer's logo, lot number,
date code, rated capacitance (coded),
cap. tolerance (code letter),
rated AC voltage,
series number, sub-class (X2),
dielectric code (MKP), climatic category,
passive flammability category, approvals.
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For taping details, refer to chapter
"Taping and packing"
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter
d1
Type
10
0.6
B32921
15
0.8
B32922
22.5
0.8
B32923
27.5
0.8
B32924
37.5
1.0
B32926
Marking Examples
= 10 mm
≥ 15 mm/C
R
≤1 µF
= 22.5, 27.5,
37 mm/CR>1
µF
Approvals
Marks of conformity
Standards
Certificate
EN 132400, IEC 60384-14
40010694
UL 1414 / UL 1283
E97863 / E157153
CSA C22.2 No.1 / No. 8
E97863 / E157153 (approved by UL)
CQC (GB/T 14472-1998)
CQC001007-14859
EMI suppression capacitors (MKP)
B32921A/B/T ... B32926A/B/T
X2 / 305 VAC
Not for new design
Page 2 of 7
Please read Important notes
at the end of this document.


Similar Part No. - B32924B2155K189

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32924 EPCOS-B32924 Datasheet
256Kb / 9P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32924 EPCOS-B32924 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32924 EPCOS-B32924 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32924 EPCOS-B32924 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
B32924A2105K000 EPCOS-B32924A2105K000 Datasheet
326Kb / 10P
   Film Capacitors EMI Suppression Capacitors (MKP) Not for new design
More results

Similar Description - B32924B2155K189

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32924A2225K189 EPCOS-B32924A2225K189 Datasheet
326Kb / 10P
   Film Capacitors EMI Suppression Capacitors (MKP) Not for new design
B32924C3105M EPCOS-B32924C3105M Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
B32023A3683M EPCOS-B32023A3683M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32921 TDK-B32921_16 Datasheet
648Kb / 24P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
B32021A3472M EPCOS-B32021A3472M Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32922C3334K189 EPCOS-B32922C3334K189 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
B81130C1103289 EPCOS-B81130C1103289 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B32921CD EPCOS-B32921CD Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81123 TDK-B81123_16 Datasheet
333Kb / 19P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com