Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCA10-10F-L Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # LCA10-10F-L
Description  Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LCA10-10F-L Datasheet(HTML) 4 Page - PANDUIT CORP.

  LCA10-10F-L Datasheet HTML 1Page - PANDUIT CORP. LCA10-10F-L Datasheet HTML 2Page - PANDUIT CORP. LCA10-10F-L Datasheet HTML 3Page - PANDUIT CORP. LCA10-10F-L Datasheet HTML 4Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P ANDUIT Crimp T ools
Controlled cycle mechanism
Ergonomic cushioned grips
Low handle effort
Integrated 5 position rotary crimp die
Crimps #14 – #10 AWG non-insulated copper lugs
Crimps #10 – #2 AWG non-insulated terminals
2-year warranty
Controlled cycle mechanism
Ergonomic cushioned grips
Low handle effort
Integrated 3-pocket crimp die
Crimps #14 – #10 AWG non-insulated copper lugs
Crimps #22 – #10 AWG non-insulated terminals and disconnects
2-year warranty
Crimps insulated and multi-use non-insulated connectors
#22 – #10 AWG
Cuts wire #10 AWG, cuts bolts #10 – #4, strips wire #22 – #10 AWG
90-day warranty
Crimps insulated and multi-use, non-insulated connectors
#22 – #10 AWG
Cuts wire #10 AWG
90-day warranty
CT-1701
CONTOUR CRIMP Tool
CT-1570
CONTOUR CRIMP Tool
CT-100 Plier Type Tool
CT-200 Plier Type Tool
PANDUIT ® offers a broad line of power connectors and
tools for virtually any application in sizes from
#22 AWG – 1000 kcmil. The full offering includes copper,
aluminum, compression and mechanical connectors for
use in power and grounding applications.
S
SA
A--P
PC
CC
CB
B0011
3/2004
FFo
orr m
mo
orre
e iin
nffo
orrm
ma
attiio
on
n o
orr tto
o rre
eq
qu
ue
esstt a
a c
ca
atta
allo
og
g
880000--777777--33330000
c
css@
@p
pa
an
nd
du
uiitt..c
co
om
m
www.panduit.com
PANDUIT ® CANADA
Markham, Ontario
Phone: 800.777.3300
PANDUIT ® EUROPE LTD.
London, UK
Phone: 44.208.601.7200
PANDUIT ® JAPAN
Tokyo, Japan
Phone: 81.3.3767.7011
PANDUIT ® ASIA PACIFIC PTE. LTD.
Republic of Singapore
Phone: 65.6379.6700
PANDUIT ® AUSTRALIA PTY. LTD.
Victoria, Australia
Phone: 61.3.9794.9020
PANDUIT ® LATIN AMERICA
Jalisco, Mexico
Phone: 52.333.666.2501
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
©
PANDUIT Corp. ALL RIGHTS RESERVED
Printed in U.S.A.
Tinley Park, Illinois 60477-3091
ELECTRICAL GR OUP


Similar Part No. - LCA10-10F-L

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LCA10-10-L PANDUIT-LCA10-10-L Datasheet
91Kb / 1P
   COPPER LUG-ONE-HOLE, STANDARD BARREL
LCA10-10-L PANDUIT-LCA10-10-L Datasheet
110Kb / 2P
   Code Conductor, One-Hole, Standard Barrel with Window Lug For Use with Stranded Copper Conductors
More results

Similar Description - LCA10-10F-L

ManufacturerPart #DatasheetDescription
logo
3M Electronics
30000 3M-30000 Datasheet
234Kb / 8P
   3M??Scotchlok??Copper Compression Lugs,
logo
List of Unclassifed Man...
1346243 ETC2-1346243 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled
28489 ETC2-28489 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled
3105A ETC2-3105A Datasheet
100Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1344817 ETC2-1344817 Datasheet
97Kb / 2P
   18 AWG stranded (7x26) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
28517 ETC2-28517 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com